PART |
Description |
Maker |
IRU1010CY IRU1010CP IRU1010CD IRU1010CS IRU1010CDT |
1A Adj LDO Linear Regulator in a SOT-223 3-Leads package 1A Adj LDO Linear Regulator in a ULTRA THIN-PAK 2-Leads package 1A Adj LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR 1A低压差型正,可调式稳压器
|
IRF[International Rectifier] International Rectifier, Corp.
|
NJM2208 NJM2208D |
Single Output LDO, 100mA, Fixed(2.9V), Shutdown, 0.75% Tolerance 5-SOT-23 -40 to 125 TV VIDEO MODULATOR
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
NJM2217 NJM2217L NJM2217M |
Single Output LDO, 100mA, Fixed(5.0V), Shutdown, 0.75% Tolerance 5-SOT-23 -40 to 125 VIDEO SUPER IMPOSER WITH AFC
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
ISL6566CR ISL6566IR ISL6566CRZ |
Single Output LDO, 500mA, Adj. (1.3 to 6.5V), Low Noise 8-SOIC -40 to 125 Dual Low-Noise Wide-Bandwidth Precision Amplifier 8-TSSOP -40 to 85
|
Intersil Corporation
|
MIC5253 MIC5253-1.85BC5 MIC5253-1.8BC5 MIC5253-2.6 |
100mA Low Noise µCap Teeny LDO 100mA Low Noise UCap Teeny LDO 3 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO5
|
MICREL[Micrel Semiconductor] Micrel Semiconductor,Inc. Micrel Semiconductor, Inc.
|
MC10H130FN MC10H130L MC10H130P ON0752 |
Dual In/Single Out Autoswitching Power MUX, Manual/Auto Sw, Adj. Cur Limit, Adj. Vol Threshold 8-TSSOP -40 to 85 10H SERIES, DUAL LOW LEVEL TRIGGERED D LATCH, COMPLEMENTARY OUTPUT, PDIP16 From old datasheet system Dual Latch
|
Motorola Mobility Holdings, Inc. Motorola, Inc.
|
IRU1150CMTR IRU1150CPTR |
4A Adj LDO Linear Regulator in a TO-263 5-Leads package 4A Adj LDO Linear Regulator in a ULTRA THIN-PAK 5-Leads package
|
International Rectifier
|
IRU1015CD IRU1015CDTR IRU1015CT |
1.5A Adj LDO Linear Regulator in a TO-220 3-Leads package 1.5A Adj LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package
|
International Rectifier
|
BD50FA1MG-M |
100mA Fixed Output for Automotive LDO Regulator
|
ROHM
|
P4C116L-35PC P4C116L-35JC P4C116L-35DC P4C116L-35D |
100mA LDO with Shutdown & /Error out & V REF Bypass, -40C to 125C, 6-SOT-23, T/R 50mA LDO with Shutdown & /Error out & V REF Bypass, -40C to 125C, 6-SOT-23, T/R 50mA LDO with Shutdown & /Error output, -40C to 125C, 5-SOT-23, T/R 100mA LDO with Shutdown & /Error output, -40C to 125C, 5-SOT-23, T/R 80 Ma Tiny CMOS, w/shutdown, -40C to 125C, 5-SC-70, T/R x8 SRAM x8的SRAM 100mA LDO with Shutdown & /Error out & V REF Bypass, -40C to 125C, 6-SOT-23, T/R x8的SRAM 100mA LDO with Shutdown & /Error output, -40C to 125C, 5-SOT-23, T/R x8的SRAM
|
Pyramid Semiconductor, Corp. Electronic Theatre Controls, Inc. Analog Devices, Inc.
|
BD80C0AFPS-M |
Single-Output LDO Regulator 1A Fixed Output LDO Regulators
|
Rohm
|
GS1084 GS1084CE1.8 GS1084CE2.5 GS1084CE3.3 GS1084C |
IC VREG 3.3 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSSO2, TO-252, DPAK-3, Fixed Positive Single Output LDO Regulator IC VREG 3.3 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSSO2, TO-263AB, D2PAK-3, Fixed Positive Single Output LDO Regulator IC VREG 1.8 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSSO2, TO-263AB, D2PAK-3, Fixed Positive Single Output LDO Regulator IC VREG 2.5 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSSO2, TO-263AB, D2PAK-3, Fixed Positive Single Output LDO Regulator 5A Low Dropout Positive Adjustable Regulator Half-Pitch DIP Switches 6CKT MINI SPOX PLUG HOUS 524006 16 NO Relay Outputs; For Use With:Eurotherm 6000 Series Graphical Paperless Recorders A低压差可调稳压器 16 NC Relay Outputs; For Use With:Eurotherm 6000 Series Graphical Paperless Recorders RoHS Compliant: NA A低压差可调稳压器
|
Vishay Semiconductors Vishay Telefunken Vishay Siliconix Vishay Intertechnology,Inc. Vishay Intertechnology, Inc.
|
|