PART |
Description |
Maker |
LTC1706-19 170619IF |
VID Voltage Programmer From old datasheet system
|
Linear
|
LTC1706EMS-81 LTC1706-81 LTC1706-81-15 |
5-Bit Desktop VID Voltage Programmer
|
Linear Technology Corporation http://
|
PI74ALVCH16835K |
VID Voltage Programmer; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C 18位缓冲器/驱动
|
EPCOS AG
|
54MT80KB 54MT100KB 54MT120KB 54MT140KB 54MT160KB 1 |
THREE PHASE AC SWITCH 800V 3 Phase Bridge in a INT-A-Pak package 1000V 3 Phase Bridge in a INT-A-Pak package 1200V 3 Phase Bridge in a INT-A-Pak package 1400V 3 Phase Bridge in a INT-A-Pak package 1600V 3 Phase Bridge in a INT-A-Pak package
|
IRF[International Rectifier]
|
160MT100KB 160MT120K 160MT120KB 160MT160KB 130MT80 |
THREE PHASE BRIDGE 三相桥式 800V 3 Phase Bridge in a INT-A-Pak package 1400V 3 Phase Bridge in a INT-A-Pak package 1000V 3 Phase Bridge in a INT-A-Pak package 1200V 3 Phase Bridge in a INT-A-Pak package 1600V 3 Phase Bridge in a INT-A-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRKLF132 2213 IRKHF152-04HL IRKLF132-08HL IRKLF152 |
INT-A-pak Power Modules(可控二极H结构INT-A-pak功率模块) 相依甲柏功率模块(可控硅/二极结构相依甲柏功率模块 INT-A-pak Power Modules(可控可控L结构INT-A-pak功率模块) INT-A-pak Power Modules(可控二极管H结构INT-A-pak功率模块) From old datasheet system FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
|
International Rectifier, Corp.
|
ISL6263C ISL6263CHRZ |
5-Bit VID Single-Phase Voltage Regulator with Current Monitor for GPU Core Power
|
Intersil Corporation
|
HIP6301 |
PWM Controller, 2-4 Phase Sync Buck, 1.10V to 1.85V, .0% Reg, Programmable Droop Voltage, 5-Bit VID DAC
|
Intersil
|
L6562 FN9012 ISL6562 ISL656062E ISL656062EVAL1 ISL |
Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller PWM Controller, 2-Phase Current Mode, 5-Bit VID, Reg ?.8%, 1.05-1.825 Voltage, VRM 8.5
|
http:// INTERSIL[Intersil Corporation]
|
HIP6311A |
PWM Controller, 2-4 Phase Sync Buck, 5-Bit VID DAC, 1.100V to 1.850V in 25mV Steps, .5% Reg, Prog Droop Voltage
|
Intersil
|
112MT120KB 112MT120KBS90 112MT100KB 112MT140KB 112 |
THREE PHASE CONTROLLED BRIDGE THREE PHASE CONTROLLED BRIDGE 三相控桥 CONN RING UNINSUL 12-10 AWG #10 HEADER, STRAIGHT, L/LATCH, 50WAY; Connector type:Wire-to-Board; Gender:Pin; Ways, No. of:50; Pitch, lead:2.54mm; Termination method:Solder; Material, contact:Phosphor Bronze (C510); Plating, contact:0.76u Gold over 2.54u Nickel; RoHS Compliant: Yes CONN L/FORK UNINSUL 12-10 AWG #1 Ejector Latch; For Use With:3M Shrouded Latch / Ejector PCB Headers With Strain Relief RoHS Compliant: Yes Ejector Latch; For Use With:3M Shrouded Latch / Ejector PCB Headers Without Strain Relief RoHS Compliant: Yes 800V 3 Phase Bridge in a INT-A-Pak package 1200V 3 Phase Bridge in a INT-A-Pak package 1600V 3 Phase Bridge in a INT-A-Pak package 1000V 3 Phase Bridge in a INT-A-Pak package 1400V 3 Phase Bridge in a INT-A-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
ISL6556B |
PWM Controller, 2-4 Phase, 6-Bit VID, V OUT = 0.8375 to 1.60V, ?.5% Reg, R DS (on)sensing and Internal Temp Compensation, >1MHz operation, Application = uP Core Voltage VR10.X, use with HIP6601B
|
Intersil
|