PART |
Description |
Maker |
H200AA2F205NB H200AA2F205NQ2 H101132F205NB2 H10113 |
4 & 6 Tumbler Power Switchlocks
|
ITT[ITT Industries]
|
Y200AB6C8WCNBE Y200AB6C203NBE Y200AB6C2WCNB Y200AB |
4, 5 & 6 Tumbler Switchlocks 4, 5 & 6 Tumbler Switchlocks 45
|
ITT Corporation ITT, Corp.
|
W201132C205AQ W201132C2WCAQ W201132V8WCAQ W201132V |
4 & 6 Tumbler Switchlocks
|
ITT[ITT Industries]
|
BY01AFJC03DG22 BY01AFJC03MG2 BY01AFJC03MQ2 BY01AFJ |
4 Tumbler Value Added Security Switchlocks
|
ITT[ITT Industries]
|
Y1011U6A2WCNQE Y100132A203NQ |
4, 5 & 6 Tumbler Switchlocks 4, 5 & 6 Tumbler Switchlocks
|
ITT Industries
|
IMP1233D IMP1810 IMP1811 IMP1812 IMP1815 IMP1816 I |
4.125V power reset RELAY 024VDC 01A DPDT-XX FORM:2C UC Bi-Lobe Standard Metal Shell Nano Offset Connector Low Power 5V/3.0V P Reset Low Power/ 5V/ P Reset Low Power, 5V, 楼矛P Reset Low Power 5V P Reset Low Power, 5V, P Reset Low Power, 5V, μP Reset 4.375V power reset
|
IMP INC. IMP Inc IMP[IMP, Inc] IMP[IMP Inc]
|
Q67060-S7432 P-TO220-3-1 P-TO263-3-2 P-TO262-3-1 P |
Low Voltage MOSFETs - Power MOSFET, 100V, TO-262, RDSon=33mOhm, 47A, LL SIPMOS垄莽 Power-Transistor SIPMOS庐 Power-Transistor SIPMOS? Power-Transistor SIPMOS㈢ Power-Transistor
|
Infineon Technologies AG
|
BUW36 BUY69A BUY69B BUX48 BUX80 BDX87 BDX88 BDW51 |
Leaded Power Transistor Darlington Power Transistors 15 A, 45 V, PNP, Si, POWER TRANSISTOR, TO-3 INDUCTOR PWR UNSHIELD 470UH SMT Certification- 5.2kVDC Isolation- Power Sharing- Pin Compatible with RH & RK Series, SIP DC-DC Converters- UL94V-0 Package M Leaded Power Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
45912-0030 0459120030 |
12.90mm (.508) Pitch EXTreme PowerEdge? Mixed Power/Signal Card Edge Connector, Double Sided, 4 Segments (Power, Signal, Power, Power Sequence), Press-Fit
|
Molex Electronics Ltd.
|
RFS1006 PRFS-1006-0007 PRFS-1006-0008 PRFS-1006-00 |
3.4-3.6 GHz Power Amplifier 3400 MHz - 3600 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER 3.4-3.6 GHz Power Amplifier 3号至三月六日GHz功率放大 Single-band power amplifiers The RFS1006 power amplifier is a high-power, high-performance GaAs MESFET IC designed for use in a transmit applications in the 3.4-3.6 ...
|
ANADIGICS, Inc. ANADIGICS[ANADIGICS, Inc] ANADIGICS[ANADIGICS Inc]
|
RFSP2010 PRFS-P2010-006 P2010-DSH_E PRFS-P2010-005 |
The RFS P2010 power amplifier is a high-performance GaAs HBT IC designed for use in a transmit applications in the 2.4-2.5 GHz frequency ... 2.4-2.5 GHz Power Amplifier From old datasheet system 2.4?2.5 GHz Power Amplifier Single-band power amplifiers 2.42.5 GHz Power Amplifier 2400 MHz - 2500 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER
|
ANADIGICS[ANADIGICS, Inc] ANADIGICS[ANADIGICS Inc] ANADIGICS Inc ANADIGICS, Inc.
|
TA8263BH TA8263 |
Max Power 43 W BTL 4 ch Audio Power IC Max Power 43 W BTL ??4 ch Audio Power IC Max Power 43 W BTL 】 4 ch Audio Power IC IC,AUDIO AMPLIFIER,QUAD,BIPOLAR,ZIP,25PIN,PLASTIC Max Power 43 W BTL × 4 ch Audio Power IC Max Power 43 W BTL x 4 ch Audio Power IC
|
Toshiba Semiconductor
|