PART |
Description |
Maker |
LT1716 LT1716CS5 LT1716HS5 LT1716IS5 |
Microprocessor Crystal; Frequency:24.576MHz; Frequency Tolerance:20ppm; Load Capacitance:18pF; Crystal Terminals:Radial Leaded; ESR:25ohm; Leaded SOT-23, 44V, Over-The-Top, Micropower, Precision Rail-to-Rail Comparator SOT-23, 44V, Over-the-Top, Micropower, Precision, Rail-to-Rail Comparator
|
Linear Technology Corporation LINER[Linear Technology]
|
MC33071 MC33074 MC34072 MC34074 MC33072 MC3407A MC |
Single Supply 3.0 V to 44 V Operational Amplifiers Single Supply 3V to 44V, Single Operational Amplifier Single Supply 3V to 44V, Quad Op Amp Single Supply 3V to 44V, Low Input Offset Voltage, Dual Op Amp Single Supply 3V to 44V, Single Op Amp Single Supply 3V to 44V, Low Input Offset Voltage, Single Op Amp Single Supply 3V to 44V, Low Input Offset Voltage, Quad Op Amp
|
ONSEMI[ON Semiconductor]
|
LT3050MPMSE LT3050MPMSEPBF LT3050MPMSETR LT3050MPM |
100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
|
Linear Technology
|
DG308BDY DG308BDQ DG308BDQ-T1 |
Analog Switch Quad SPST 16-Pin SOIC N DG308B, DG309B Improved Quad CMOS Analog Switches ANLG SW QUAD SPST 22V/44V 16TSSOP - Tape and Reel
|
Vishay Siliconix
|
SP6213EC5-5.0_TR SP6213EC5-3.0_TR SP6213EC5-1.8_TR |
Micropower, SC-70, 100mA CMOS LDO Regulator 微功耗,的SC - 7000mA的LDO稳压器的CMOS Micropower, SC-70, 100mA CMOS LDO Regulator 微功耗,SC - 7000mA的LDO稳压器的CMOS
|
Micrel Semiconductor, Inc. Exar, Corp. SIPEX[Sipex Corporation]
|
ILC7081X285 ILC7081X31 ILC7081X36 ILC7081X47 ILC70 |
50/100mA SOT-23 CMOS RF LDORegulators
|
Fairchild Semiconductor
|
AD8661ACPZ-R2 AD8661ACPZ-REEL AD8661ACPZ-REEL7 AD8 |
16 V Precision Quad CMOS Rail - to - Rail Operational Amplifier; Package: TSSOP; No of Pins: 14; Temperature Range: Industrial QUAD OP-AMP, 1200 uV OFFSET-MAX, 4 MHz BAND WIDTH, PDSO14 Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
|
Analog Devices, Inc.
|
SP78LC30EM5_TR SP78LC30EM5 SP78LC00 |
Micropower, 100mA CMOS LDO Regulator
|
SIPEX[Sipex Corporation]
|
CAT660EVA-T3 CAT660ELA CAT660EVA |
100mA CMOS Charge Pump Inverter/Doubler
|
ON Semiconductor
|
AD866308 AD8663ACPZ-REEL AD8663ACPZ-REEL7 AD8663AR |
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifier; Package: LFCSP (3x3mm); No of Pins: 8; Temperature Range: Industrial OP-AMP, 175 uV OFFSET-MAX, 0.52 MHz BAND WIDTH, DSO8 Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
|
Analog Devices, Inc.
|
VT7-705C-HP |
High precision SMD VC-TCXO CMOS Output signal CMOS
|
QUARTZCOM the communications company
|
TS27M2AC TS27M2ACN TS27M2AI TS27M2AM TS27M2BC TS27 |
PRECISION LOW POWER CMOS DUAL OP-AMPS PRECISION LOW POWER CMOS DUAL OPERATIONAL AMPLIFIERS
|
STMICROELECTRONICS[STMicroelectronics]
|