PART |
Description |
Maker |
IP3R07 IP3R07A IP1R07 IP1R07A IP1R07AG-BSS2 IP1R07 |
Voltage Regulator - Low Drop Out ADJUSTABLE POSITIVE LDO REGULATOR, MSFM3 Voltage Regulator - Low Drop Out ADJUSTABLE POSITIVE LDO REGULATOR, MBFM2 3 AMP LOW DROPOUT POSITIVE ADJUSTABLE VOLTAGE REGULATOR Adjustable Positive Voltage Regulator - Low Drop Out
|
TT electronics Semelab, Ltd. TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
KIA78D06 KIA78D06F KIA78D08 KIA78D08F KIA78D09 KIA |
1A Low Drop Voltage Regulator BIPOLAR LINEAR INTEGRATED CIRCUIT (3 TERMINAL LOW DROP OUTPUT VOLTAGE REGULATOR) BIPOLAR LINEAR INTEGRATED CIRCUIT (3 TERMINAL LOW DROP OUTPUT VOLTAGE REGULATOR) 双极线性集成电路(3端子低压降输出电压调节器 Octal Bus Transceivers With 3-State Outputs 20-TSSOP -40 to 85 双极线性集成电路(3端子低压降输出电压调节器
|
Korea Electronics (KEC) KEC[KEC(Korea Electronics)] KEC Holdings
|
BYV29-500 BYV29 BYV29-300 BYV29-400 BYV29-500/B BY |
3 A low drop positive voltage regulator adjustable and fixed 1.5 A low drop positive voltage regulator adjustable and fixed 整流二极管超 Rectifier diodes ultrafast(超快速整流二极管) 9 A, 300 V, SILICON, RECTIFIER DIODE, TO-220AC
|
PHILIPS[Philips Semiconductors] International Rectifier, Corp. NXP Semiconductors N.V.
|
RE024 |
RE024 [Updated 2/03. 11 Pages] A dual mode Low Drop Out (LDO) voltage regulator macrocell with a fixed 2.8V output voltage. rated for loads of up A dual mode Low Drop Out (LDO) voltage regulator macrocell with a fixed 2.8V output voltage, rated for loads of up to 160 mA and as low as 5 mA. A typical application is radio section supply in mobile terminals.
|
Atmel
|
LD2982AM50R LD2982AM40R LD2982BXX50 LD2982BXX47 LD |
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATO WITH INHIBIT FUNCTION VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR WITH INHIBIT FUNCTION / LOW ESR CAP. COMPATIBLE VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR WITH INHIBIT FUNCTION, LOW ESR CAP. COMPATIBLE 极低DROP和低的禁止功能,低ESR第噪声稳压器。兼
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] ST Microelectronics 意法半导 STMicroelectronics N.V.
|
KIA378R25PI KIA378R30PI KIA378R33PI KIA378R35PI KI |
BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 3A OUTPUT LOW DROP VOLTAGE REGULATOR) 双极线性集成电路(4码头3A输出低压差稳压器 3A 4-Terminal Low Drop(ON/OFF Controllable)
|
KEC Holdings KEC[KEC(Korea Electronics)] Korea Electronics (KEC)
|
LD2985AM50R LD2985AM40R LD2985BXX50 LD2985BXX47 LD |
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATO WITH INHIBIT FUNCTION VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 ??????浣?
|
KIA278R05PI KIA278R06PI KIA278R08PI KIA278R09PI KI |
BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR) 双极线性集成电路(4码头A输出低压差稳压器 BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR) 双极线性集成电路(4码头2A输出低压差稳压器 2A 4-Terminal Low Drop(ON/OFF Controllable)
|
KEC Holdings KEC[KEC(Korea Electronics)] Korea Electronics (KEC)
|
LX8211 LX8211-00ISE LX8211-25ISE LX8211-27ISE LX82 |
150mA CMOS Low Dropout Regulator Low Drop Out Regulator - Positive Fixed Low Drop Out Regulator - Positive Adjustable
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP Microsemi Corporation
|
MC78PC50NTRG MC78PC18NTRG MC78PC30NTR MC78PC30NTRG |
Low Noise 150 mA Low Drop Out (LDO) Linear Voltage Regulator 150mA, 5.0V Output, Low Drop Out CMOS Linear Voltage Regulator; Pb Free Device; Package: SOT-23 5 LEAD; No of Pins: 5; Container: Tape and Reel; Qty per Container: 3000 5 V FIXED POSITIVE LDO REGULATOR, 0.26 V DROPOUT, PDSO5 150mA, 1.8V, Low Noise Low Drop Out (LDO) Linear Voltage Regulator -Pb Free Device; Package: SOT-23 5 LEAD; No of Pins: 5; Container: Tape and Reel; Qty per Container: 3000 1.8 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PDSO5
|
ON Semiconductor
|
TS9009SCX5 TS9009 TS90095CX5 TS9009NCX5 TS9009PCX5 |
Analog IC: Low Drop Out Voltage Regulators 80mA CMOS Low Dropout Voltage Regulator with Enable 80mA的CMOS低压差线性稳压器的启
|
Taiwan Semiconductor Co., Ltd. TSC[Taiwan Semiconductor Company, Ltd] Taiwan Semiconductor Compan...
|