PART |
Description |
Maker |
22103 PCNETPCIII-KT/2 |
PCnet PCI II-KT/2 21.1KB (PDF) PCnet PCI II-KT/2 - Am79C970A Based Evaluation Kit for PCI Systems PRELIMINARY PCnetPCI二千 2 - Am79C970A基于PCI系统的初步评估套
|
ITT, Corp.
|
AM79C976KCW |
PCnet-PRO 10/100 Mbps PCI Ethernet Controller
|
Advanced Micro Devices
|
AM79C961A AM79C961AKCW AM79C961AKC |
PCnet -ISA II Jumperless/ Full Duplex Single-Chip Ethernet Controller for ISA PCnet ⑩-ISA II Jumperless, Full Duplex Single-Chip Ethernet Controller for ISA
|
AMD[Advanced Micro Devices]
|
AM79C961A AM79C961AKCW |
PCnet ISA II Jumperless, Full Duplex Single-Chip Ethernet Controller for ISA PCnet -ISA II Jumperless/ Full Duplex Single-Chip Ethernet Controller for ISA
|
Advanced Micro Devices, Inc.
|
XC3090L XC3000L XC3020L XC3030L XC3042L XC3064L |
Part of the ZERO family of 3.3 V FPGAs XC3000L Low Voltage Logic Cell Array Family
|
XILINX[Xilinx, Inc]
|
HCPL-253L HCPL-250L-XXXE HCPL-053L HCPL-050L HCPL- |
1 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 1 Mbps HCPL-053L · 3.3V Digital Optocoupler Family HCPL-050L · 3.3V Digital Optocoupler Family HCPL-253L · 3.3V Digital Optocoupler Family HCPL-250L · 3.3V Digital Optocoupler Family LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s) LVTTL /LVCMOS兼容3.3伏光耦(1 Mb /秒)
|
Agilent (Hewlett-Packard) Agilent(Hewlett-Packard) HIROSE ELECTRIC Co., Ltd.
|
MC9S12XEG128MAL S912XET256J2MAA S312XEP100JMAAR S9 |
Microcontrollers MC9S12XEP100 Reference Manual Covers MC9S12XE Family Features of the MC9S12XE-Family are listed here. Please see Table D-2.for memory options and Table D-2. for the peripheral features that are available on the different family members. HCS12X Microcontrollers
|
Freescale Semiconductor, Inc Freescale Semiconductor...
|
EP1K30TC144-3 EP1K50QC20 EP1K10TC10 EP1K50QC208-1 |
Programmable Logic Device Family
Acex 1K Device Family (2.5V) IC,FPGA,72-CELL,CMOS,QFP,144PIN,PLASTIC
|
Altera
|
XC2S100E XC2S100E-6FG456C XC2S100E-6FG456I XC2S100 |
Second generation ASIC replacement technology CLAMP FPGA, 600 CLBS, 37000 GATES, 357 MHz, PBGA456 CLAMP FPGA, 864 CLBS, 52000 GATES, 357 MHz, PBGA456 Spartan-IIE 1.8V FPGA Family FPGA, 1536 CLBS, 93000 GATES, 400 MHz, PQFP208 Spartan-IIE 1.8V FPGA Family FPGA, 384 CLBS, 23000 GATES, 357 MHz, PQFP144 Spartan-IIE 1.8V FPGA Family FPGA, 864 CLBS, 52000 GATES, 357 MHz, PQFP208 Spartan-IIE 1.8V FPGA Family FPGA, 1536 CLBS, 93000 GATES, 357 MHz, PQFP144 Spartan-IIE 1.8V FPGA Family FPGA, 864 CLBS, 52000 GATES, 357 MHz, PBGA456 Spartan-IIE 1.8V FPGA Family 的Spartan - IIE 1.8V的FPGA系列 Spartan-IIE 1.8V FPGA Family FPGA, 1536 CLBS, 93000 GATES, 357 MHz, PBGA256 Spartan-IIE 1.8V FPGA Family Spartan - IIE 1.8V的FPGA系列 Spartan-IIE 1.8V FPGA Family: Introduction and Ordering Information
|
XILINX INC Xilinx, Inc. XINLINX XILINX[Xilinx, Inc]
|
HD40A46812 HD40A4688 HD40A4689 HD4074889 HD407A468 |
H46XX Family Microcomputers H48XX Family Microcomputers
|
Hitachi Semiconductor
|