PART |
Description |
Maker |
SC2441 SC2441ITSTRT SC2441EVB |
Very Low Input Voltage 2-Phase Synchronous Step-down Controllers with Step-up Converter
|
Semtech Corporation
|
TC115501EMTTR TC115 TC115301ECT TC115301EMTTR TC11 |
The TC115 is a high-efficiency step-up DC/DC converter for small, low input voltage or battery powered sys-tems. This device has ... The TC115 is a high-efficiency step-up DC/DC converter for small, low input voltage or battery powered sys-tems. This device has a guaranteed start-up voltage of 0.9V and a typical supply current of 80 µA. Phase compensation and soft- PFM/PWM Step-Up DC/DC Converter
|
MICROCHIP[Microchip Technology]
|
AN1593 LM2575D2T-5R4 LM2575TV-ADJ LM2575D2T-005 LM |
LOW COST 1.0 A CURRENT SOURCE FOR BATTERY CHARGERS 1A, Adjustable Output Voltage, Step-Down Switching Regulator EASY SWITCHERE 1.0 A STEP-DOWN VOLTAGE REGULATOR
|
Motorola, Inc ON Semiconductor
|
WU400 WU100 WU101 WU102 WU103 WU104 WU105 WU106 WU |
DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -12.0 VDC. Output current -400 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -15.0 VDC. Output current -333 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 15.0 VDC. Output current 667 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 10 mA(no load), 2470 mA(full load). 10/15 Watts WU Series 10/15瓦吴系列 Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:2100mAh Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:1900mAh; Battery Terminals:Pressure Contact DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 5.0 VDC. Output current 2000 mA. Input current 10 mA(no load), 2620 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 12.0 VDC. Output current 800 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -5.0 VDC. Output current -1000 mA. Input current 10 mA(no load), 2620 mA(full load).
|
XPiQ Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers International Power Sources
|
MAX8545EUB MAX8548 MAX8548EUB MAX8545 MAX8546 MAX8 |
Low-Cost Wide Input Range Step-Down Controllers with Foldback Current Limit Low-Cost / Wide Input Range / Step-Down Controllers with Foldback Current Limit Low-Cost, Wide Input Range, Step-Down Controllers with Foldback Current Limit Low-Cost. Wide Input Range. Step-Down Controllers with Foldback Current Limit Dual J-K Negative-Edge-Triggered Flip-Flops With Clear And Preset 16-CFP -55 to 125 SWITCHING CONTROLLER, 360 kHz SWITCHING FREQ-MAX, PDSO10
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
TPS65263-1Q1 TPS65263-1QRHBTQ1 TPS65263-1QRHBRQ1 |
<font color=red>[Old version datasheet]</font> 4.0- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
|
TI store
|
LP295006 MSP430X21X1 NCV2574 NCV2951 LP2950ACZ-3.0 |
100 mA, Low Power Low Dropout Voltage Regulator MIXED SIGNAL MICROCONTROLLER 0.5 A, Adjustable Output Voltage, Step?Down Switching Regulator
|
Unisonic Technologies TI ONSEMI[ON Semiconductor]
|
PQ09RG11 PQ12RG11 PQ09RG1 PQ12RG1 PQ05RG1 PQ05RG11 |
Low Power-Loss Voltage Regulators(Built-in Reverse Voltage Protection Function Between Input and Output) LOW POWER-LOSS VOLTAGE REGULATORSBUILT-IN REVERSE VOLTAGE PROTECTION FUNCTION BETWEEN INPUT AND OUTPUT
|
SHARP[Sharp Electrionic Components]
|
MAX1536ETI_ MAX1536 MAX1536ETI |
3.6A, 1.4MHz, Low-Voltage, Internal-Switch Step-Down Regulator with Dynamic Output Voltage Control
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
M27V402 M27V402-120B1TR M27V402-120B4TR M27V402-12 |
4 Mbit 256Kb x 16 Low Voltage UV EPROM and OTP EPROM 4兆位56Kb × 16低压紫外线存储器和OTP存储 Quadruple 2-Input Positive-AND Gates 14-SOIC 0 to 70 Quadruple 2-Input Positive-AND Gates 14-SO 0 to 70 Hex Inverters 14-SO 0 to 70 Quadruple 2-Input Positive-NOR Gates 14-PDIP 0 to 70 Quadruple 2-Input Positive-NAND Gates 14-PDIP 0 to 70 Quadruple 2-Input Positive-NOR Gates 14-SOIC 0 to 70 Hex Inverters 14-SOIC 0 to 70 Switch Mode Power Supply; Series:ZWS; Output Voltage:15VDC; Output Power Max:10W; Output Current:0.7A; Number of Outputs:1; Supply Voltage Max:265VAC; Supply Voltage Min:85VAC Switch Mode Power Supply; Output Power:100W; No. of Outputs:1; Output 1 VDC :12VDC; Output Current 1:8.5A; Power Supply Mounting:Open Frame; Approval Bodies:UL, CSA, CE; External Depth:222mm; External Width:62mm RoHS Compliant: Yes Switch Mode Power Supply; Series:ZWS; Output Voltage:12VDC; Output Power Max:10W; Output Current:0.85A; Number of Outputs:1; Supply Voltage Max:265VAC; Supply Voltage Min:85VAC Hex Inverters 14-PDIP 0 to 70 From old datasheet system 4 Mbit 512Kb x 8 Low Voltage OTP EPROM 4 Mbit 512Kb x8 Low Voltage UV EPROM and OTP EPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
BD9060HFP-CTR BD99060F-C BD9060F-C |
Input Voltage 5.0V to 35V Output Switch Current 2A 1ch Step-Down DC/DC Converter Input Voltage 5.0V to 35V Output Switch Current 2A 1ch Step-Down DC/DC Converter
|
Rohm
|
MAX503 MAX503CNG MAX503CWG MAX503CAG MAX503ENG MAX |
5V / Low-Power / Parallel-Input / Voltage-Output / 10-Bit DAC 5V, Low-Power, Parallel-Input, Voltage-Output, 10-Bit DAC 5V Low-Power Parallel-Input Voltage-Output 10-Bit DAC From old datasheet system
|
MAXIM[Maxim Integrated Products]
|