PART |
Description |
Maker |
TDA4863-2 TDA4863-2G Q67040-S4620 Q67040-S4621 |
Power Control ICs - PFC-IC for high Output Power in SMD-Package Power Factor Controller IC for High Power Factor and Low THD
|
INFINEON[Infineon Technologies AG]
|
RFS1006 PRFS-1006-0007 PRFS-1006-0008 PRFS-1006-00 |
3.4-3.6 GHz Power Amplifier 3400 MHz - 3600 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER 3.4-3.6 GHz Power Amplifier 3号至三月六日GHz功率放大 Single-band power amplifiers The RFS1006 power amplifier is a high-power, high-performance GaAs MESFET IC designed for use in a transmit applications in the 3.4-3.6 ...
|
ANADIGICS, Inc. ANADIGICS[ANADIGICS, Inc] ANADIGICS[ANADIGICS Inc]
|
ISOPAC01 ISOPAC0103 ISOPAC0104 ISOPAC0111 ISOPAC01 |
High Current High density Isolated Silicon Power Rectifier(????靛?600V锛?ぇ?垫?锛??瀵?害锛??绂诲?锛??????存??? High Current High density Isolated Silicon Power Rectifier(????靛?1000V锛?ぇ?垫?锛??瀵?害锛??绂诲?纭?????娴??) High-Current Isolated Rectifier Assemblies. 150 V-1000 V. 10 nS - 2 microseconds 大电流隔离整流器大会150 V000五,10纳秒- 2微秒 HIGH CURRENT ISOLATED RECTIFIER ASSEMBLY High Current High density Isolated Silicon Power Rectifier(????靛?1000V锛?ぇ?垫?锛??瀵?害锛??绂诲?锛??????存???
|
International Rectifier, Corp. Semtech Corporation
|
UN100 |
NPN, high power transistor. For high power audio and linear applications. Power switching circuits such as relay or solenoid drivers, DC to DC converters or inverters. Vceo = 100Vdc, Vcer = 100Vdc, Vcb = 200Vdc, Veb = 7Vcd, Ic = 15Adc, PD
|
USHA India LTD
|
WSLT4026-15 |
Power Metal Strip? Resistors, High Temperature (275 °C),High Power, Low Value, Surface Mount, 4-Terminal
|
Vishay Siliconix
|
IRFBL3703 |
Synchronous Rectification in High Power High Frequency DC/DC Converters HEXFET? Power MOSFET
|
IRF[International Rectifier]
|
AWT6111 AWT6111_REV_2.0 |
The AWT6111 is a high power high efficiency amplifier module for Dual Mode CDMA/AMPS wireless handset applications. From old datasheet system Power Amplifiers
|
Anadigics Inc
|
JYDC-7-1HP |
High Power Directional Coupler 50?/a> 30 to 500 MHz From old datasheet system High Power Directional Coupler 50з 30 to 500 MHz High Power Directional Coupler 50 30 to 500 MHz AC-DC Converter, 75 Watt Input VAC: 90~260, Output VDC: 12, Max Output Current(A): 6.25, Package: U Bracket, Isolation(VDC): 3000, Operating Temp.: -25C to 50C, Low Ripple & Noise, High Efficiency up to 80%, Auto-Recovery, Single Outputs
|
http:// MINI[Mini-Circuits]
|
BUD44D2-D |
High Speed, High Gain Bipolar NPN Power Transistor with Integrated Collector-Emitter Diode and Built-in Efficient Antisaturation Network POWER TRANSISTORS 2 AMPERES 700 VOLTS 25 WATTS
|
ON Semiconductor
|
TA0012 |
New High Power, High Efficiency HBT GSM Power Amplifier
|
RFMD[RF Micro Devices]
|
AWT6114 |
The AWT6114 is a high power, high efficiency amplifier module for Korean Band PCS CDMA wireless handset applications. Power Amplifiers KPCS CDMA 3.4V/28dBm Linear Power Amplifier Module
|
Anadigics Inc ANADIGICS, Inc
|