PART |
Description |
Maker |
80T-1.9 D80T-.9 D24-12 D68-11 12-12 |
POWER TRANSFORMER, 150 VA POWER TRANSFORMER, 75 VA POWER TRANSFORMER, 300 VA POWER TRANSFORMER, 750 VA
|
|
D3627 D3620 D3621 D3622 D3623 D3624 D3625 D3626 |
TRANSFORMER 12VA 2X 24V TRANSFORMER 12VA 2X 20V TRANSFORMER 12VA 2X15V TRANSFORMER 12VA 2X 12V TRANSFORMER 12VA 10V TRANSFORMER 12VA 2X9V TRANSFORMER 12VA 2X6V TRANSFORMER 6VA 2X 24V XC6204D362DL
|
ETC N.A.
|
EPC3168G-1 EPC3168G-1-LF EPC3168G-2 EPC3168G-2-LF |
SMPS TRANSFORMER LEAD FREE Flyback Power Transformer
|
PCA Electronics, Inc. NEC, Corp. PCA ELECTRONICS INC.
|
T-2A-79341-2S T-2-79374-4S |
POWER TRANSFORMER, 6000 VA POWER TRANSFORMER, 300000 VA
|
|
DA2383-AL DA2383-ALD |
Flyback Transformer PoE transformer, for NSC LM5071, 3.3V, SMT, RoHS SMPS TRANSFORMER
|
Coilcraft lnc. Coilcraft, Inc.
|
DA2303-AL DA2304-AL DA2303-ALB DA2303-ALD |
SMT Power Transformers Transformer, for ADM2485, 5-6V, SMT, RoHS POWER TRANSFORMER, 34.4 VA
|
Coilcraft lnc. Coilcraft, Inc.
|
B0226-EL B0226-ELD B0226-ELB |
Flyback Transformer Transformer, for ON NCP1030, SMT, RoHS SMPS TRANSFORMER
|
Coilcraft lnc. Coilcraft, Inc.
|
A41-175-10 A41-43-16 A41-80-36 |
SPLIT BOBBIN POWER TRANSFORMER, 175 VA SPLIT BOBBIN POWER TRANSFORMER, 43 VA SPLIT BOBBIN POWER TRANSFORMER, 80 VA
|
BEL FUSE INC
|
CEPH171006 6383-T273 CEPH1710 |
Power over Ethernet Transformer Power over Ethernet Transformer Type: CEPH Series Power over Ethernet Transformer<SMD Type: CEPH Series
|
http:// Sumida Corporation
|
SGE2698-1 |
inverter transformer for CCFL inverter power supply INVERTER TRANSFORMER
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
241-5-12A22 241-6-24A35 241-8-24A55 241-3-16A3 241 |
SPLIT BOBBIN POWER TRANSFORMER, 12 VA SPLIT BOBBIN POWER TRANSFORMER, 100 VA
|
Pulse Engineering, Inc. PULSE ELECTRONICS CORP
|
0398-T082 LC-15 LC-151 |
General Power Transformer , Pin Type: LC Series General Power Transformer Type: LC Series
|
Sumida Corporation
|