PART |
Description |
Maker |
D108I D132I D135I D133I D131I D134I D111I D112I D1 |
High Isolation Miniature, 1W SIP DC/DC Converters
|
MicroPower Direct, LLC
|
D237I D201I D202I D203I D204I D205I D206I D207I D2 |
High Isolation Miniature, 2W SIP DC/DC Converters RESISTOR, 2.49K, 0.10%, 63MW, 0603
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
PS2806-4-F3-A PS2806-1-A PS2806-1-F4 PS2806-1-F4-A |
HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
|
Duracell California Eastern Labs
|
PS7341-1A PS7341-1A-A PS7341L-1A-E3-A PS7341L-1A-E |
6-PIN DIP, HIGH ISOLATION VOLTAGE 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET TRANSISTOR OUTPUT SOLID STATE RELAY, 3750 V ISOLATION-MAX
|
NEC
|
INA-31063 INA-31063-TR1 |
DC-2.5 GHz 3 V, High Isolation Silicon RFIC Amplifier(直流.5 GHz 3 V,高隔离硅射频集成电路放大 3V Fixed Gain. High Isolation amplifier 的DC - 2.5 GHz3伏,高隔离硅射频放大器(直流.5 GHz3伏,高隔离硅射频集成电路放大器) 0 MHz - 2500 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER
|
Agilent(Hewlett-Packard) AGILENT TECHNOLOGIES INC
|
PS2705-1 PS2705-1-V PS2705-2 PS2705-2-V PS2705-4 P |
Photocoupler 光耦合 HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER NPN-OUTPUT AC-INPUT OPTOCOUPLER,4-CHANNEL,2.5KV ISOLATION,SO
|
NEC, Corp. NEC Corp. NEC[NEC]
|
MGA-565P8 DEMO-MGA-565P8 |
High Isolation Buffer Amplifier 20 dBm Psat High Isolation Buffer Amplifier
|
AVAGO TECHNOLOGIES LIMI... Broadcom Corporation.
|
ZASW-2-50DR ZASWA-2-50DR |
ER 8C 7#16 1#12 SKT RECP BOX SWITCHES VERY HIGH ISOLATION/ SPDT/ DC to 5 GHz SWITCHES VERY HIGH ISOLATION, SPDT, DC to 5 GHz
|
MINI[Mini-Circuits]
|
CV-CH-SERIES CV3 CV1 CH2 CV1-050 CH4 CV2 CH3-200 C |
SMPS High Isolation (2500Vmin) Current Transformers SMPS High Isolation (2500V min) Current Transformer SMPS High Isolation (2500V min) Current Transformer
|
PREMO CORPORATION S.L http://
|
MHI100DI5.7 MHI115S-12DI5.7 MHI115S-03DI5.7 MHI115 |
High Isolation, 1W SIP Single & Dual Output DC/DC Converters High Isolation, 1W SIP Single & Dual Output DC/DC Converters High Isolation, 1W SIP Single & Dual Output DC/DC Con vert ers
|
MicroPower Direct, LLC
|
LTV-352T |
High current transfer ratio, High input-output isolation voltage
|
Lite-On Technology Corporation
|
PS2513-1 PS2513L-1 PS2513L-1-E4 PS2513L-1-E3 PS251 |
HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
|
NEC Corp. NEC[NEC]
|