PART |
Description |
Maker |
CPBT720 |
0.350W General Purpose PNP SMD Transistor. 40V Vceo, 1.500A Ic, 300 hFE. TRANSISTOR | BJT | PNP | 35V V(BR)CEO | 1.5A I(C) | SOT-23
|
Continental Device India Limited
|
2N1025 2N2176 2N1475 2N1027 2N1474 2N329B 2N1654 2 |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 50MA I(C) | TO-5 5-Pin, Multiple-Input, Programmable Reset ICs TRANSISTOR | BJT | PNP | 100V V(BR)CEO | 50MA I(C) | TO-5 68HC11/Bidirectional-Compatible µP Reset Circuit TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 50MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 100MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 15V V(BR)CEO | 100MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 100MA I(C) | TO-5 Silicon Transistors
|
Semitronics
|
2SA1121 2SA1121SC |
TRANSISTOR | BJT | PNP | 35V V(BR)CEO | 500MA I(C) | SOT-23 晶体管|晶体管|进步党| 35V的五(巴西)总裁| 500mA的一(c)| SOT - 23封装 Silicon PNP Epitaxial Silicon PNP Transistor
|
HIROSE ELECTRIC Co., Ltd. HITACHI[Hitachi Semiconductor]
|
ACY11 ACY14 ACY17 ACY18 ACY19 AC117 AC130 AC126 AC |
TRANSISTOR | BJT | PNP | 30V V(BR)CEO | TO-1 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 18V V(BR)CEO | 1A I(C) | TO-1 TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 100MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 1A I(C) | TO-1 TRANSISTOR | BJT | NPN | 12V V(BR)CEO | 500MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 200MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 1.2A I(C) | TO-1 TRANSISTOR | BJT | PNP | 15V V(BR)CEO | CAN TRANSISTOR | BJT | NPN | 15V V(BR)CEO | CAN TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 1A I(C) | TO-1 TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 1A I(C) | CAN TRANSISTOR | BJT | PNP | 15V V(BR)CEO | 500MA I(C) | TO-5 晶体管|晶体管|进步党| 15V的五(巴西)总裁| 500mA的一(c)| TRANSISTOR | BJT | PNP | 18V V(BR)CEO | 200MA I(C) 晶体管|晶体管|进步党| 18V的五(巴西)总裁| 200mA的我(丙
|
Electronic Theatre Controls, Inc. IDEC, Corp.
|
2N942 2N2330 2N2007 2N3317 2N2165 2N2162 2N2167 2N |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 500MA I(C) | TO-5 Open-Drain SOT µP Reset Circuit TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 50MA I(C) | TO-18 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 50MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 12V V(BR)CEO | 50MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 15V V(BR)CEO | 50MA I(C) | TO-5 68HC11/Bidirectional-Compatible µP Reset Circuit TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 200MA I(C) | TO-46 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 200MA I(C) | TO-46 TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 100MA I(C) | TO-46 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路
|
Sumida, Corp.
|
2N2670 2N1758 2N1756 2N2283 2N1218 2N1334 2N2067 2 |
TRANSISTOR | BJT | PNP | 90V V(BR)CEO | 3A I(C) | TO-210VAR10 Open-Drain SOT µP Reset Circuit 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5-Pin, Multiple-Input, Programmable Reset ICs TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 3A I(C) | MS-7 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 3A I(C) | TO-3 TRANSISTOR | BJT | PNP | 100V V(BR)CEO | 3A I(C) | TO-13
|
|
2SA1009 2SA1009A 2SA1009AH 2SA1009AM 2SA1009J 2SA1 |
PNP SILICON POWER TRANSISTORS 进步党硅功率晶体 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 2 A, 350 V, PNP, Si, POWER TRANSISTOR, TO-220AB TRANSISTOR | BJT | PNP | 350V V(BR)CEO | 2A I(C) | TO-220AB TRANSISTOR | BJT | PNP | 400V V(BR)CEO | 2A I(C) | TO-220AB
|
NEC, Corp. NEC Corp. NEC[NEC]
|
BCX76-40 BF413 BC140-25 BC537-16 MPS6573 BC328-10 |
TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 800MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 170V V(BR)CEO | 50MA I(C) | TO-92 Stratix II GX FPGA 130K FPGA-1508 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | TO-92 TRANSISTOR | BJT | NPN | 35V V(BR)CEO | 200MA I(C) | TO-92 IC MAX 7000 CPLD 64 44-TQFP IC FLEX 10KA FPGA Cyclone II FPGA 50K FBGA-484 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 60V V(BR)CEO | TO-92 2GB DDR2 SDRAM VLP DIMM MAX 7000 CPLD 128 MC 100-TQFP TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 5A I(C) | TO-37 TRANSISTOR | BJT | NPN | 25V V(BR)CEO | TO-92 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 200MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 100MA I(C) | TO-18 Cyclone FPGA 6K PQFP-240 CYCLONE III FPGA 119K 484FBGA MAX 7000 CPLD 64 MC 100-TQFP MAX 3000A CPLD 32 MC 44-TQFP Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) TRANSISTOR | BJT | NPN | 1A I(C) | TO-105 Dual Matched Amplifiers with Digitally Programmable Gain in MSOP; Package: MSOP; No of Pins: 10; Temperature Range: 0°C to 70°C IC MAX 7000 CPLD 128 144-TQFP MAX II CPLD 1270 LE 144-TQFP Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:220; Package/Case:484-FBGA; Leaded Process Compatible:No; Number of Circuits:1728; Peak Reflow Compatible (260 C):No RoHS Compliant: No Leaded Cartridge Fuse; Current Rating:12A; Voltage Rating:32V; Fuse Terminals:Axial Lead; Fuse Type:Time Delay; Voltage Rating:32V; Body Material:Glass; Diameter:6.985mm; Leaded Process Compatible:Yes; Length:32.385mm; Series:315P RoHS Compliant: Yes TRANSISTOR | BJT | PNP | 6V V(BR)CEO | TO-18 晶体管|晶体管|进步党| 6V的五(巴西)总裁|8 TRANSISTOR | BJT | NPN | 18V V(BR)CEO | 100MA I(C) | TO-92 晶体管|晶体管|叩| 18V的五(巴西)总裁| 100mA的一(c)|2 TRANSISTOR | BJT | PNP | 25V V(BR)CEO | TO-92 晶体管|晶体管|进步党| 25V的五(巴西)总裁|2 MAX 7000 CPLD 512 MC 208-PQFP 晶体管|晶体管|叩| 20V的五(巴西)总裁| 500mA的一(c)|2 TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 1A I(C) | TO-92 晶体管|晶体管|进步党| 45V的五(巴西)总裁| 1A条一(c)|2 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | TO-18
|
EM Microelectronic Bourns, Inc. SEMIKRON Samsung Semiconductor Co., Ltd. California Eastern Laboratories, Inc.
|
BFT70 BFX80 BFX36 BFX11 BFX79 BFX81 |
TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 1A I(C) | TO-18 TRANSISTOR | BJT | PAIR | COMPLEMENTARY | 60V V(BR)CEO | 200MA I(C) | TO-77 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 200MA I(C) | TO-77 TRANSISTOR | BJT | PNP | 45V V(BR)CEO | TO-78 晶体管|晶体管|一对|互补| 60V的五(巴西)总裁| 600毫安一(c)|7 TRANSISTOR | BJT | PAIR | COMPLEMENTARY | 20V V(BR)CEO | 200MA I(C) | TO-77 晶体管|晶体管|一对|互补| 20V的五(巴西)总裁| 200mA的一(c)|7
|
TT electronics Semelab, Ltd.
|
2N2493 2N3730 2N4120 2N3638 2N4044 2N2708 2N2631 |
TRANSISTOR | BJT | PNP | 85V V(BR)CEO | 12A I(C) | TO-36 TRANSISTOR | BJT | PNP | 200V V(BR)CEO | 3A I(C) | TO-3 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 晶体管|晶体管|一对|叩| 60V的五(巴西)总裁| 10mA的一(c)|78 TRANSISTOR | BJT | NPN | 20V V(BR)CEO | TO-72 晶体管|晶体管|叩| 20V的五(巴西)总裁|72 TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 500MA I(C) | TO-92 晶体管|晶体管|进步党| 25V的五(巴西)总裁| 500mA的一(c)|92 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路
|
International Business Machines, Corp. Electronic Theatre Controls, Inc.
|
2SA1460 2SA1460-AZ 2SA1460-L-AZ 2SA1460L 2SA1460K |
TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 1A I(C) | TO-221VAR 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 1000 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP SILICON TRANSISTOR
|
Electronic Theatre Controls, Inc. ETC List of Unclassifed Manufacturers
|