PART |
Description |
Maker |
STI16N65M5 STU16N65M5 STP16N65M5 STF16N65M5 |
N-channel 650 V, 0.230 Ω, 12 A MDmesh V Power MOSFET in TO-220FP, I2PAK, TO-220, IPAK, TO-247 N-channel 650 V, 0.230 Ω, 12 A MDmesh?/a> V Power MOSFET in TO-220FP, I2PAK, TO-220, IPAK, TO-247 N-channel 650 V, 0.230 Ω, 12 A MDmesh?V Power MOSFET in TO-220FP, I2PAK, TO-220, IPAK, TO-247
|
STMicroelectronics
|
2N65 2N65L-TN3-R 2N65G-TA3-T 2N65G-TF1-T 2N65L-TF3 |
2 Amps, 650 Volts N-CHANNEL POWER MOSFET 2 A, 650 V, 5 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251
|
UNISONIC TECHNOLOGIES CO LTD
|
STP45N65M5 STW45N65M5 STB45N65M5 STF45N65M5 |
N-channel 650 V, 0.067 ohm typ., 35 A MDmesh V Power MOSFET N-channel 650 V, 0.067 typ., 35 A MDmesh V Power MOSFET in D2PAK, TO-220FP and TO-220 packages
|
STMicroelectronics
|
248-501 753-110 |
2-Channel Relay Output Module AC 230 V, DC 300 V
|
List of Unclassifed Man...
|
IXTA230N075T2-7 |
230 A, 75 V, 0.0042 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263
|
IXYS CORP
|
AM14N65P |
N-Channel 650-V (D-S) MOSFET
|
Analog Power
|
STP14NM65N STW14NM65N STB14NM65N STI14NM65N STF14N |
N-channel 650 V, 0.33 Ω, 12 A MDmesh II Power MOSFET TO-220, TO-220FP, D2PAK, I2PAK, TO-247 N-channel 650 V, 0.33 ヘ, 12 A MDmesh⑩ II Power MOSFET TO-220, TO-220FP, D2PAK, I2PAK, TO-247 N-channel 650 V, 0.33 Ω, 12 A MDmesh?/a> II Power MOSFET TO-220, TO-220FP, D2PAK, I2PAK, TO-247
|
STMicroelectronics
|
STB16NK65Z-S |
13 A, 650 V, 0.5 ohm, N-CHANNEL, Si, POWER, MOSFET
|
STMICROELECTRONICS
|
4N65K |
650 Volts N-CHANNEL POWER MOSFET
|
Unisonic Technologies
|
STW88N65M5 STWA88N65M5 |
N-channel 650 V, 0.024 Ohm typ., 84 A MDmesh M5 Power MOSFET in TO-247 package N-channel 650 V, 0.024 Ohm typ., 84 A MDmesh M5 Power MOSFET in TO-247 long leads package
|
ST Microelectronics
|
2SK4101FS |
6.4 A, 650 V, 1.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
SANYO SEMICONDUCTOR CO LTD
|
|