PART |
Description |
Maker |
CNX36USD CNX36U300W CNX36U3S CNX36U3SD CNX35U300W |
6-Pin DIP High BVceo Phototransistor Output Optocoupler 6-Pin DIP Package Phototransistor Output Optocoupler
|
Fairchild Semiconductor
|
SL5504S SL5504SD SL5501300 SL5501300W SL55113S |
6-Pin DIP HIgh BVceo Phototransistor Output Optocoupler 6-Pin DIP Phototransistor Output Optocoupler
|
Fairchild Semiconductor
|
2SD1918 |
High breakdown voltage.(BVCEO = 160V) High transition frequency.(fT = 80MHZ)
|
TY Semiconductor Co., Ltd
|
PS7122A-2A PS7122A-1A PS7122AL-1A PS7122AL-1A-E4 P |
OCMOS FET High Voltage and High Speed power MOSFET and IGBT Half Bridge Driver in a 8-pin DIP package; A IR2308 packaged in a 8-Lead SOIC Dual Low Side Driver, Inverting Input in a 8-pin DIP package; A IR4426 packaged in a 8-Lead SOIC 1200V Half Bridge Driver IC for Power Switching Applications in a 24 Lead SSOP package; A IR2214 packaged in a Lead-Free 24 Lead SSOP FET-OUTPUT OPTOCOUPLER Single High Side Driver, Current Limiting, Programmable Shutdown Error Pin in a 8-pin DIP package; A IR2125 packaged in a Lead-Free 16-Lead SOIC shipped on Tape and Reel Half Bridge Driver, Single Input Plus Inverting Shutdown Pin, Fixed 520ns Deadtime in a 8-pin DIP package; A IR2104 packaged in a Lead-Free 8-Lead PDIP OCMOS场效应管 Optical Coupled MOS FET photocoupler(MOS 场效应管输出光光隔离器) 光纤耦合场效应晶体管光电耦合器(简称MOS场效应管输出光光隔离器
|
NEC, Corp.
|
PS9611 PS9611L PS9611L-E3 PS9611L-E4 |
High speed Totem-Pole Output photocoupler(高速光光隔离器) Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Color:White/Red; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps / TOTEM-POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps TOTEM-POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
|
NEC Corp. NEC[NEC]
|
PC925L0NSZ0F |
1 CHANNEL LOGIC OUTPUT OPTOCOUPLER ROHS COMPLIANT, PLASTIC, DIP-8 High Speed, 2.5A Output, Gate Drive DIP 8 pin
|
Sharp Electronics, Corp. Sharp Electrionic Components
|
PC957L0NSZ0F |
High Speed 1Mb/s, High CMR DIP 8 pin OPIC Photocoupler
|
Sharp Electrionic Components
|
PS9587L1-AX PS9587L3-AX PS9587L3-E3-AX PS9587L2-V- |
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 8 mm
|
Duracell California Eastern Labs
|
74OL6000300 74OL6000300W 74OL60003S 74OL60003SD 74 |
6-Pin DIP LSTTL to TTL Buffer High-Speed Logic-To-Logic Output Optocoupler 6-pin DIP LSTTL to CMOS Buffer High-Speed Logic-To-Logic Output Optocoupler 6-pin DIP LSTTL to CMOS Inverter High-Speed Logic-To-Logic Output Optocoupler 6-Pin DIP LSTTL to TTL Inverter High-Speed Logic-To-Logic Output Optocoupler
|
Fairchild Semiconductor
|
SX52-1501 SX52-1502 SX52-1503 SX52-1521 SX52-1522 |
HIGH FREQUENCY 14 PIN DIP SINEWAVE
|
Connor-Winfield Corporation
|
IR2112 IR2112-1 IR2112PBF IR2112-2 IR2112S IR2112S |
High and Low Side Driver, Shutdown Input in a 14-pin DIP package High and Low Side Driver, Shutdown Input, High Creepage Package in a 14-pin DIP -1 lead package High and Low Side Driver, Shutdown Input, High Creepage Package in a 16-pin DIP -2 leads package High and Low Side Driver, Shutdown Input in a 16-lead SOIC package
|
International Rectifier
|
ELW2601 |
8 PIN DIP WIDE BODY HIGH SPEED
|
Everlight Electronics Co., Ltd
|