PART |
Description |
Maker |
ISL6313CRZ-T |
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications; Temperature Range: 0°C to 70°C; Package: 36-QFN T&R SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PQCC36
|
Intersil, Corp.
|
ISL6313BCRZ-T |
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications; Temperature Range: 0°C to 70°C; Package: 36-TQFN T&R SWITCHING CONTROLLER, 1500 kHz SWITCHING FREQ-MAX, PQCC36
|
Intersil, Corp.
|
MCP6281 MCP6281-E_CH MCP6281-E_MS MCP6281-E_OT MCP |
450 碌A, 5 MHz Rail-to-Rail Op Amp 450 楼矛A, 5 MHz Rail-to-Rail Op Amp 450 渭A, 5 MHz Rail-to-Rail Op Amp 450 μA, 5 MHz Rail-to-Rail Op Amp OP-AMP, 5000 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDSO5 OP-AMP, 5000 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDSO8
|
Microchip Technology, Inc.
|
ISL6334AIRZ-T |
VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features; Temperature Range: -40°C to 85°C; Package: 40-QFN T&R SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PQCC40
|
Intersil, Corp.
|
ISL6310CRZ-T ISL6310IRZ-T |
Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers; Temperature Range: 0°C to 70°C; Package: 32-QFN T&R SWITCHING CONTROLLER, 1500 kHz SWITCHING FREQ-MAX, PQCC32 Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers; Temperature Range: -40°C to 85°C; Package: 32-QFN T&R SWITCHING CONTROLLER, 1500 kHz SWITCHING FREQ-MAX, PQCC32
|
Intersil, Corp.
|
LTC3858EUHTRPBF LTC3858IUHTRPBF |
Low IQ, Dual 2-Phase Synchronous Step-Down Controller; Package: 32-QFN; Temperature Range: –40°C to 125°C DUAL SWITCHING CONTROLLER, 585 kHz SWITCHING FREQ-MAX, PQCC32 Low IQ, Dual 2-Phase Synchronous Step-Down Controller; Package: 32-QFN; Temperature Range: –40°C to 85°C DUAL SWITCHING CONTROLLER, 585 kHz SWITCHING FREQ-MAX, PQCC32
|
Linear Technology, Corp.
|
ISL8120 ISL8120CRZ ISL8120IRZ ISL8120CRZ-T ISL8120 |
Dual/n-Phase Buck PWM Controller with Integrated Drivers; Temperature Range: 0°C to 70°C; Package: 32-QFN T&R DUAL SWITCHING CONTROLLER, 1500 kHz SWITCHING FREQ-MAX, PQCC32 Dual/n-Phase Buck PWM Controller with Integrated Drivers; Temperature Range: 0°C to 70°C; Package: 32-QFN DUAL SWITCHING CONTROLLER, 1500 kHz SWITCHING FREQ-MAX, PQCC32
|
Intersil Corporation Intersil, Corp.
|
LTC3858EUFD-1PBF LTC3858EUFD-1TRPBF LTC3858IUFD-1T |
Low IQ, Dual 2-Phase Synchronous Step-Down Controller; Package: 28-QFN; Temperature Range: –40°C to 125°C DUAL SWITCHING CONTROLLER, 900 kHz SWITCHING FREQ-MAX, PQCC28 Low IQ, Dual 2-Phase Synchronous Step-Down Controller; Package: 28-QFN; Temperature Range: –40°C to 85°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
CS5302GDW28 |
Two−Phase Buck Controller with Integrated Gate Drivers and 4−Bit DAC 1.5 A SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PDSO28
|
ON Semiconductor
|
MXT2482SXA |
450 kHz Synchronous Rectified Step-Down Converter
|
ETC
|
LTC3707EGNPBF LTC3707IGNTRPBF |
High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C 3 A SWITCHING CONTROLLER, 360 kHz SWITCHING FREQ-MAX, PDSO28 High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 85°C 3 A SWITCHING CONTROLLER, 360 kHz SWITCHING FREQ-MAX, PDSO28
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LTC3731HGTR |
3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller; Package: SSOP; No of Pins: 36; Temperature Range: -40° to 125°C 5 A SWITCHING CONTROLLER, 750 kHz SWITCHING FREQ-MAX, PDSO36
|
Linear Technology, Corp.
|