PART |
Description |
Maker |
MAX8569B MAX8569A |
200mA Step-Up Converters in 6-Pin SOT23 and TDFN
|
Maxim
|
MAX1086EKA |
150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23 and TDFN
|
MAXIM - Dallas Semiconductor
|
APM2807QBC-TRG |
2300 mA, 20 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET 2 X 2 MM, GREEN, TDFN-6
|
Anpec Electronics, Corp.
|
MAX5056AASA MAX5054 MAX5054AATA MAX5054AATV MAX505 |
4A, 20ns, Dual MOSFET Drivers TTL Logic Inputs 8-Pin TDFN and SO Packages
|
Maxim Integrated Products
|
STT4PF20V |
P-CHANNEL 20V - 0.090 W - 3A SOT23-6L 2.7V-DRIVE STripFET II POWER MOSFET P通道20V 0.090 3A条采用SOT23 - 6L 2.7 -驱动STripFET??二功率MOSFET P-CHANNEL 20V - 0.090 OHM - 3A SOT23-6L 2.7V-DRIVE STRIPFET II POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
2N700007 2N7000 2N7002 |
N-channel 60V - 1.8Ω - 0.35A - SOT23-3L / TO-92 STripFET?/a> Power MOSFET N-channel 60V - 1.8Ω - 0.35A - SOT23-3L / TO-92 STripFET Power MOSFET N-channel 60V - 1.8ヘ - 0.35A - SOT23-3L / TO-92 STripFET⑩ Power MOSFET
|
STMicroelectronics
|
STT2PF60L |
P-CHANNEL 60V - 0.20 OHM 2A SOT23-6L STRIPFET II POWER MOSFET P-CHANNEL 60V - 0.20 ohm - 2A SOT23-6L STripFET II POWER MOSFET P-CHANNEL 60V - 0.20 ohm - 2A SOT23-6L STripFET⑩ II POWER MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
ZXMN2B01F ZXMN2B01FTA |
20V SOT23 N-channel enhancement mode MOSFET
|
Diodes Incorporated
|
ZXMP2120FF |
200V SOT23 P-channel enhancement mode MOSFET
|
Zetex Semiconductors
|
AS7C3256-12TC AS7C256-12TI AS7C3256-12TI |
3.3V 32K x 8 CM0S SRAM (common I/O), 12ns access time 5V 32K x 8 CM0S SRAM (common I/O), 12ns access time
|
Alliance Semiconductor
|
CY7C1012AV25 CY7C1012AV25-10BGC CY7C1012AV25-10BGI |
512K x 24 static RAM, 12ns Memory : Async SRAMs
|
Cypress Semiconductor
|