PART |
Description |
Maker |
FAN7085 FAN7085CM FAN7085CMX FAN7085F085 |
High Side Gate Driver with Recharge FET
|
Fairchild Semiconductor
|
IDT6168LA85EB IDT6168SA85EB IDT6168LA20LB IDT6168S |
High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down, High Creepage Package x4 SRAM x4的SRAM High and Low Side Driver x4的SRAM
|
Electronic Devices, Inc. Pyramid Semiconductor, Corp.
|
IR21814 IR2181S |
High and Low Side Driver, SoftTurn-On, Noninverting Inputs, Separate High and Low Side Inputs, All High Voltage Pins On One Side, Separate Logic and Power Ground in a 14-pin DIP package High and Low Side Driver, SoftTurn-On, Noninverting Inputs, Separate High and Low Side Inputs in a 8-lead SOIC package
|
International Rectifier
|
HIP408304 HIP4083ABZ HIP4083APZ HIP4083AP HIP4083A |
Driver, Three Phase High Side, 80V, 300mA, Drives Three High Side N-Channel MOSFETs 80V, 300mA Three Phase High Side Driver
|
INTERSIL[Intersil Corporation]
|
AM2968ALC AM2968ALCB AM2968DC AM2968A/BUA AM2968A/ |
Single High Side Driver, Inverting Inputs, Current Sensing, Overcurent Detection and Shutdown Fault Output in a 8-pin DIP package; A IR2128 packaged in a Lead-Free 8-Lead PDIP Linear Current Sensing IC in a 8-Lead DIP package; A IR2175 packaged in a 8-Lead SOIC High voltage, high speed power MOSFET and IGBT driver with independent high side and low side referenced output channels packaged in a 8-Pin SOIC; A IRS2607DSPBF shipped on Tape and Reel High voltage, high speed power MOSFET and IGBT driver with independent high side and low side referenced output channels packaged in a 8-Pin SOIC; A IRS2607DSPBF with Standard Packaging Linear Current Sensing IC in a 8-Lead DIP package; A IR2175 packaged in a 8-Lead PDIP High and Low Side Driver, SoftTurn-On, Noninverting Inputs in a 8-pin DIP package; A IR2106 packaged in a 8-Lead SOIC Half Bridge Driver, Soft Turn-On, Single Input Plus Shut-Down, All high Voltage Pins on One Side, Programmable 0.5-5us Deadtime in a 14-pin DIP DRAMController
|
|
UC2635DW UC2635DWTR UC2635Q UC2635QTR UC2635J UC26 |
Iso high side smart power solid state relay Single channel high side driver with analog current sense for automotive applications Phase-Locked Loop
|
|
MAX1614 MAX1614EUA 1669 MAX1614C_D MAX1614C/D |
High-Side / N-Channel MOSFET Switch Driver High-Side, N-Channel MOSFET Switch Driver From old datasheet system RJ11 AND RJ45 2-15 POS CRIM
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
LTC1157 LTC1157C LTC1157CN8 LTC1157CS8 LT1157 |
From old datasheet system 3.3V Dual Micropower High-Side/Low-Side MOSFET Driver
|
LINER[Linear Technology]
|
IR2304IR2304S IR2304 IR2304S |
High and Low Side Driver, SoftTurn-On, Noninverting Inputs in a 8-lead SOIC package High and Low Side Driver, SoftTurn-On, Noninverting Inputs in a 8-pin DIP package HALF-BRIDGE DRIVER
|
International Rectifier
|
TTLDM-65 LPSLDM-65 LDM-ACT-70 SMLDM-TTL-25 MDLDM-T |
3.3V Dual Micropower High-Side/Low-Side MOSFET Driver; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Quad High Side Micropower MOSFET Driver with Internal Charge Pump; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C Tapped Delay Line 抽头延迟
|
Intersil, Corp. Analog Devices, Inc. TE Connectivity, Ltd. Microsemi, Corp. Microchip Technology, Inc.
|
MIC501806 MIC5018BM4 |
IttyBitty垄芒 High-Side MOSFET Driver IttyBitty?/a> High-Side MOSFET Driver
|
Micrel Semiconductor
|