PART |
Description |
Maker |
HCF4045B |
COS/MOS 21-State Counter
|
SGS-Thomson
|
CD22859 CD22859E |
Monolithic Silicon COS/MOS Dual-Tone Multifrequency Tone Generator
|
INTERSIL[Intersil Corporation] HARRIS
|
M74HC698 8050 M74HC698TTR |
U/D DECADE COUNTER/REGISTER (3-STATE) From old datasheet system U/D DECADE COUNTER/REGISTER (3-STATE)
|
ST Microelectronics STMicroelectronics
|
SN54LS293J SN74LS293D SN74LS293N SN54-74LS290 SN74 |
DECADE COUNTER 4-BIT BINARY COUNTER From old datasheet system DECADE COUNTER; 4-BIT BINARY COUNTER 十进制计数器4位二进制计数 DECADE COUNTER; 4-BIT BINARY COUNTER LS SERIES, ASYN NEGATIVE EDGE TRIGGERED 3-BIT UP BINARY COUNTER, PDSO14
|
ONSEMI[ON Semiconductor]
|
TC74HC590AF TC74HC590AP E004891 74HC590 |
8-BIT BINARY COUNTER/REGISTER WITH 3-STATE OUTPUTS From old datasheet system 8-BIT BINARY COUNTER / REGISTER WITH 3-STATE OUTPUTS
|
Toshiba Semiconductor
|
IC-LSHCCHIP IC-LSHCOBGALSH2C IC-LSHCOBGALSH2C-1R I |
3-CHANNEL SIN/COS PHOTOSENSOR ARRAY
|
IC-Haus GmbH
|
PS7241-1B PS7241-1B-F4 |
Optical Coupled MOS FET photocoupler(MOS 场效应管输出光光隔离器) TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
NEC Corp.
|
74LS569A 74LS569 SN74LS569N SN54LS569A SN54LS569J |
FOUR-BIT UP/DOWN COUNTER WITH THREE-STATE OUTPUTS
|
MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
UM236 UM234 UM213 UM238M UM241 UM221M UM202 UM203 |
12 STAGE RIPPLE-CARRY BINARY COUNTER/DIVIDERS 14 STAGE RIPPLE-CARRY BINARY COUNTER/DIVIDERS Synchronous presettable 4-bit counter OCTAL COUNTER WITH 8 DECODED OUTPUTS DECADE COUNTERS/DIVIDERS WITH DECODED 7 SEGMENT DISPLAY OUTPUTS 4 bit synchronous up/down counters Quad exclusive NOR gate Low cost field programmable microcontroller peripherals DIFFERENTIAL 4 CHANNLE ANALOG MULTIPLEXER DEMULTIPLEXER N-CHANNEL 600V 0.85 Ohm 7A TO-220/TO-220FP POWERMESH II MOSFET Octal bus buffer with 3 state outputs (non inverted) Octal bus buffer with 3 state outputs (not inverted) Octal bus buffer with with 3 state outputs (non inverted) 8-bit MCU with Flash or ROM memory, ADC, two 16-bit timers, I2C, SPI, SCI interfaces 5V range 8-bit MCU with 8 to 32K Flash, 10-bit ADC, 4 timers, SPI, SCI interface QUAD 2 INPUT AND GATE 5 bit programmable dual-phase controller 5 bit programmable step down controller with synchronous rectification Quad 2 channel multiplexer (inv.) 12 stage binary counter High-voltage high and low side driver
|
|
74F579 |
8-bit bidirectional binary counter (3-State)
|
Philips
|
MC54-74HC390 MC54HC390J MC74HC390D MC74HC390N MC54 |
Dual 4-Stage Binary Ripple Counter with ±2 and ±5 Sections HC/UH SERIES, ASYN NEGATIVE EDGE TRIGGERED 3-BIT UP DECADE COUNTER, PDIP16 Dual 4-Stage Binary Ripple Counter with ±2and ±5 Sections Dual 4-Stage Binary Ripple Counter with ÷2 and ÷5 Sections Dual 4-Stage Binary Ripple Counter with 2and 5 Sections DUAL 4-STAGE BLNARY RIPPLE COUNTER WITH *2 AND * 5 SECTIONS From old datasheet system Dual 4-Stage Binary Ripple Counter with and Sections Dual 4-Stage Binary Ripple Counter with 2 and 5 Sections High-Performance Silicon-Gate CMOS Dual 4-Stage Binary Ripple Counter with and Sections
|
Motorola, Inc. MOTOROLA[Motorola Inc] ONSEMI[ON Semiconductor]
|
74F579SC 74F579SJ 74F579PC 74F579 |
8-Bit Bidirectional Binary Counter with 3-STATE Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|