PART |
Description |
Maker |
EEFST0D331R EEF-ST0D331R EEFLT0D331R EEFCT0G181R E |
SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors) SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
|
Panasonic Semiconductor
|
EEFGX0D331R EEFGX0D471R |
SP-Cap/ Polymer Aluminum Capacitors
|
Panasonic Semiconductor
|
EEFHD0K680R EEFHE0D331R EEFHE0E271R EEFHE0J151R EE |
SP-Cap/ Polymer Aluminum Capacitors SP-Cap/ Polymer Aluminum Capacitors
|
Panasonic Semiconductor
|
RSH0J271MCN1GB RSH0E391MCN1GB RSL0E101MCN1GB RSL0E |
CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 6.3 V, 270 uF, SURFACE MOUNT ROHS COMPLIANT FUNCTIONAL POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
|
Nichicon, Corp. Nichicon corporation
|
GBL01 GBL10 GBL005 GBL02 GBL04 GBL06 GBL08 |
Aluminum Polymer SMT Capacitor; Capacitance: 2700uF; Voltage: 2.5V; Case Size: 10x12.7 mm; Packaging: Tape & Reel 玻璃钝化单相桥式整流 Aluminum Polymer SMT Capacitor; Capacitance: 180uF; Voltage: 2.5V; Case Size: 5x6 mm; Packaging: Tape & Reel 玻璃钝化单相桥式整流 Aluminum Polymer SMT Capacitor; Capacitance: 390uF; Voltage: 2.5V; Case Size: 6.3x6 mm; Packaging: Tape & Reel Aluminum Polymer SMT Capacitor; Capacitance: 1200uF; Voltage: 2.5V; Case Size: 10x8 mm; Packaging: Tape & Reel Aluminum Polymer SMT Capacitor; Capacitance: 270uF; Voltage: 16V; Case Size: 10x8 mm; Packaging: Tape & Reel Aluminum Polymer SMT Capacitor; Capacitance: 2700uF; Voltage: 2.5V; Case Size: 10x12.7 mm; Packaging: Tape & Reel Aluminum Polymer SMT Capacitor; Capacitance: 180uF; Voltage: 2.5V; Case Size: 5x6 mm; Packaging: Tape & Reel Aluminum Polymer SMT Capacitor; Capacitance: 680uF; Voltage: 16V; Case Size: 10x12.7 mm; Packaging: Tape & Reel GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
|
GE Security, Inc. GE[General Semiconductor]
|
EEFCD0K330R EEFCD0K330ER EEFFD0D680R |
SP-Cap/ Polymer Aluminum Capacitors
|
Panasonic Semiconductor
|
NSPZR152M2.5V10X12.5 NSPZR681M6.3V10X12.5 NSPZR821 |
CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, 2.5 V, 1500 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, 6.3 V, 680 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, 6.3 V, 820 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, 2.5 V, 820 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, 2.5 V, 1000 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, 2.5 V, 680 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, 6.3 V, 390 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, 6.3 V, 470 uF, THROUGH HOLE MOUNT RADIAL LEADED
|
NIC Components, Corp.
|
B44066K1211 B44066K1212 B44066K1421 B25667A3337A37 |
TERMINAL CAP CAP 3X1108UF480V X1108UF480V CAP 3X69UF400V X69UF400V CAP 3X138UF400V X138UF400V CAP 1X124UF400V X124UF400V CAP 1X149UF400V X149UF400V CAP 1X173UF525V
|
Vishay Intertechnology, Inc. SIEMENS AG EPCOS AG
|
GBJ10K GBJ10A GBJ10B GBJ10D GBJ10G GBJ10J |
Aluminum Polymer SMT Capacitor; Capacitance: 390uF; Voltage: 4V; Case Size: 6.3x6 mm; Packaging: Tape & Reel Aluminum Polymer SMT Capacitor; Capacitance: 1200uF; Voltage: 4V; Case Size: 10x8 mm; Packaging: Tape & Reel GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes)
|
PanJit International Inc. PANJIT[Pan Jit International Inc.]
|
EKC12 MALREKE00DD347EG0K MALREKE00BA247H00K MALREK |
CAP,AL2O3,470UF,25VDC,20% -TOL,20% TOL CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 47 uF, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT CAP,AL2O3,220UF,35VDC,20% -TOL,20% TOL EKC Aluminum Capacitors Radial Style CAP,AL2O3,1MF,16VDC,20% -TOL,20% TOL CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 470 uF, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT
|
Vishay Siliconix Vishay Roederstein
|
2SLG100M 4SLG68M 2.5SLG180M 2SLG150M 4SW150M2.7X7. |
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
|
RUBYCON CORPORATION
|
875075155006 |
WCAP-PSLC Aluminum Polymer Capacitors
|
Wurth Elektronik GmbH &...
|
|