PART |
Description |
Maker |
NTD4806N-35G |
Power MOSFET 30 V, 76 A, Single N-Channel, DPAK/IPAK; Package: 3.5 mm IPAK, Straight Lead; No of Pins: 3; Container: Rail; Qty per Container: 75 11 A, 30 V, 0.0094 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
STD4NS25 7408 |
N-CHANNEL 250V - 0.9ohm - 4A DPAK/IPAK MESH OVERLAY MOSFET N-CHANNEL 250V - 0.9ohm - 4A DPAK/IPAK MESH OVERLAY⑩ MOSFET From old datasheet system N-CHANNEL 500V - 2.4 OHM - 3A TO-220/TO-220FP/DPAK/IPAK ZENER-PROTECTED SUPERMESH POWER MOSFET
|
STMicroelectronics
|
STD1NB80- STD1NB80-1 6190 STD1NB80 |
N-CHANNEL 800V - 16 OHM - 1A - IPAK POWERMESH MOSFET N-CHANNEL 800V - 16 OHM - 1A - DPAK/IPAK POWERMESH MOSFET N - CHANNEL 800V - 16ohm - 1A - IPAK PowerMESH MOSFET N - CHANNEL 800V - 16 - 1A - IPAK PowerMESH TM MOSFET N-CHANNEL POWER MOSFET From old datasheet system
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
VE-18H-K-HV-VD VE-18HMS-K-HV-VD VE-18HM5-K-HV-VD V |
POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.02A (COIL), 18VDC (COIL), 360mW (COIL), THROUGH HOLE-STRAIGHT MOUNT LEAD FREE POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.014A (COIL), 18VDC (COIL), 250mW (COIL), THROUGH HOLE-STRAIGHT MOUNT LEAD FREE POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.02A (COIL), 18VDC (COIL), 360mW (COIL), THROUGH HOLE-STRAIGHT MOUNT LEAD FREE POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.015A (COIL), 24VDC (COIL), 360mW (COIL), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.04A (COIL), 9VDC (COIL), 360mW (COIL), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.03A (COIL), 12VDC (COIL), 360mW (COIL), THROUGH HOLE-STRAIGHT MOUNT
|
FUJITSU Component., Ltd. FUJITSU COMPONENT LTD
|
STD1NB50 5583 |
N-Channel 500V-7.5Ω-1.4A- IPAK PowerMESHTM MOSFET(N沟道MOSFET) From old datasheet system N - CHANNEL 500V - 7.5 - 1.4A - IPAK PowerMESH TM MOSFET
|
意法半导 STMicro
|
STD100NH02 STD100NH02L STD100NH02LT4 STD100NH02L-1 |
N-channel 24V - 0.0042 - 60A - DPAK - IPAK STripFET II Power MOSFET RESONATOR CERM W/CAP 10.00MHZ N沟道24V 0.0042欧姆-0A条的DPAK /像是iPak STripFET⑩三功率MOSFET N-CHANNEL POWER MOSFET N-CHANNEL 24V - 0.0042 ohm - 60A DPAK/IPAK STripFET III POWER MOSFET N-channel 24V - 0.0042з - 60A - DPAK - IPAK STripFET⑩ II Power MOSFET
|
STMicroelectronics N.V. ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STD5NM50 STD5NM50-1 |
N-CHANNEL 500V - 0.7 OHM - 7.5A DPAK/IPAK MDMESH POWER MOSFET N-CHANNEL 500V - 0.7ohm - 7.5A DPAK/IPAK MDmeshPower MOSFET N-CHANNEL 500V - 0.7ohm - 7.5A DPAK/IPAK MDmesh⑩Power MOSFET N-CHANNEL 500V - 0.7ohm - 7.5A DPAK/IPAK MDmesh?Power MOSFET
|
ST Microelectronics 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
C5750Y5V1H105ZT C3225X5R0J105KB C3225X5R0J105MB C3 |
Fuses, 2A 250V T IEC GLASS LEAD 陶瓷电容 IC, BCM8704, SERIAL 10-GIGABIT ETHERNET/ 陶瓷电容 Fuses, 630mA 250V T IEC GLASS LEAD 陶瓷电容 Ceramic Capacitors 陶瓷电容 Fuses, 8A 250V T IEC GLASS LEAD Fuses, 2.51A 250V T IEC GLASS LEAD Circular Connector; No. of Contacts:34; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:22; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:22-34 Circular Connector; Body Material:Aluminum; Series:PT06; No. of Contacts:34; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Socket; Insert Arrangement:22-34 Fuses, Slow blow cartridge type Fuses, 125mA 250V T IEC GLASS LEAD Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; No. of Contacts:36; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight From old datasheet system
|
TDK, Corp. Samsung Semiconductor Co., Ltd. TDK Corporation TDK[TDK Electronics]
|
STD1NB80 6648 STD1NB80T4 |
N-CHANNEL 800V - 16 OHM - 1A - DPAK/IPAK POWERMESH MOSFET N - CHANNEL 800V - 16ohm - 1A - DPAK/IPAK PowerMESH MOSFET N - CHANNEL 800V - 16 - 1A - DPAK/IPAK PowerMESH TM MOSFET N-CHANNEL POWER MOSFET From old datasheet system
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
50011-5048GLF 50011-5108GLF 50011-3120A 50011-5150 |
48 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT LEAD FREE 108 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT LEAD FREE 120 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT 150 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT
|
PCA Electronics, Inc.
|
PS-30PE-D4T1-B1E |
30 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER LEAD FREE
|
Japan Aviation Electronics Industry, Ltd.
|
STD2NC60 STD2NC60-1 STD2NC60T4 |
N-CHANNEL 600V 3.3 OHM 2A DPAK/IPAK POWERMESH II MOSFET N-CHANNEL 600V 3.3 OHM 2A DPAK/IPAK POWERMESH II MOSFET N-CHANNEL 600V - 3.3ohm - 2A DPAK / IPAK PowerMesh?II MOSFET N-CHANNEL 600V - 3.3ohm - 2A DPAK / IPAK PowerMeshII MOSFET N-CHANNEL 600V - 3.3ohm - 2A DPAK / IPAK PowerMesh⑩II MOSFET N-CHANNEL MOSFET
|
STMicroelectronics ST Microelectronics
|