PART |
Description |
Maker |
FS2VS-12 |
Solid-State Panel Mount Relay; Output Device:SCR; Output Voltage Max:280Vrms; Output Voltage Min:24Vrms; Control Voltage Max:140Vrms; Control Voltage Min:90Vrms; Load Current Max:12A; Switching:Zero Cross RoHS Compliant: Yes MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
POWEREX[Powerex Power Semiconductors] Mitsubishi Electric Corporation
|
PK5 PK10 |
Pulstors Resistors for high voltage peak pulsing energy control , high frequency non-inductive
|
Willow Technologies Ltd
|
2SA1721 2SA172107 |
High Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications
|
Toshiba Semiconductor
|
2SA1091 |
Transistor Silicon PNP Triple Diffused Type (PCT process) High Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications
|
TOSHIBA
|
2SA1384 |
Transistor Silicon PNP Triple Diffused Type (PCT process) HIGH Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications
|
TOSHIBA
|
2SC3515 |
Transistor Silicon NPN Triple Diffused Type (PCT process) HIGH Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications
|
TOSHIBA
|
LA5626 1580 LA5645M |
Constant-Voltage/Constant-Current Control IC(???/????у????) Monolithic Linear IC From old datasheet system Rechargeable Battery Charge Control ICs: Constant voltage/constant current control IC
|
Sanyo Electric Co.,Ltd.
|
PRGA24150 PRGD2415010 PRGD48150 PRGD60150 PRGA6015 |
Solid-State Panel Mount Relay; Output Device:SCR; Output Voltage Max:280Vrms; Output Voltage Min:24Vrms; Control Voltage Max:140VAC; Control Voltage Min:90VAC; Load Current Max:150A; Switching:Zero Cross
|
CRYDOM CORP Crydom Inc.,
|
FS2VS-16A |
Solid-State Panel Mount Relay; Output Device:SCR; Output Voltage Max:280Vrms; Output Voltage Min:24Vrms; Control Voltage Max:140Vrms; Control Voltage Min:90Vrms; Load Current Max:18A; Switching:Zero Cross RoHS Compliant: Yes
|
Mitsubishi Electric Corporation
|
GC4530-00 GC4531-00 GC4532-00 GC4533-00 GC4511-00 |
CONTROL DEVICES High Voltage NIP Diodes TM
|
Microsemi Corporation
|
BA9756 BA9756FS |
High-voltage control circuit for CRT displays
|
Rohm
|