PART |
Description |
Maker |
254046MA012G401ZR |
2.54mm PITCH PROBE PIN BATTERY CONN
|
SUYIN USA, INC.
|
425002MB002G102ZL |
4.25mm Pitch Probe Pin SMT Type Battery Connector
|
SUYIN USA, INC.
|
M30201T-52SP |
Converter for Connecting Pod Probe M30201T-PRB to 52-pin 1.778mm-pitch SDIP (for M30201 Group)
|
Renesas Electronics Corporation
|
MSV701A MSV301A MSV601A MSV101E MSV101 MSV101A MSV |
2.54mm Pitch DIL Vertical PC Tail Pin Header, 6.1mm mating pin height, tin, 8 8-way BIDIRECTIONAL VARISTORS SILICON, STABISTOR DIODE, DO-201AA
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp. MICROSEMI CORP-SCOTTSDALE
|
0702871038 |
2.54mm (.100) Pitch C-Grid? Header, Breakaway, Dual Row, Vertical, with Retention Pin, 80 Circuits, 6.10mm (.240) Mating Pin Length, Tin (Sn) Plating
|
Molex Electronics Ltd.
|
70287-1088 |
2.54mm (.100) Pitch C-Grid? Header, Breakaway, Dual Row, Vertical, with Retention Pin, 82 Circuits, 8.13mm (.320) Mating Pin Length, Tin (Sn) Plating
|
Molex Electronics Ltd.
|
P25-4026 |
Two Part Spring Probe, 2.54mm centres, Serrated Head
|
HARWIN INC
|
S25-346 |
2.54mm MIN. CENTRE TWO-PIECE SPRING PROBE SLEEVE
|
Harwin Plc
|
22-28-4096 0022284096 |
2.54mm (.100) Pitch KK? Header, Breakaway, Vertical, 9 Circuits, 0.76μm (30μ) Gold (Au) Selective Plating, Mating Pin Length 6.09mm (.240) 2.54mm (.100) Pitch KK庐 Header, Breakaway, Vertical, 9 Circuits, 0.76渭m (30渭) Gold (Au) Selective Plating, Mating Pin Length 6.09mm (.240) 2.54mm (.100) Pitch KK垄莽 Header, Breakaway, Vertical, 9 Circuits, 0.76楼矛m (30楼矛) Gold (Au) Selective Plating, Mating Pin Length 6.09mm (.240)
|
Molex Electronics Ltd.
|
70287-1007 0702871007 |
2.54mm (.100") Pitch C-Grid庐 Header, Breakaway, Dual Row, Vertical, with Retention Pin, 18 Circuits, 6.10mm (.240") Mating Pin Length, Tin (Sn) Plating 2.54mm (.100) Pitch C-Grid? Header, Breakaway, Dual Row, Vertical, with Retention Pin, 18 Circuits, 6.10mm (.240) Mating Pin Length, Tin (Sn) Plating
|
Molex Electronics Ltd.
|
70287-1020 0702871020 |
2.54mm (.100) Pitch C-Grid庐 Header, Breakaway, Dual Row, Vertical, with Retention Pin, 44 Circuits, 6.10mm (.240) Mating Pin Length, Tin (Sn) Plating 2.54mm (.100) Pitch C-Grid? Header, Breakaway, Dual Row, Vertical, with Retention Pin, 44 Circuits, 6.10mm (.240) Mating Pin Length, Tin (Sn) Plating
|
Molex Electronics Ltd.
|
|