PART |
Description |
Maker |
67800-8052 |
1.27mm (.050) Pitch Serial ATA High Speed Header, Vertical, Through Hole, with
|
Molex Electronics Ltd.
|
0674903235 67490-3235 |
1.27mm (.050") Pitch Serial ATA Header, Reverse Type, Surface Mount, Right Angle 7 Circuits, without Mylar, 0.38渭m (15渭") Gold (Au) Plating, Tape and Reel Packa 1.27mm (.050) Pitch Serial ATA Header, Reverse Type, Surface Mount, Right Angle 7 Circuits, without Mylar, 0.38μm (15μ) Gold (Au) Plating, Tape and Reel PackageLead-free
|
Molex Electronics Ltd.
|
0877011001 87701-1001 |
1.27mm (.050") Pitch Serial ATA Host Receptacle, Press-fit, Vertical, Standard Height0.76渭m (30渭") Gold (Au) Selective, 22 Circuits, Leadfree 1.27mm (.050) Pitch Serial ATA Host Receptacle, Press-fit, Vertical, Standard Height0.76μm (30μ) Gold (Au) Selective, 22 Circuits, Leadfree
|
Molex Electronics Ltd.
|
0678007112 678007112 |
1.27mm (.050) Pitch Serial ATA High Speed Header, Vertical, Through Hole, with Locking Latch, 7 Circuits, 0.76μm (30μ) Gold (Au) Plating, for 2.00mm (.079) PCB, High Temperature 1.27mm (.050") Pitch Serial ATA High Speed Header, Vertical, Through Hole, with Locking Latch, 7 Circuits, 0.76渭m (30渭") Gold (Au) Plating, for 2.00mm (.079") P MOLEX Connector
|
Molex Electronics Ltd.
|
67492-1631 0674921631 |
1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height 4.45mm (.175"), 0.76渭m (30渭") Gold (Au) Plating, with Cap,Embossed Tape on Reel 1.27mm (.050) Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height 4.45mm (.175), 0.76μm (30μ) Gold (Au) Plating, with Cap,Embossed Tape on ReelPackaging,22 Circuits, Lead Free
|
Molex Electronics Ltd.
|
48325-1103 0483251103 |
1.00mm (.039), 1.27mm (.050) Pitch Slimline Serial ATA Receptacle, Right Angle, Reverse Type, Through Hole, 0.76μm (30μ) Gold (Au), with Screw and Clip, Lead free 1.00mm (.039"), 1.27mm (.050") Pitch Slimline Serial ATA Receptacle, Right Angle, Reverse Type, Through Hole, 0.76渭m (30渭") Gold (Au), with Screw and Clip, Lead
|
Molex Electronics Ltd.
|
67800-8102 |
1.27mm (.050") Pitch Serial ATA High Speed Header, Vertical, Through Hole, withLocking Latch, 7 Circuits, 0.76渭m (30渭") Gold (Au) Plating, for 1.60mm (.063") PC 1.27mm (.050) Pitch Serial ATA High Speed Header, Vertical, Through Hole, withLocking Latch, 7 Circuits, 0.76μm (30μ) Gold (Au) Plating, for 1.60mm (.063) PCB
|
Molex Electronics Ltd.
|
0675810001 67581-0001 |
1.27mm (.050") Pitch Serial ATA Crimp Terminal for Power Cable Receptacle, 0.76渭m(30渭") Gold (Au) Plating, with Reel Direction - Type 1, Lead free 1.27mm (.050) Pitch Serial ATA Crimp Terminal for Power Cable Receptacle, 0.76μm(30μ) Gold (Au) Plating, with Reel Direction - Type 1, Lead free
|
Molex Electronics Ltd.
|
0472220001 |
1.27mm (.050) Pitch Serial ATA Bay Receptacle, Right Angle, SMT, Mid- mount, 0.10um (4u) Gold (Au)
|
Molex Electronics Ltd.
|
0473065001 47306-5001 |
1.27mm (.050) Pitch Serial ATA High Speed Header, Vertical, Surface Mount, with Locking Latch 1.27mm (.050") Pitch Serial ATA High Speed Header, Vertical, Surface Mount, with Locking Latch
|
Molex Electronics Ltd.
|
0483256002 48325-6002 |
1.00mm (.039"), 1.27mm (.050") Pitch Slimline Serial ATA Receptacle, Right Angle, Reverse Type, Through Hole 1.00mm (.039), 1.27mm (.050) Pitch Slimline Serial ATA Receptacle, Right Angle, Reverse Type, Through Hole
|
Molex Electronics Ltd.
|
|