PART |
Description |
Maker |
ADP3302AR4 ADP3302AR2 ADP3302 ADP3302AR5 |
High Precision anyCAP?Dual Low Dropout Linear Regulator Host-Controlled Multi-Chemistry Battery Charger With Low Input Power Detect 24-VQFN 0 to 125 DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO8 High Precision anyCAPDual Low Dropout Linear Regulator
|
Analog Devices, Inc.
|
CLM2810 CLM2810-33 CLM2810AT CLM2810AT-X CLM2810M |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection ADJUSTABLE POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 2.85V / 1.0A Low Dropout Regulator 10V / 1.0A Low Dropout Regulator 12V / 1.0A Low Dropout Regulator 3.3V / 1.0A Low Dropout Regulator Ajustable 1.0A Low Dropout Regulator
|
Calogic LLC CALOGIC[Calogic, LLC] Calogic LLC
|
MAX872-MAX874 MAX874 MAX874CPA MAX874CSA MAX874EPA |
10A / Low-Dropout / Precision Voltage References 10レA, Low-Dropout, Precision Voltage References 10A Low-Dropout Precision Voltage References 10A, Low-Dropout, Precision Voltage References 10μA, Low-Dropout, Precision Voltage References
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
REF19XES3 REF19XFS3 REF19XGRU4 REF19XGS REF191 REF |
Precision Micropower, Low Dropout, Low Voltage References, Nom. Vo=3.0 Precision Micropower, Low Dropout, Low Voltage References, Nom. Vo=4.096 Precision Micropower, Low Dropout Voltage References
|
AD[Analog Devices]
|
TC1173 TC1173VUA TC1173VOA TC1173-5.0VOA TC1173-5. |
The TC1173 is a precision output (typically ±0.5%) CMOS low dropout regulator. Total supply current is typically 50A at full load (20 to 60 times lower than in bipolar regulators!). TC1173 key features include ultra low noise operati The TC1173 is a precision output (typically ±0.5%) CMOS low dropout regulator. Total supply current is typically 50µA at ... 300mA CMOS LDO with Shutdown ERROR output and Bypass
|
MICROCHIP[Microchip Technology]
|
TSM6025 |
A 2.5V, Low-Power/Low-Dropout Precision Voltage Reference
|
Silicon Laboratories
|
TSM6025 |
A 2.5V, Low-Power/Low-Dropout Precision Voltage Reference
|
Touchstone Semiconductor Inc
|
GM6605-5.0TA3R GM6605-5.0TA3RG GM6605-5.0TA3T GM66 |
5.0A LOW DROPOUT PRECISION REGULATOR
|
Gamma Microelectronics Inc.
|
WT1117AD-15 WT1117AD-18 WT1117AD-25 WT1117AD-285 W |
1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
|
Weitron Technology
|
GM1117-1.5ST3R GM1117-1.5ST3T GM1117-1.5TA3R GM111 |
1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
|
Gamma Microelectronics Inc.
|
MAX6041AEUR-T MAX6041BEUR-T MAX6045AEUR-T MAX6045B |
Precision, Low-Power, Low-Dropout, Precision / Low-Power / Low-Dropout /
|
Maxim Integrated Products MAXIM - Dallas Semiconductor
|