PART |
Description |
Maker |
AT80C51RD2-SLRUM AT80C51RD2-RLRUM |
IC MCU 80C51 HI PERFORM 44PLCC 8-BIT, 40 MHz, MICROCONTROLLER, PQCC44 80C51 High Performance ROM 8-bit Microcontroller
|
Atmel, Corp. ATMEL Corporation
|
P89C51RD P89C51RDIB P89C51RDIN P89C51RDIA P89C51RD |
80C51 Central Processing Unit 80C51 8-bit Flash microcontroller family 32K/64K ISP FLASH with 512.1K RAM
|
NXP Semiconductors Philips Semiconductors
|
8XC52 8XC54 8XC58 87C51FB 80C51FA 80C32 83C52 87C5 |
8-bit CMOS (low voltage, low power and high speed) microcontroller families 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, OTPROM, 33 MHz, MICROCONTROLLER, PDIP40 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PQFP44 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, MROM, 33 MHz, MICROCONTROLLER, PQFP44 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PQCC44 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, 33 MHz, MICROCONTROLLER, PDIP40 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, OTPROM, 33 MHz, MICROCONTROLLER, PQFP44 N-CHANNEL SILICON JUNCTION FET TO72 80C51位单片机系列8K.64K/256.1K检察官办公光盘/无ROM.7V.5.5V低电压,低功耗,高3兆赫 N-CHANNEL SILICON JUNCTION FET TO52 80C51位单片机系列8K.64K/256.1K检察官办公光盘/无ROM.7V.5.5V低电压,低功耗,高3兆赫 XLR Style Audio Connector; Mounting Type:In-Line; Gender:Male-Female Adapter; Approval Bodies:CE; Body Material:Brass; Series:F 80C51位单片机系列8K.64K/256.1K检察官办公光盘/无ROM.7V.5.5V低电压,低功耗,高3兆赫 80C51 8-bit microcontroller family 80C51位单片机系列 Shelf; External Width:19"; Color:Metallic Gray; Keyboard Width Max:16.5" RoHS Compliant: Yes 80C51位单片机系列8K.64K/256.1K检察官办公光盘/无ROM.7V.5.5V低电压,低功耗,高3兆赫 Shelf; External Width:23"; Color:Black; Keyboard Width Max:20.5" RoHS Compliant: Yes 80C51位单片机系列8K.64K/256.1K检察官办公光盘/无ROM.7V.5.5V低电压,低功耗,高3兆赫 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, OTPROM, 33 MHz, MICROCONTROLLER, PQCC44 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, MROM, 33 MHz, MICROCONTROLLER, PQCC44 POT 2K OHM 9MM SQ RTANG PLAST 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PQCC44 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, MROM, 33 MHz, MICROCONTROLLER, PDIP40 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, 33 MHz, MICROCONTROLLER, PQFP44 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz 8-BIT, 33 MHz, MICROCONTROLLER, PQCC44 Molded Enclosure, NEMA 4X /UL/IEC Plastic Box, Outdoor, Style B, Plastic Hinge with Snap Action Latch, 27.56 inch Height, 19.67 inch Width, 9.53 inch Depth NEMA BOX B, INDOOR SOLID NEMA BOX B, INDOOR CLEAR POT 100K OHM 9MM SQ PLASTIC DUAL LOW-LEAKAGE PICO AMP DIODE TO72 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless/ low voltage 2.7V.5.5V/ low power/ high speed 33 MHz 80C51 8-bit microcontroller family 8XC51FA/FB/FC/80C51FA8XC51RA /RB /RC /RD /80C51RA 8K 4K/256K OTP/ROM/ROMless,low voltage, low power, high speed (33 MHz)(80C51 8位微控制器系列产 80C51 8-Bit Microcontroller Family (8K ROM,Low Voltage (2.7V-5.5V), Low Power, High Speed (33 MHz) )(80C51 8位微控制器系列产
|
http:// NXP Semiconductors N.V. Philips Semiconductors
|
P87LPC778 P87LPC778FDH |
CMOS single-chip 8-bit 80C51 microcontroller 128-byte data RAM, 8 kB OTP IC,MICROCONTROLLER,8-BIT,8051 CPU,CMOS,TSSOP,20PIN,PLASTIC
|
PHILIPS[Philips Semiconductors]
|
P89LPC9331HDH P89LPC9361FDH P89LPC9341FDH P89LPC93 |
8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB/16 kB 3 V byte-erasable 8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB-8 kB-16 kB 3 V byte-erasable flash with 8-bit ADCs
|
NXP Semiconductors N.V.
|
P89LPC9321 P89LPC9321FA P89LPC9321FDH P89LPC9321FN |
8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 512-byte data EEPROM, SOT117-1 (DIP28), Tube 8-BIT, FLASH, 18 MHz, MICROCONTROLLER, PDIP28
|
NXP Semiconductors N.V.
|
P83C660X2FA P87C660X2FA P83C661X2BBD P87C661X2BBD |
80C51 8-bit microcontroller family
|
NXP Semiconductors
|
80C55483C55487C554 |
80C51 8-bit microcontroller 16 K / 512 OTP, 8 channel 10 bit A/D, IC, PWM, capture/compare, high I/O
|
Philips
|
P89LPC933FDH P89LPC935 P89LPC935FDH P89LPC935FA P8 |
8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable flash with 8-bit ADCs
|
NXP Semiconductors
|
P89C51RD2BBD/01 P89C51RA2BBD/01 P89C51RB2BBD/01 P8 |
80C51 8-bit Flash microcontroller family
|
Philips Semiconductors NXP Semiconductors
|
P89C660 P89C668HBA P89C668HBBD P89C660HBBD P89C660 |
80C51 8-bit Flash microcontroller family
|
NXP Semiconductors
|
|