PART |
Description |
Maker |
NCV3063DR2G NCP3063BDR2G NCP3063PG NCP3063DR2G NCP |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 1.5 A SWITCHING REGULATOR, 190 kHz SWITCHING FREQ-MAX, PDSO8 1.5 A, Step-Up/Down/ Inverting Switching Regulators 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?掳C to 85?掳C
|
ON Semiconductor
|
MC33167TVG MC33167D2TR4G |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 8 A SWITCHING REGULATOR, 81 kHz SWITCHING FREQ-MAX, PSSO5
|
ON Semiconductor
|
MC33166TVG |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C
|
ON Semiconductor
|
ADP1149-5 |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C
|
Analog Devices, Inc.
|
LT1171HVIQTRPBF LT1172HVCQPBF LT1172HVCQTRPBF LT11 |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 5.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PSSO5 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 3.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PSSO5 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 5.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PSSO5 Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 3.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PZFM5 SMPS Controller 开关电源控制器 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?掳C to 85?掳C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
PIC17C752-33_JW PIC17C752-08I/JW PIC17C752-08I/P P |
Dual 2-Wide 2-3-Input OR-AND/OR-AND-Invert Gate; Package: SOEIAJ-16; No of Pins: 16; Container: Rail; Qty per Container: 50 高性能8位微控制器的CMOS存储 BBG ECL GATE OR/AND DUAL; Package: 20 LEAD PLLC; No of Pins: 20; Container: Tape and Reel; Qty per Container: 500 高性能8位微控制器的CMOS存储 IC-8-BIT CMOS MCU 集成电路8位CMOS微控制器 Replacement lens; Style: Replacement lens/domes; Color: Red/Yellow/Green/Blue; Diameter: 82mm square; Applicable Model: KJS(B); Material: Acrylic 高性能8位微控制器的CMOS存储 High-Performance 8-Bit CMOS EPROM Microcontrollers 高性能8位微控制器的CMOS存储 500kHz High Efficiency 3A Switching Regulator; Package: SO; No of Pins: 20; Temperature Range: 0°C to 70°C OSC 3.3V SMT 7X5 CMOS 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVP00; Number of Contacts:8; Connector Shell Size:13; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Body Style:Straight
|
Microchip Technology, Inc. Microchip Technology Inc. http://
|
AD7492AR AD7492ARU-5 AD7492BR AD7492BRU-5 AD749201 |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 500kHz High Efficiency 3A Switching Regulator; Package: TO-220; No of Pins: 7; Temperature Range: 0°C to 70°C 1MSPS, 4mW Internal Ref & Clk, 12-Bit Parallel ADC 1MSPS, 4mW Internal Ref & Clk, 12-Bit Parallel ADC IC,A/D CONVERTER,SINGLE,12-BIT,SOP,24PIN 1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC 500kHz High Efficiency 3A Switching Regulator; Package: DD PAK; No of Pins: 7; Temperature Range: 0°C to 70°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C 500kHz High Efficiency 3A Switching Regulator; Package: TO-220; No of Pins: 7; Temperature Range: 0°C to 70°C RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS A/D CONVERTER A / D转换 500kHz High Efficiency 6A Switching Regulator; Package: DD PAK; No of Pins: 7; Temperature Range: -40°C to 85°C 的A / D转换
|
Analog Devices Inc NEC, Corp. Electronic Theatre Controls, Inc.
|
LTC1929CG LTC1929IG LTC1929 LTC1929-PG |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 2-Phase, High Efficiency,Synchronous Step-Down Switching Regulators 2-Phase, High Efficiency,Synchronous Step-DownSwitching Regulators
|
Linear Technology Corporation
|
LTC1560-1 LTC1560-1C LTC1560-1CS8 LTC1560-1I LTC15 |
From old datasheet system 1MHz/500kHz Continuous Time/ Low Noise/ Lowpass Elliptic Filter 1MHz/500kHz Continuous Time, Low Noise, Lowpass Elliptic Filter Advanced,Self-Calibrating, Precision, Dual Operational Amplifier 8-CDIP -55 to 125 Advanced,Self-Calibrating, Precision, Dual Operational Amplifier 10-CFP -55 to 125 Advanced,Self-Calibrating, Precision, Dual Operational Amplifier 20-LCCC -55 to 125
|
Linear Technology Corporation
|
1956IFE 1956I5 LT1956IGN |
High Voltage, 1.5A, 500kHz Step-Down
|
Linear Technology
|
NB634EL NB634EL-LF-Z |
High Efficiency 5A, 24V, 500kHz Synchronous Step-down Converter
|
MPS Industries, Inc.
|
MP92325 MP92325GJ |
24V, 3A, 500kHz, High-Efficiency, Synchronous, Step-Down Converter
|
Monolithic Power System...
|