PART |
Description |
Maker |
50N06-TA3-T 50N06-TF3-T 2SA102005 2SA1797-X-AA3-R |
SILICON PNP EPITAXIAL TRANSISTOR 2000 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR SILICON PNP EPITAXIAL TRANSISTOR 进步党硅外延晶体 REVERSIBLE MOTOR DRIVER NPN EPITAXIAL PLANAR TRANSISTOR HIGH CURRENT SWITCHIG APPLICATIONS HIGH CURRENT SWITCHING APPLICATIONS HIGH VOLTAGE NPN TRANSISTOR HIGH VOLTAGE AND HIGH RELIABILITY TRANSISTOR NPN SILICON TRANSISTOR HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING (6V, 50mA) HIGH-FREQUENCY AMPLIFIER TRANSISTOR AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR SILICON PNP TRANSISTOR LOW FREQUENCY PNP TRANSISTOR MEDIUM POWER LOW VOLTAGE TRANSISTOR MEDIUM POWER TRANSISTOR LOW FREQUENCY AMPLIFIER PNP EPITAXIAL SILICON TRANSISTOR PNP EPITAXIAL PLANAR TRANSISTOR 50 Amps, 60 Volts N-CHANNEL POWER MOSFET
|
UNISONIC TECHNOLOGIES CO LTD ??『绉???′唤?????? Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
2SA965 2SA965O 2SA965Y |
TRANSISTOR SILICON PNP TRIPLE DIFFUSED TYPE. DRIVER STAGE AND POWER AMPLIFIER APPLICATIONS TOSHIBA TRANSISTOR SILICON PNP EPITAXIAL TYPE (PCT PROCESS) TRANSISTOR | BJT | PNP | 120V V(BR)CEO | 800MA I(C) | TO-92VAR 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
|
TOSHIBA[Toshiba Semiconductor]
|
2SA1742 2SA1742K 2SA1742-K |
7 A, 60 V, PNP, Si, POWER TRANSISTOR Silicon powor transistor PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
|
NEC[NEC]
|
2SA1460 2SA1460-AZ 2SA1460-L-AZ 2SA1460L 2SA1460K |
TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 1A I(C) | TO-221VAR 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 1000 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP SILICON TRANSISTOR
|
Electronic Theatre Controls, Inc. ETC List of Unclassifed Manufacturers
|
MPQ3799 MPQ3798 |
PNP SILICON QUAD TRANSISTOR PNP SILICON QUAD TRANSISTOR 50 mA, 40 V, 4 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-116
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
BC327-25RL1 BC327-25ZL1 BC327-40ZL1 BC327-040 BC32 |
Transistor Silicon PlasticPNP Transistor Silicon Plastic PNP Amplifier Transistors PNP Silicon
|
ON Semiconductor
|
2SB601 2SB601-Z 2SB601-S 2SB601L 2SB601M 2SB601K |
TRANSISTOR | BJT | DARLINGTON | PNP | 100V V(BR)CEO | 5A I(C) | TO-220AB PNP SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING Silicon transistor
|
NEC Corp. NEC[NEC]
|
2SA1488A 2SA1488 |
Silicon PNP Transistor Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
|
SANKEN[Sanken electric]
|
2SA1843 2SA1843M 2SA1843L |
Silicon power transistor PNP SILICON EPITAXIAL POWER TRANSISTOR FOR HIGH-SPEED SWITCHING 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 5A I(C) | SIP 晶体管|晶体管|进步党| 60V的五(巴西)总裁| 5A条一(c)|园区
|
NEC Corp.
|
BC212 BC214 BC213 BC212B ON0141 BC214RL1 |
Amplifier Transistor PNP From old datasheet system CASE 29-4, STYLE 17 TO-2 (TO-26AA) Amlifier Transistors (PNP) 100 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Amplifier Transistors(PNP Silicon) 100 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
MOTOROLA[Motorola, Inc] Motorola, Inc. Motorola Mobility Holdings, Inc. ON Semiconductor
|