PART |
Description |
Maker |
BC550C BC549B BC549B-D BC549C BC550B |
TRANSISTOR|BJT|NPN|45VV(BR)CEO|100MAI(C)|TO-92
Low Noise Transistors NPN Silicon(硅NPN低噪声晶体管) 100 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Low Noise Transistor NPN Silicon(30V硅NPN低噪声晶体管) 低噪声晶体管NPN硅(30V的硅npn型低噪声晶体管)
|
ON Semiconductor http://
|
2SC4703 2SC4703NE46234 2SC4703SH |
MICROWAVE LOW NOISE, LOW DISTORTION AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MICROWAVE LOW NOISE LOW DISTORTION AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MICROWAVE LOW NOISE/ LOW DISTORTION AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits BJT
|
NEC[NEC] NEC Corp.
|
BFP193 Q62702-F1282 BFP193Q62702-F1282 |
NPN Silicon RF Transistor (For low noise/ high-gain amplifiers up to 2GHz For linear broadband amplifiers) Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
Q62702-F1611 BFP81 |
NPN Silicon RF Transistor for low noi... NPN Silicon RF Transistor (For low-noise amplifiers up to 2GHz at collector currents from 0.5 mA to 20 mA.) Isolation- UL94V-0 Package Material- Power Sharing on Output- Efficiency to 84%
|
Infineon SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
UPA827 UPA827TF UPA827TF-T1 PA827TF |
High-Frequecy Low-Noise Amplifier NPN Transistor(高频低噪声放大器NPN晶体 HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TWIN TRANSISTOR WITH BUILT-IN 6-PIN 2 x 2SC5179 THIN-TYPE SMALL MINI MOLD
|
NEC Corp.
|
2SC5472 2SC547 |
Silicon NPN epitaxial planer type(For low-voltage low-noise high-frequency oscillation) L BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR
|
Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
BFQ19S Q62702-F1088 BFQ19SQ62702F1088 |
TRANSISTOR R.F SOT89 NPN Silicon RF Transistor (For low noise, low distortion broadband amplifiers in antenna and) NPN Silicon RF Transistor (For low noise low distortion broadband amplifiers in antenna and) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
ME4103 ME4101 ME4102 |
NPN SIGNAL HIGH GAIN LOW NOISE NPN SILICON PLANAR EPITAXIAL TRANSISTOR
|
MICRO-ELECTRONICS[Micro Electronics]
|
BFQ70 Q62702-F774 A0532 |
NPN Silicon RF Transistor (For low-noise IF and broadband amplifiers in antenna and telecommunications systems at collector currents from 2mA to 20mA) NPN硅射频晶体管(对于低噪音的集电极电流IF和电信系统的天线和宽带放大器2mA0mA NPN Silicon RF Transistor (For low-noise IF and broadband amplifiers in antenna and telecommunications systems at collector currents from 2mA to 20mA) UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group] Infineon
|
KSC900 KSC900GTA |
NPN Epitaxial Silicon Transistor Low Frequency & Low Noise Amplifier
|
Fairchild Semiconductor
|
2SC5474 |
Silicon NPN epitaxial planer type(For low-voltage low-noise high-frequency oscillation)
|
Panasonic
|