PART |
Description |
Maker |
RFP-40-50TPP-S |
0 MHz - 6000 MHz 50 ohm RF/MICROWAVE TERMINATION ROHS COMPLIANT, CERAMIC PACKAGE-1 Flangeless Termination 40 Watts, 50W
|
Anaren, Inc. Anaren Microwave
|
MAX3408 MAX3408EUK MAX3406 MAX3406EUK MAX3407 MAX3 |
75?100?120 Switchable Termination Networks 75/100/120 Switchable Termination Networks 75з/100з/120з Switchable Termination Networks From old datasheet system
|
MAXIM[Maxim Integrated Products]
|
CM3109-00SB CM3109-00SH |
2.0A Source/Sink Bus Termination Regulator for Front Side Bus and DDR Memory Bus Termination
|
California Micro Devices Corp
|
PAC1284-03QR PAC1284-04QR PAC1284-06QR PAC1284-01Q |
P/ACTIVE IEEE 1284 ECP/EPP TERMINATION NETWORK APPLICATION SPECIFIC DIODE ARRAY|SO 特定应用二极管阵列| P/ACTIVE IEEE 1284 ECP/EPP TERMINATION NETWORK P /有源符合IEEE 1284支持ECP / EPP终端网络 PActive IEEE 1284 ECP/EPP Termination Network, ±4kV HBM ESD
|
California Micro Device... Maxim Integrated Products, Inc. California Micro Devices Corporation
|
CMCPCI100TS CMCPCI100 CMCPCI100T |
3 to 5.5 V, compact PCI backplane interface/termination IC CompactPCD Backplane Interface / Termination IC
|
CALMIRCO[California Micro Devices Corp]
|
55917-3810 55917-1010 55917-1610 |
2.0 WtB Dual Conn Dip Plg Hsg Assy 38Ckt 38 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG Multipole Connector; No. of Contacts:10; Pitch Spacing:2mm; No. of Rows:2; Gender:Header; Series:55917; Body Material:PBT Polyester, Glass-filled; Color:White; Connecting Termination:Thru-Hole; Contact Termination:Through Hole RoHS Compliant: Yes Multipole Connector; No. of Contacts:16; Pitch Spacing:2mm; No. of Rows:2; Gender:Header; Series:55917; Body Material:PBT Polyester, Glass-filled; Color:White; Connecting Termination:Thru-Hole; Contact Termination:Through Hole RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
NB7L32M NB7L32MMNG NB7L32MMNR2G |
2.5V/3.3V, 14GHz 梅2 Clock Divider w/CML Output and Internal Termination(w/CML杈??????ㄧ?绔??2.5V/3.3V, 14GHz 梅2?堕?????? 2.5V/3.3V, 14GHz ÷2 Clock Divider w/CML Output and Internal Termination(w/CML输出和内部终端,2.5V/3.3V, 14GHz ÷2时钟分频 From old datasheet system 2.5V/3.3V, 14GHz ±2 Clock Divider w/CML Output and Internal Termination
|
ONSEMI[ON Semiconductor]
|
74ALVT162344 74ALVT162344DGG AV162344DL 74ALVT1623 |
2.5V/3.3V 1-to-4 address driver with 30ohm termination resistors 3-State ALVT SERIES, QUAD 2-BIT DRIVER, PDSO56 2.5 V / 3.3 V 1-to-4 address driver with 30 Ohm termination resistors (3-State) 2.5V/3.3V 1-to-4 address driver with 30W
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
B57411 B57411V2101062 B57411V2151062 B57411V222106 |
Temperature Measurement SMD NTC Thermistors with Nickel Barrier Termination SMD NTC Thermistors with Nickel Barrier Termination, Size 0805
|
http:// EPCOS[EPCOS]
|
74AVCM162835 |
18-bit registered driver with 15Ω termination resistors (3-State)(15Ω终端电阻18位寄存驱动器(三态)) 18-bit registered driver with 15惟 termination resistors (3-State)(甯?5惟缁???甸???8浣??瀛?┍?ㄥ?锛?????)
|
NXP Semiconductors N.V.
|