PART |
Description |
Maker |
1N5393GP 1N5399GP 1N5391GP 1N5392GP 1N5394GP 1N539 |
Glass Passivated Junction Rectifier(????荤?缁???存??? Glass Passivated Junction Rectifier(钝化玻璃结型整流 结玻璃钝化整流(钝化玻璃结型整流器) GLASS PASSIVATED JUNCTION RECTIFIER 玻璃钝化整流
|
GE Security, Inc. GE[General Semiconductor]
|
15KPJ45 15KPJ45A 15KPJ45C 15KPJ45CA 15KPJ58 15KPJ5 |
Glass passivated junction transient voltage suppressor. Vrwm = 210 V. Vbr(min/max) = 231/296.1 V @ It = 1.0 mA. Ir = 5 uA. Vc = 376 V @ Ipp = 40 A. Glass passivated junction transient voltage suppressor. Vrwm = 190 V. Vbr(min/max) = 209/243.2 V @ It = 1.0 mA. Ir = 5 uA. Vc = 308 V @ Ipp = 49 A. Glass passivated junction transient voltage suppressor. Vrwm = 220 V. Vbr(min/max) = 242/310.2 V @ It = 1.0 mA. Ir = 5 uA. Vc = 394 V @ Ipp = 38 A. Glass passivated junction transient voltage suppressor. Vrwm = 110 V. Vbr(min/max) = 122/154.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 196 V @ Ipp = 77 A. Glass passivated junction transient voltage suppressor. Vrwm = 160 V. Vbr(min/max) = 178/205.0 V @ It = 5.0 mA. Ir = 10 uA. Vc = 259 V @ Ipp = 58 A. Glass passivated junction transient voltage suppressor. Vrwm = 160 V. Vbr(min/max) = 178/226.0 V @ It = 5.0 mA. Ir = 10 uA. Vc = 287 V @ Ipp = 52 A. Glass passivated junction transient voltage suppressor. Vrwm = 130 V. Vbr(min/max) = 144/182.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 231 V @ Ipp = 65 A. Glass passivated junction transient voltage suppressor. Vrwm = 120 V. Vbr(min/max) = 133/169.0 V @ It = 5.0 mA. Ir = 10 uA. Vc = 214 V @ Ipp = 70 A. GLASS PASSIVATED JUNCTION TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE- 17 to 220 Volts 15000 Watt Peak Pulse Power) 玻璃钝化结瞬态(电压抑制电压20伏特175000脉冲峰值功率) GLASS PASSIVATED JUNCTION TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE- 17 to 220 Volts 15000 Watt Peak Pulse Power) 玻璃钝化结瞬态(电压抑制电压20伏特75000脉冲峰值功率) GLASS PASSIVATED JUNCTION TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE- 17 to 220 Volts 15000 Watt Peak Pulse Power) 玻璃钝化结瞬态(电压抑制电压220伏特75000脉冲峰值功率) Glass passivated junction transient voltage suppressor. Vrwm = 120 V. Vbr(min/max) = 133/153.0 V @ It = 5.0 mA. Ir = 10 uA. Vc = 193 V @ Ipp = 78 A. Glass passivated junction transient voltage suppressor. Vrwm = 130 V. Vbr(min/max) = 144/165.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 209 V @ Ipp = 72 A. Glass passivated junction transient voltage suppressor. Vrwm = 170 V. Vbr(min/max) = 189/217.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 275 V @ Ipp = 55 A. Glass passivated junction transient voltage suppressor. Vrwm = 110 V. Vbr(min/max) = 122/140.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 177 V @ Ipp = 85 A. Glass passivated junction transient voltage suppressor. Vrwm = 170 V. Vbr(min/max) = 189/239.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 304 V @ Ipp = 49 A. Glass passivated junction transient voltage suppressor. Vrwm = 190 V. Vbr(min/max) = 209/267.4 V @ It = 1.0 mA. Ir = 5 uA. Vc = 340 V @ Ipp = 44 A. Glass passivated junction transient voltage suppressor. Vrwm = 210 V. Vbr(min/max) = 231/296.1 V @ It = 1.0 mA. Ir = 5 uA. Vc = 340 V @ Ipp = 44 A.
|
Pan Jit International I... PANJIT[Pan Jit International Inc.] PanJit International Inc. PanJit International, Inc.
|
1N4007G 1N4001G 1N4002G 1N4003G 1N4004G 1N4005G 1N |
(1N4001G - 1N4007G) GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER 1 A, 800 V, SILICON, SIGNAL DIODE, DO-41
|
http:// RECTRON[Rectron Semiconductor]
|
1SMC6.5CA 1SMC8.0CA 1SMC5.0CA 1SMC6.0CA 1SMC7.0CA |
Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电4V,双向玻璃钝化节点瞬变电压抑制 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电.0V,双向玻璃钝化节点瞬变电压抑制 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电8V,双向玻璃钝化节点瞬变电压抑制 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电6.5V,双向玻璃钝化节点瞬变电压抑制 STRAP BATTERY FIBRE BASE 9V 4LD Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电.5V,双向玻璃钝化节点瞬变电压抑制 BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS/ 5.0 THRU 170 VOLTS
|
http:// Central Semiconductor, Corp. Central Semiconductor Corp.
|
1G1-15 |
Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere Glass Passivated Junction Rectifiers
|
GOOD-ARK Electronics
|
1N5617GP 1N5619GP 1N5615GP 1N5623GP 1N5621GP |
Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0 A, Reverse Voltage 400V Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0 A, Reverse Voltage 600V Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0 A, Reverse Voltage 200V Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0 A, Reverse Voltage 1000V Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0 A, Reverse Voltage 800V
|
Vishay
|
3KP14C 3KP90CA 3KP 3KP10 3KP100 3KP100A 3KP100C 3K |
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 170 Volts 玻璃钝化结瞬态电压抑制电压为170伏特.0 GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 170 Volts 玻璃钝化结瞬态电压抑制电压为170伏特5.0 TVS DIODE PLASTIC, P600, 2 PIN GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 170 Volts
|
http:// SURGE[Surge Components] Surge Components, Inc. Microsemi, Corp. Lite-On Semiconductor, Corp. Littelfuse, Inc.
|
1SMC8.0A 1SMC8.5A 1SMC60A 1SMC6.5A 1SMC16A 1SMC7.0 |
UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE Uni-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电.0V,单向玻璃钝化节点瞬变电压抑制 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE Uni-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电7.0V,单向玻璃钝化节点瞬变电压抑制 PTSA 1.5/10-3.5-Z UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS/ 5.0 THRU 170 VOLTS
|
Central Semiconductor, Corp. Central Semiconductor Corp.
|
GL34M GL34A GL34B GL34D GL34G GL34J GL34K |
From old datasheet system MINI-MELF glass passivated junction Diodes - Silicon passivated type
|
FORMOSA[Formosa MS]
|
UGF10D UGF10K UGF10A UGF10B UGF10F UGF10G UGF10J |
SURFACE MOUNT GLASS PASSIVATED JUNCTION ULTRAFACE EFFICIENT RECTIFIER SURFACE MOUNT GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
|
ZOWIE[Zowie Technology Corporation]
|
1SMB8.5A 1SMB6.0A 1SMB6.5A 1SMB8.0A 1SMB15A 1SMB7. |
UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS/ 5.0 THRU 170 VOLTS Uni-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电.0V,单向玻璃钝化节点瞬变电压抑制 PT 1.5/12-3.5-V Uni-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电.5V,单向玻璃钝化节点瞬变电压抑制 PT 1.5/ 9-3.5-V 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE Uni-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电0V,单向玻璃钝化节点瞬变电压抑制 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
Central Semiconductor C... Central Semiconductor Corp. Central Semiconductor, Corp. http://
|