PART |
Description |
Maker |
102955005 102951005 102955002 102951204 |
SCHLAUCHENDANSCHL L 68MM 0.5Z SCHLAUCHENDKUPPL L 66MM 0.5Z SCHLAUCHENDANSCHL L 68MM 0.25Z SCHLAUCHENDANSCHL8毫米0.25Z KUPPLUNGSTEIL INNENGEW L 57MM BSP 0.375 KUPPLUNGSTEIL INNENGEW7毫米BSP.375
|
TOKO, Inc. United Microelectronics, Corp.
|
ICX434DQN |
Diagonal 5.68mm(Type 1/3.2) Frame Readout CCD Diagonal 5.68mm (Type 1/3.2) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
|
SONY[Sony Corporation]
|
ICX434AQ |
Diagonal 5.68mm(Type 1/3.2) Frame Readout CCD Diagonal 5.68mm (Type 1/3.2) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
|
SONY[Sony Corporation]
|
AE-3003-4FG 38-00-2484 |
5.08mm (.200) Pitch KK? Header, Vertical, Round Pin, 4 Circuits, Tin (Sn) Plating, Pin Length 39.68mm (1.562) 5.08mm (.200") Pitch KK庐 Header, Vertical, Round Pin, 4 Circuits, Tin (Sn) Plating, Pin Length 39.68mm (1.562")
|
Molex Electronics Ltd.
|
0039000279 39-00-0279 |
1.57mm (.062) Diameter, Standard .062 Pin and Socket Crimp Terminal, Series 1561, 3.68mm (.145) Pitch MOLEX Connector
|
Molex Electronics Ltd.
|
ZMA00A150P00C ZMA00A150P00PC ZMA150P00PC ZMA03A150 |
Subminiature Snap-acting Switches SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 2.68mm, THROUGH HOLE-RIGHT ANGLE SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 4.8mm, THROUGH HOLE-STRAIGHT
|
C&K Components C & K COMPONENTS INC
|
E62-00A E61-00H E61-00A THECHERRYCORP-E61-01R E61- |
SWITCH SNAP SPDT 10A QC TERM SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 1.82mm, PANEL MOUNT SWITCH LEVER SPDT 5A QC TERM SWITCH SNAP SPDT 5A QC TERM SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 1.82mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 4.06mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.25A, 30VDC, 10.9mm, THROUGH HOLE-STRAIGHT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 4.68mm, PANEL MOUNT
|
ZF Electronics, Corp. THE CHERRY CORP
|
|