PART |
Description |
Maker |
WM71016 WM71008 |
(WM71004 - WM71016) 4/8/16Kbit Secure F-RAM Memory
|
Ramtron
|
LXO-AT2N40MHZB/M LXO-AT2N40MHZB/I LXO-AT2N40MHZA/M |
16Kb Serial I2C 3V F-RAM Memory (AEC-Q100 Grade 3) F-RAM Enhanced 8051 MCU with 64KB Flash & 2KB F-RAM 4Kbit Serial SPI 5V F-RAM Memory 64Kbit F-RAM Processor Companion with RTC 16Kbit Serial SPI 5V F-RAM Memory (AEC-Q100 Grade 3) Peripheral IC 外围芯片
|
Mitsubishi Electric, Corp. TE Connectivity, Ltd.
|
AT49BV320S AT49BV320ST |
32-megabit (2M x 16) Secure 3-volt Only Memory
|
ATMEL Corporation
|
DS1855 DS1855X-100 DS1855B-010 DS1855B-020 DS1855B |
Dual Nonvolatile Digital Potentiometer and Secure Memory
|
MAXIM - Dallas Semiconductor DALLAS[Dallas Semiconductor]
|
DS28C22QT DS28C22QU DS28C22EVKIT |
DeepCover Secure Memory with I2C SHA-256 and 3Kb User EEPROM
|
MAXIM - Dallas Semiconductor
|
ST33G1M2 |
Secure MCU with 32-bit ARM? SecurCore SC300 CPU and high-density Flash memory
|
STMicroelectronics
|
ST1305B ST1305B-D10 ST1305B-D15 ST1305B-W4 |
Memory Card IC 192 bit High Endurance EEPROM With Secure Logic Access Control
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
MB84VD22081EA-90-PBS MB84VD22082EA-90-PBS MB84VD22 |
32M (X 8/X16) FLASH MEMORY & 2M (X 8/X16) STATIC RAM Stacked MCP (multi-chip package) flash memory & SRAM 32M(x8/x16) flash memory & 2M(x8/x16) static RAM
|
Fujitsu Microelectronics
|
MB84VD22182EE-90-PBS MB84VD22184EE-90-PBS MB84VD22 |
32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM Stacked MCP (multi-chip package) flash memory & SRAM 32M(x8/x16) flash memory & 4M(x8/x16) static RAM
|
Fujitsu Microelectronics
|
FM25C160B FM25C160B-GTR FM25C160B-G |
SPECIALTY MEMORY CIRCUIT, PDSO8 16Kb Serial 5V F-RAM Memory
|
http:// Ramtron International Corporation
|
EP910ILI-12 EP910LC-30T EP910LI-35 EP910PI-35 EP91 |
CPU Supervisor with 16Kbit SPI EEPROM; Temperature Range: -40°C to 85°C; Package: 8-PDIP CPU Supervisor with 16Kbit SPI EEPROM; Temperature Range: 0°C to 70°C; Package: 8-SOIC CPU Supervisor with 16Kbit SPI EEPROM; Temperature Range: 0°C to 70°C; Package: 14-TSSOP UV-Erasable/OTP PLD CPU Supervisor with 16Kbit SPI EEPROM; Temperature Range: 0°C to 70°C; Package: 8-PDIP RTC Module With CPU Supervisor 时钟模块CPU监控
|
Rochester Electronics, LLC
|