PART |
Description |
Maker |
SLR343WBD2PT SLR3431 SLR343 |
楼玫3.1(T-1) Circular Type High Brightness Type Angle 2楼猫1/2 : 40隆? ?3.1(T-1) Circular Type High Brightness Type Angle 2胃1/2 : 40掳 φ3.1(T-1) Circular Type High Brightness Type Angle 2θ1/2 : 40°
|
Rohm
|
LNJ906W5BRX |
Circular Connector; Body Material:Aluminum; Series:PT07; No. of Contacts:11; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Jam Nut Receptacle; Circular Contact Gender:Pin; Insert Arrangement:18-11 Blue S-J Type
|
Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
0446003. 0446004. 0446010. 044607.5 446 0446002. 0 |
Circular Connector; Body Material:Aluminum; Series:PT01; Number of Contacts:10; Connector Shell Size:12; Connecting Termination:Crimp; Circular Shell Style:Cable Receptacle; Circular Contact Gender:Socket; Insert Arrangement:12-10 EBF Fuse Fast-Acting Type 446/447 Series
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
APR-15 A8032 A8032-40 A8032L-12 A8032-24 A8032L-40 |
Electrical Outlet Connector; Voltage Rating:125V; Mounting Type:Cable Mount; Contact Plating:Nickel; Current Rating:15A RoHS Compliant: Yes Double Ended Cordset; Connector Type A:Circular Plug; Connector Type B:Circular Receptacle; Cable Length:5m; Current Rating:10A; No. of Contacts:4; Wire Size (AWG):14 RoHS Compliant: Yes 8 Bit Microcontroller
|
AMIC Technology Corporation
|
SLI-580YT SLI-580 SLI-580DT SLI-580UT |
High Brightness Type 5.0 Circular Type LED Lamps Type 2 1/2:12 High Brightness Type 5.0 Circular Type LED Lamps
|
Rohm CO.,LTD. ROHM[Rohm]
|
SLR-342YC |
φ3.1(T-1) Circular Type Standard Type <Viewing Angle 2θ1/2 : 40°>
|
Rohm
|
SLA-580MT SLA580BC4T SLA580ECT SLA580BCT SLA580EC4 |
5.0(T-1 3/4) Circular Type High Brightness Type
|
Rohm
|
SLA560WBD2PT |
5.0(T-1 3/4) Circular Type High Brightness Type
|
Rohm
|
AP1115 AP1115A AP1115AV15 AP1115AV15A AP1115AV15L |
SCREWDRIVER, SENSO SLOT 4.0 X 125SCREWDRIVER, SENSO SLOT 4.0 X 125; Tip Size A x B:4 x 0.8mm; Tip size:4mm; Length, blade:125mm; Length, Inches:5"; Handle type:COLOUR CODED; Tip Size:4 mm; Tip type:Parallel Slot RES 2.43K 1% 1/16W 0603 0.6A的低压差正可调或固定模式稳压 0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator 0.6A的低压差正可调或固定模式稳压 Circular Connector; No. of Contacts:9; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:22; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:22-20 RoHS Compliant: No Circular Connector; No. of Contacts:9; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:22; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:22-20 RoHS Compliant: No SCREWDRIVER SET, SENSO SL/PH 5 PCSCREWDRIVER SET, SENSO SL/PH 5 PC; Handle type:COLOUR CODED; Kit contents:75 x 4, 100 x 5.5, 150 x 6.5mm Flared tip. 49012 PH 1 x 80, PH 2 x 100mm PH
|
Square D by Schneider Electric SIEMENS AG NEC, Corp. ETC[ETC] ANACHIP[Anachip Corp] http://
|
AN8005 AN8005M AN8025 AN8025M AN8003M AN8035M AN80 |
3-pin Positive Output Low Dropout Voltage Regulator 50mA Type Circular Connector; No. of Contacts:22; Series:MS27656; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:13; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:13-8 RoHS Compliant: No 3-pin/ positive output/ low dropout voltage regulator (50 mA type) Series 3-Pin Positive Output Low Dropout Voltage Regulator (50mA
|
PANASONIC[Panasonic Semiconductor] Panasonic Corporation
|
ADP3810AR-168 ADP3810AR-42 ADP3810AR-84 ADP3810 AD |
Secondary Side, Off-Line Battery Charger Controllers Programmable Secondary Side, Off-Line Battery Charger Controller - Programmed Circular Connector Cable Assembly; Connector Type A:Circular Receptacle; Connector Type B:Stripped End Leads; Cable Length:10ft RoHS Compliant: Yes Secondary Side/ Off-Line Battery Charger Controllers
|
Analog Devices, Inc.
|