PART |
Description |
Maker |
SDA-95043 0950432896 |
Modular Plug, Short Body, Shielded, 8/8, Blue Boot, Cat5
|
Molex Electronics Ltd.
|
85568-7884 |
Modular Plug, Short Body, Shielded, 8/8, Red Boot, Cat6
|
Molex Electronics Ltd.
|
0690081104 |
Parallel Action Handtool for Shielded Plug, FCC 68, 8/8 Circuit, Short Body
|
Molex Electronics Ltd.
|
SD-44915-001 |
Modular Plug, Category 6, Long Body, Shielded, 8/8, without Strain Relief
|
Molex Electronics Ltd.
|
PIC16F508E_SLG PIC16F505TI/MSG PIC16F505TI/PG PIC1 |
Sealed Modular Connector; Body Material:Composite; Connector Shell Back Termination:IDC Cat6; Modular Connector Shell Style:Jam Nut Receptacle 8/14-Pin位闪存微控制 8/14-Pin, 8-Bit Flash Microcontrollers 8/14-Pin位闪存微控制 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; No. of Contacts:36; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight 8/14-Pin位闪存微控制 Circular Connector; Body Material:Aluminum; Series:PT06; No. of Contacts:41; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:22-41 TV 46C 40#20 4#16 2#8(COAX) SK Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:EZ5015B; No. of Contacts:4; Connector Shell Size:20; Connecting Termination:Spring Cage; Circular Shell Style:Straight Plug; Cable Gland Material:Plastic RoHS Compliant: Yes 3.3V TTL/CMOS to Differential PECL Translator; Package: TSSOP 8 3.0x3.0x0.95 mm; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 Sealed Modular Connector; Body Material:Composite; Connector Shell Back Termination:IDC Cat6; Features:Shielded; Modular Connector Shell Style:Jam Nut Receptacle Connector Dust Cap; Body Material:Metal; Body Plating:Anodized; Cap Attachment:Spring; Leaded Process Compatible:Yes; Series:FWF; Circular Shell Style:Square Flange Receptacle; Connector Shell Back Termination:IEEE1394 Receptacle RoHS Compliant: Yes TV 56C 48#20 8#16 PIN RECP
|
Microchip Technology, Inc. Microchip Technology Inc.
|
39990-0312 39990-0310 39991-0311 39990-0302 39990- |
Connector; Pitch Spacing:5mm; Wire Size (AWG):12-24; Mounting Type:PCB; Gender:Header; No. of Contacts:12; No. of Rows:1 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK Connector; Pitch Spacing:5mm; Wire Size (AWG):12-24; Mounting Type:PCB; Gender:Header; No. of Contacts:10; No. of Rows:1 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS PLUG 11 DELTA GLD 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK NEO 5.0mm TB Plug S99 Sty09 Ck02 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS PLUG 17 ASY DELTA 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS PLUG 16 DELTA GLD 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK NEO 5.0mm TB Plug S99 Sty09 Ckt08 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS PLUG 15 DELTA GLD 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Molex, Inc.
|
YB25SWG01-05-BB YB15WSKW03-05-BB YB16MWG01-05-BB Y |
Short Body Pushbuttons
|
Nihon Kaiheiki Industry Co. Ltd. http://
|
LP0115CCKW015CB LP0115CCKW015DB LP0115CCKW015FB LP |
Short Body Pushbuttons
|
Nihon Kaiheiki Industry Co. Ltd. Nihon Kaiheiki Industry Co....
|
YB25NWG01-05-BB YB25NKW01-05-BB YB15SKW01-05-BB YB |
Short Body Pushbuttons
|
Nihon Kaiheiki Industry Co. Ltd. Nihon Kaiheiki Industry...
|
MP530-C |
PAN-PLUG CATEGORY 5E 30 AWG UTP MODULAR PLUG WITH BOOT
|
PANDUIT CORP.
|
|