PART |
Description |
Maker |
HM62V8100LBPI-5SL HM62V8100LTTI-5SL HM62V8100I |
Wide Temperature Range Version 8 M SRAM (1024-kword 8-bit) 宽温版本八米的SRAM1024 - KWord的?8位) Wide Temperature Range Version 8 M SRAM (1024-kword ′ 8-bit)
|
Renesas Electronics, Corp. Renesas Electronics Corporation.
|
R1RW0416DSB-2PI R1RW0416DGE-2PI R1RW0416DI |
Memory>Fast SRAM>Asynchronous SRAM Wide Temperature Range Version 4M High Speed SRAM (256-kword 】 16-bit) Wide Temperature Range Version 4M High Speed SRAM (256-kword × 16-bit)
|
Renesas Electronics Corporation
|
R1LV1616HBG-4SI R1LV1616HBG-5SI R1LV1616HBG-I |
Wide Temperature Range Version 16 M SRAM (1-Mword 16-bit) Wide Temperature Range Version 16 M SRAM (1-Mword 】 16-bit) Wide Temperature Range Version 16 M SRAM (1-Mword × 16-bit)
|
Renesas Electronics Corporation.
|
R1LV0408CSA-5SI |
Wide Temperature Range Version 4M SRAM (512-kword 8-bit)
|
Hitachi Semiconductor
|
HM62V8100I09 HM62V8100LTTI-5SL HM62V8100I-09 |
Wide Temperature Range Version 8 M SRAM (1024-kword 8-bit)
|
Renesas Electronics Corporation
|
HM6264BI HM6264BLFPI-10T HM6264BLFPI-12T HM6264BLP |
64k SRAM (8-kword x 8-bit) Wide Temperature Range version
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|
PG-101 PG-104 PG-2BC |
3A, Fast Transient Response, Low Noise, LDO Regulators; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 125°C High Power CCFL Controller for Wide Dimming Range and Maximum Lamp Lifetime; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C
|
Samsung Semiconductor Co., Ltd.
|
R1LV1616HSA-4LI R1LV1616HSA-4SI R1LV1616H-I R1LV16 |
Wide Temperature Range Version 16 M SRAM (1-Mword × 16-bit / 2-Mword × 8-bit)
|
Renesas Electronics Corporation
|
HN58V66AI HN58V65API-10 HN58V65API-10E HN58V65AT-1 |
Memory>EEPROM>Parallel EEPROM 64k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A) Wide Temperature Range version
|
RENESAS[Renesas Electronics Corporation]
|
AM26LS32DCB AM26LS32JCTR AM26LS32/BEA AM26LS33/B2C |
Micropower Precision Shunt Voltage Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Wide Input Range, High Efficiency, Step-Down Switching Regulator; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Low Noise, Rail-to-Rail Precision Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 1.1MHz, 0.4V/us Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 1.1MHz, 0.4V/us Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Positive High Voltage Hot Swap Controllers; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Line Receiver 线路接收
|
接收 Advanced Micro Devices, Inc.
|
EDD51161DBH-5BTS-F EDD51161DBH-6ETS-F EDD51161DBH- |
512M bits DDR Mobile RAM?/a> WTR (Wide Temperature Range) 512M bits DDR Mobile RAM垄芒 WTR (Wide Temperature Range)
|
http:// Elpida Memory
|