PART |
Description |
Maker |
FDC855N |
30V Single N-Channel, Logic Level, PowerTrench MOSFET; Package: SSOT-6; No of Pins: 6; Container: Tape & Reel 6100 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, MO-193AA Single N-Channel, Logic Level, PowerTrench㈢ MOSFET 30V, 6.1A, 27mヘ Single N-Channel, Logic Level, PowerTrench? MOSFET 30V, 6.1A, 27mΩ
|
Fairchild Semiconductor, Corp.
|
SUD40N06-25L |
N-Channel Enhancement-Mode Trans, Logic Level N-Channel 60-V (D-S), 175C MOSFET, Logic Level N-Channel 60-V (D-S) 175C MOSFET Logic Level
|
VISAY[Vishay Siliconix]
|
FDD24AN06LA0 |
60V N-Channel Logic Level PowerTrench MOSFET N CHANNEL LOGIC LEVEL POWER TRENCH MOSFET From old datasheet system
|
FAIRCHILD[Fairchild Semiconductor]
|
FDB883210 FDB8832-F085 FDB8832F085 |
30V N-Channel Logic Level PowerTrenchMOSFET N-Channel Logic Level PowerTrench? MOSFET 30V, 80A, 2.1mΩ
|
Fairchild Semiconductor
|
ISL9N308AP3 ISL9N308AS3ST |
N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 8mOhm N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 8m ? N-CHANNEL LOGIC LEVEL ULTRAFET TRENCH MOSFETS 30V, 75A, 8M з N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 8m з 75 A, 30 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB
|
Fairchild Semiconductor, Corp.
|
BUK9Y19-55B |
N-channel TrenchMOSlogic level FET N-channel TrenchMOS⑩ logic level FET N-channel Trenchmos (tm) logic level FET
|
PHILIPS[Philips Semiconductors]
|
BTB06-600B BTB06-600BRG BTB06-600BW BTB06-600BWRG |
800 V, 6 A, SNUBBERLESS TRIAC, TO-220AB SNUBBERLESS?? LOGIC LEVEL & STANDARD SNUBBERLESS LOGIC LEVEL & STANDARD 缓冲器⑩,逻辑电平 (65.93 k) 5.93十一 INDICATOR BODY, ROUND; Lamp fitting type:Midget Groove; Approval Bodies:BEAB, CSA, VDE, UL; Current, contact max:6A; Depth, external:42mm; Diameter, bezel:18mm; IP rating:IP65; Operations, mechanical No. of:1000000; Temp, op. RoHS Compliant: Yes 240 x 128 pixel format, LED or EL Backlight SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute SNUBBERLESS LOGIC LEVEL & STANDARD SNUBBERLESS/ LOGIC LEVEL & STANDARD Transient Voltage Suppressor Diodes SNUBBERLESS⑩, LOGIC LEVEL & STANDARD From old datasheet system SNUBBERLESS, LOGIC LEVEL & STANDARD 6A TRIACS SNUBBERLESS? LOGIC LEVEL & STANDARD
|
STMicroelectronics N.V. International Rectifier, Corp. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
RFD14N05LSM RFP14N05L RFD14N05L |
MULTI DVI DAISY CHAINABLE RECEIVER - CATX 14 A, 50 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251AA TV TO VGA/HDTV VIDEO SCALER 14 A, 50 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA 14A/ 50V/ 0.100 Ohm/ Logic Level/ N-Channel Power MOSFETs 14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs 14A 50V 0.100 Ohm Logic Level N-Channel Power MOSFETs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
ISL9N306AS3ST ISL9N306AP3 ISL9N306AS3STNL |
N-Channel Logic Level PWM Optimized UltraFET TrenchPower MOSFET N-Channel Logic Level PWM Optimized UltraFETTrench Power MOSFETs N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
|
FAIRCHILD[Fairchild Semiconductor]
|
FDS4435A FDS4435 FDS4435ANF073 FDS4435ANL |
P-Channel Logic Level PowerTrench MOSFET P-Channel Logic Level PowerTrench⑩MOSFET P-Channel Logic Level PowerTrench?MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
PSMN010-55D |
N-channel logic level TrenchMOS(tm) transistor N-channel logic level TrenchMOS TM transistor N-channel logic level TrenchMOS transistor(N沟道逻辑电平 TrenchMOS晶体
|
Philips Semiconductors NXP Semiconductors N.V.
|
|