PART |
Description |
Maker |
LT1105 LT1103 LT1103C LT1105C LT1105I LT1103CT7 |
4-Bit Synchronous Up/Down Binary Counters 16-SOIC 0 to 70 Offline Switching Regulator RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS SWITCHING CONTROLLER, 200 kHz SWITCHING FREQ-MAX, PZFM7
|
Linear Technology Corporation Linear Technology, Corp.
|
MC3416705 MC34167TVG MC33167 MC33167D2T MC33167D2T |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 8 A SWITCHING REGULATOR, 81 kHz SWITCHING FREQ-MAX, PSFM5 5.0 A, Step−Up/Down/Inverting Switching Regulators
|
ONSEMI[ON Semiconductor]
|
MC33363 MC33363DW |
HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR Isolated Flyback Switching Regulator with 9V Output 1 A SWITCHING REGULATOR, 315 kHz SWITCHING FREQ-MAX, PDSO13
|
Motorola ON Semiconductor
|
HA17451 HA17451AFP HA17451AP |
0.05 A DUAL SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDIP16 Switching Regulator Controllers for DC/DC Converters
|
HITACHI[Hitachi Semiconductor]
|
LTC1628IUH LTC1628IUHPBF LTC1628IG-PGTR |
High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator 3 A SWITCHING CONTROLLER, 360 kHz SWITCHING FREQ-MAX, PQCC32
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LT1425ISPBF LT1425ISTRPBF |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 1.9 A SWITCHING REGULATOR, 320 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology, Corp.
|
LT10701 LT1071HVCTPBF LINEARTECHNOLOGYCORP-LT1070I |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 2.5 A SWITCHING REGULATOR, 40 kHz SWITCHING FREQ-MAX, PZFM5 5A and 2.5A High Efficiency Switching Regulators
|
Linear Technology, Corp.
|
LT1766 LT1766EGN-5 LT1766IGN-5 LT1766EFE-5 |
High Voltage 1.5A, 200kHz Step-Down Switching Regulators 5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator 5.5V to 60V 1.5A/ 200kHz Step-Down Switching Regulator RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 3 A SWITCHING REGULATOR, 228 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology Corporation Linear Technology, Corp.
|
LTC1736C LTC1736I LTC1736CGTRPBF |
5-Bit Adjustable High Efficiency Synchronous Step-Down Switching Regulator; Package: SSOP; No of Pins: 24; Temperature Range: 0°C to 70°C 3 A SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PDSO24 Isolated Flyback Switching Regulator with 9V Output 隔离反激式开关稳9V输出
|
Linear Technology, Corp.
|
STRS6703 STRS6704 STR-S6703 STR-S6704 |
Off-Line Switching Regulator With Bipolar Switching Transistor(峰值输出电2A,输出功率直40W00V输出,带双极开关晶体管的脱线开关稳压器) (STRS6703 / STRS6704) OFF-LINE SWITCHING REGULATORS WITH BIPOLAR SWITCHING TRANSISTOR OFF-LINE SWITCHING REGULATORS WITH BIPOLAR SWITCHING TRANSISTOR
|
Allegro MicroSystems, Inc.
|