PART |
Description |
Maker |
HYB5117400BJ-60 HYB5117400BJ-50 HYB5116400BJ-60 HY |
4M x 4 Bit 2k 5 V 60 ns FPM DRAM 4M x 4 Bit 4k 5 V 60 ns FPM DRAM 4M x 4 Bit 2k 3.3 V 60 ns FPM DRAM 4M x 4 Bit 4k 3.3 V 60 ns FPM DRAM 4M x 4 Bit 2k 3.3 V 50 ns FPM DRAM 4M x 4 Bit 4k 3.3 V 50 ns FPM DRAM -4M x 4-Bit Dynamic RAM 4M x 4-Bit Dynamic RAM 2k & 4k Refresh (Fast Page Mode) From old datasheet system
|
Infineon SIEMENS[Siemens Semiconductor Group]
|
HYB514175BJ-50- Q67100-Q2100 HYB514175BJ-55 HYB514 |
256k x 16-Bit EDO-DRAM 256k x 16位江户的DRAM 256k × 16-Bit Dynamic RAM(256k × 16动RAM) 256k × 16位动态随机存储器56k × 16位动态内存)
|
SIEMENS AG
|
HYB3117400BJ-50 HYB3117400BJ-60 HYB3117400BJ-70 HY |
4M x 4 Bit FPM DRAM 3.3 V 4k 50 ns 4M x 4 Bit FPM DRAM 3.3 V 4k 60 ns -3.3V 4M x 4-Bit Dynamic RAM
|
Infineon SIEMENS[Siemens Semiconductor Group]
|
MT4LC1M16C3DJ-6 MT4LC1M16C3DJ-6S MT4LC1M16C3TG-6 M |
FPM DRAM
|
MICRON[Micron Technology]
|
MT4LC1M16C3TG-6S MT4LC1M16C3DJ-6S |
FPM DRAM 快速页面模式的DRAM
|
Micron Technology, Inc.
|
GS72108TP-8I GS72108J-10 GS72108J-10I GS72108J-12 |
256K X 8 STANDARD SRAM, 12 ns, PDSO44 256K X 8 STANDARD SRAM, 10 ns, PDSO44 TV 4C 4#12 SKT RECP 256K × 8Mb异步SRAM 256K x 8 2Mb Asynchronous SRAM 256K × 82Mb异步SRAM TV 15C 14#20 1#16 SKT RECP 256K × 8Mb异步SRAM 256K X 8 STANDARD SRAM, 10 ns, PDSO36 0.400 INCH, SOJ-36 TV 5C 5#16 PIN RECP 256K × 8Mb异步SRAM 256K X 8 STANDARD SRAM, 8 ns, PDSO36 0.400 INCH, SOJ-36 Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVP00; No. of Contacts:37; Connector Shell Size:15; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Body Style:Straight 256K × 8Mb异步SRAM
|
ETC GSI Technology, Inc. Electronic Theatre Controls, Inc. GSI[GSI Technology]
|
M27C4002-15J1 M27C4002-80XJ6TR M27C4002-80XJ1X M27 |
256K X 16 UVPROM, 150 ns, CQCC44 256K X 16 UVPROM, 80 ns, CQCC44 256K X 16 UVPROM, 70 ns, CDIP40 256K X 16 OTPROM, 120 ns, PDIP40 256K X 16 OTPROM, 120 ns, PQCC44 256K X 16 OTPROM, 200 ns, PQCC44 256K X 16 UVPROM, 60 ns, CQCC44
|
STMICROELECTRONICS
|
AS7C33256PFS18A-166TQI AS7C33256PFS16A AS7C33256PF |
3.3V 256K x 16/18 pipeline burst synchronous SRAM 3.3V 256K×18 Ppipeline Burst Synchronous SRAM(3.3V 256K×18流水线脉冲同步静态RAM) 3.3 256K × 18 Ppipeline突发同步SRAM的电压(3.3V 256K × 18流水线脉冲同步静态内存) 3.3V 256K 】 16/18 pipeline burst synchronous SRAM 3.3V 256K x 16 pipeline burst synchronous SRAM, clock speed - 133MHz 3.3V 256K × 16/18 pipeline burst synchronous SRAM
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor ...
|
V4DJ132BLT |
1M X 32 High Performance FPM Memory Module(1M*32高性能FPM存储器模 100万32高性能程序手册内存模组00 32高性能程序手册存储器模块)
|
Mosel Vitelic, Corp.
|
MX26C2000BQI-15 MX26C2000BTC-10 MX26C2000BTI-10 MX |
DIODE SCHOTTKY 15V 2X35A TO247AD SWITCH PB SPST-NO .4VA SOLDERLUG CONNECTOR ACCESSORY 2M-BIT [256K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 256K X 8 FLASH 12V PROM, 90 ns, PDIP32 IC HALF BRIDGE DRVR HS 2A 16-DIP 256K X 8 FLASH 12V PROM, 90 ns, PQCC32 2M-BIT [256K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 256K X 8 FLASH 12V PROM, 90 ns, PDSO32
|
Macronix International Co., Ltd. MACRONIX INTERNATIONAL CO LTD
|
GS880V37BGT-333I GS880V37BGT-360I GS880V37BT-360 G |
256K x 36 9Mb Sync Burst SRAMs 256K X 36 CACHE SRAM, 1.8 ns, PQFP100
|
GSI Technology, Inc. GSI[GSI Technology]
|