PART |
Description |
Maker |
LT6411CUD LT6411IUDTR |
650MHz Differential ADC Driver/Dual Selectable Gain Amplifi er 650MHz Differential ADC Driver/Dual Selectable Gain Amplifier; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 85°C DUAL OP-AMP, 20000 uV OFFSET-MAX, PQCC16
|
Linear Technology, Corp.
|
ML2330 ML2330ES-2 ML2330ES-3 ML2330ES-5 ML2330IS-2 |
DUAL, SERIAL INPUT LOADING, 5 us SETTLING TIME, 8-BIT DAC, PDSO8 Selectable Dual 3V/3.3V/5V 8-Bit DACs 可选双3V/3.3V/5V 8位DAC
|
Intersil, Corp. Micro Linear Corporation
|
HSU360-T050II HSU360T-T050II |
DUAL SELECTABLE AC INPUT AC-DC 19 COMPATIBLE DOUBLE 具有可选的双交流输入AC - DC 19兼容
|
Avago Technologies, Ltd. Atmel, Corp.
|
HSU45-10 HSU45-10E HSU45-11 |
DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE EUROCARD MULTI-OUTPUT 45-100 WATTS SWITCHING MODE POWER SUPPLIES
|
HITRON ELECTRONICS CORPORTION
|
PM574 PM566 PM568 PM556 |
Precision Dual Supply Monitors with One Pin-Selectable Threshold and One Adjustable Input; Package: DFN; No of Pins: 8; Temperature Range: 0°C Precision Dual Supply Monitor with Pin-Selectable Thresholds; Package: SOT; No of Pins: 8; Temperature Range: 0°C to 70°C Analog IC Precision Quad Supply Monitor in 6-Lead SOT-23; Package: SOT; No of Pins: 6; Temperature Range: 0°C to 70°C
|
|
MAX860 MAX860ESA MAX860ISA MAX860IUA MAX860-MAX861 |
40 AMP MINI-ISO AUTOMOTIVE RELAY Quadruple 2-Input Positive-NOR Gates 14-CFP -55 to 125 50mA / Frequency-Selectable / Switched-Capacitor Voltage Converters 50mA Frequency-Selectable Switched-Capacitor Voltage Converters 50mA, Frequency-Selectable, Switched-Capacitor Voltage Converters
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MT9044 |
Dual reference frequency selectable Digital PLL with multiple clock outputs for T1/E1 (ITU-T G.812 type IV), Stratum(3, 4, 4E) and STS-3/OC3 systems
|
Zarlink Semiconductor
|
TQM7M6001 |
3V Dual-Band PCS1900/IMT2100 WCDMA Power Amplifier Module Precision, 100UA Gain Selectable Amplifier
|
TriQuint Semiconductor
|
LTC2906CTS8 LTC2906ITS8 LTC2907ITS8 LTC2907IDDB LT |
From old datasheet system Precision Dual Supply Monitors with One Pin-Selectable Threshold and One Adjustable Input; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 85°C 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 Precision Dual Supply Monitors with One Pin-Selectable Threshold and One Adjustable Input; Package: SOT; No of Pins: 8; Temperature Range: 0°C to 70°C 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 Precision Dual Supply Monitors with One Pin-Selectable Threshold and One Adjustable Input; Package: SOT; No of Pins: 8; Temperature Range: -40°C to 85°C 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8
|
Linear Technology Corporation LINER[Linear Technology] Linear Technology, Corp.
|
MAX3170 MAX3170CAI MAXIM |
3.3V, Multiprotocol, 3 Tx/3 Rx, Software-Selectable Clock/Data Transceiver( 3.3V,澶??璁?3Tx/3Rx,杞?欢???绋?????版??跺??? 3.3V, Multiprotocol, 3 Tx/3 Rx, Software- Selectable Clock/Data Transceiver 3.3V, Multiprotocol, 3 Tx/3 Rx, Software-Selectable Clock/Data Transceiver( 3.3V,多协3Tx/3Rx,软件可编程时数据收发 3.3V / Multiprotocol / 3 Tx/3 Rx / Software- Selectable Clock/Data Transceiver
|
MAXIM[Maxim Integrated Products] MAX3170 Maxim Integrated Products, Inc.
|
ADA4410-6ACPZ-R2 ADA4410-6ACPZ-R7 ADA4410-6ACPZ-RL |
Integrated Video Filter with Selectable Cutoff Frequencies for RGB, HD/SD Y, C, and CV SPECIALTY CONSUMER CIRCUIT, QCC32 Integrated Video Filter with Selectable Cutoff Frequencies for RGB, HD/SD Y, C, and CV 集成视频滤波器截止可选为RGB,频率高标清辎,C和简
|
Analog Devices, Inc.
|