PART |
Description |
Maker |
MC100EP16VA MC100EP17 MC100EP29 MC100EP35 MC100EP4 |
3.3V / 5V ECL Differential Receiver/Driver with High Gain 3.3V / 5V ECL Quad Differential Driver/Receiver 3.3V / 5V ECL Dual Differential Data and Clock D Flip?Flop With Set and Reset 3.3V / 5V ECL JK Flip?Flop 3.3V/5V ECL 8?Bit Serial/Parallel Converter 3.3V / 5V ECL Differential Data and Clock D Flip?Flop 3.3V / 5V ECL 4:1 Differential Multiplexer 3.3V / 5V ECL 2:1 Multiplexer 9?Bit TTL to ECL Translator 3.3V / 5V ECL 8?Bit Synchronous Binary Up Counter 3.3V / 5V ECL 2?Input Differential AND/NAND 3.3V / 5V ECL Quad 4?Input OR/NOR 3.3V / 5V ECL Quad 2?Input Differential AND/NAND 3.3 V / 5 V Hex Differential Line Receiver/Driver 3.3V / 5V ECL 1:2 Differential Fanout Buffer 3.3V / 5V ECL 卤2/4, 卤4/5/6 Clock Generation Chip 3.3V / 5V ECL Differential Receiver/Driver with Internal Termination 3.3V ECL Programmable Delay Chip 3.3V / 5V ECL D Flip?Flop with Set and Reset 3.3V / 5V ECL 卤2 Divider 3.3V / 5V ECL 卤4 Divider 3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter 3.3V / 5V ECL 6?Bit Differential Register with Master Reset 3.3V / 5V ECL D Flip?Flop with Reset and Differential Clock 3.3V / 5V ECL Dual Differential 2:1 Multiplexer 3.3V / 5V ECL Coaxial Cable Driver ?3.3V / ?5V Triple ECL Input to LVPECL/PECL Output Translator 3.3V LVTTL/LVCMOS to Differential LVPECL Translator
|
ONSEMI[ON Semiconductor]
|
MC100EP445 MC10H100MEL MC10E1651FNR2 NUP4201MR6T1 |
3.3V / 5VECL 8-Bit Serial/Parallel Converter Quad 2-Input NOR Gate With Strobe 5V, -5V ECL Dual ECL Output Comparator With Latch Low Capacitance Surface Mount TVS for High-Speed Data Interfaces -3.3V / -5V Triple ECL Input to PECL Output Translator 3.3V 10-bit LVTTL/LVCMOS to LVPECL Translator
|
ON Semiconductor
|
MC100EL90DW MC100EL90DWG MC100EL90DWR2 MC100EL90DW |
-3.3V / -5V Triple ECL Input to PECL Output Translator; Package: SOIC-20 WB; No of Pins: 20; Container: Rail; Qty per Container: 38 TRIPLE ECL TO PECL TRANSLATOR, COMPLEMENTARY OUTPUT, PDSO20 −3.3V / −5V Triple ECL Input to PECL Output Translator
|
ONSEMI[ON Semiconductor]
|
MC10E1651 |
5V, -5V ECL Dual ECL Output Comparator With Latch(5V/-5V ECL,双ECL输出比较器(带锁存器
|
ON Semiconductor
|
MAX5012 MAX5012AEPI MAX5012AEQI MAX5012BEPI MAX501 |
12-Bit, 100Msps ECL DAC PARALLEL, WORD INPUT LOADING, 0.013 us SETTLING TIME, 12-BIT DAC, PDIP28 12-Bit / 100Msps ECL DAC
|
Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products]
|
MC10EL04D MC10EL04DG MC10EL04DR2G MC10EL04DTR2 MC1 |
5V ECL 2-Input AND/NAND
|
ONSEMI[ON Semiconductor]
|
MC10E101 MC10E101FNR2G MC10E101-16 |
5V ECL Quad 4┸Input OR/NOR Gate
|
ON Semiconductor
|
MC10EL0706 MC100EL07DR2G MC10EL07DR2G MC10EL07MNR4 |
5.0 V ECL 2-Input XOR/XNOR
|
ONSEMI[ON Semiconductor]
|
MC10EP0506 MC100EP05DTR2G MC100EP05DR2G MC10EP05MN |
3.3V / 5V ECL 2−Input Differential AND/NAND
|
ONSEMI[ON Semiconductor]
|
MC100E104FN MC100E104FNG MC100E104FNR2 MC100E104FN |
5V ECL Quint 2-Input AND/NAND Gate
|
ONSEMI[ON Semiconductor]
|
SY100EP15V |
3.3V/5V 2.5GHz PECL/ECL 1:4 FANOUT BUFFER WITH 2:1 INPUT MUX
|
Micrel Semiconductor
|