PART |
Description |
Maker |
AD5447YRUZ-REEL AD5447YRUZ-REEL7 AD5440YRU-REEL |
Dual 12-Bit, High Bandwidth Multiplying DACs with Parallel Interface; Package: TSSOP; No of Pins: 24; Temperature Range: Industrial PARALLEL, WORD INPUT LOADING, 0.08 us SETTLING TIME, 12-BIT DAC, PDSO24 Dual 10-Bit, High Bandwidth Multiplying DACs with Parallel Interface; Package: TSSOP; No of Pins: 24; Temperature Range: Industrial
|
Analog Devices, Inc. ANALOG DEVICES INC
|
EVAL-AD5415EB AD5415YRU-REEL7 |
Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Serial Interface
|
Analog Devices, Inc.
|
CS5371 |
24-Bit Variable-Bandwidth, High-Performance, Single/Dual-Channel Delta-Sigma Modulators
|
Cirrus Logic
|
MC33074 MC34072 MC34072D MC33072P MC34071AD MC3407 |
(MC33071 / MC33072 / MC33074) HIGH BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS HIGH BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS DUAL OP-AMP, 7000 uV OFFSET-MAX, 4.5 MHz BAND WIDTH, PDSO8 HIGH BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS DUAL OP-AMP, 7000 uV OFFSET-MAX, 4.5 MHz BAND WIDTH, PDIP8
|
Motorola Mobility Holdings, Inc.
|
PI3C16226 PI3C16226B |
3.3V, HIGH-BANDWIDTH, 12-BIT TO 24-BIT MUX/DEMUX BUS SWITCH
|
Pericom Semiconductor Corporation
|
IDTQS3VH862 IDTQS3VH862PA IDTQS3VH862Q |
2.5V / 3.3V 10-BIT HIGH AND LOW ENABLE, HIGH BANDWIDTH BUS SWITCH
|
Integrated Device Technology
|
AD5450 AD5450YUJ AD5451 AD5451YUJ AD5452 AD5452YRM |
2.5 V to 5.5 V, 14-bit high bandwidth multiplying DAC with serial interface 12-Bit High Bandwidth Multiplying DACs with Serial Interface 10-Bit High Bandwidth Multiplying DACs with Serial Interface 8/10/12/14-Bit High Bandwidth Multiplying DACs with Serial Interface 8-Bit High Bandwidth Multiplying DACs with Serial Interface 5 #22 PVC PVC RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:5; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper; Features:Unshielded RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper; Features:Unshielded RoHS Compliant: Yes
|
Advanced Analogic Technologies AD[Analog Devices] Analog Devices, Inc.
|
IDTQS3VH2245 IDTQS3VH2245Q IDTQS3VH2245PA QS3VH224 |
QuickSwitch Products 3.3V 8-Bit Bus Switch for Hot Swap Applications QUICKSWITCH? PRODUCTS 2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH QUICKSWITCH PRODUCTS 2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
|
IDT[Integrated Device Technology]
|
DG251708 DG2517DN-T1-E4 DG2517DQ-T1-E3 DG2518DQ-T1 |
3-Ω, High Bandwidth, Dual SPDT Analog Switch 3-惟, High Bandwidth, Dual SPDT Analog Switch 3-ヘ, High Bandwidth, Dual SPDT Analog Switch
|
Vishay Siliconix
|
STG3682 |
Low Voltage High Bandwidth Dual SPDT Switch
|
ST Microelectronics
|
MIC4950007 MICRELINC-MIC49500-0.9WUTR |
5A Dual Supply, Low Voltage, High Bandwidth LDO
|
Micrel Semiconductor
|