PART |
Description |
Maker |
S-10 S-10KN |
18 Bit System Integrating A/D Processor w/ Voltage Reference 10ppm, 20L PDIP, EPAD Enabled 17 Bit System Integrating A/D Processor w/ Voltage Reference 20ppm, 20L PDIP, EPAD Enabled, Industrial Temp 10.80.8mm Max.(L】W), 13.0mm Max. Height. (S-10K) 10.80.8毫米最大。(长】宽),十三点○毫米最大。高度(第S - 1万)
|
SUMIDA CORPORATION. Sumida, Corp.
|
BL-B3134C |
17 Bit System Integrating A/D Processor w/ Voltage Reference 20ppm, 20L PDIP, EPAD Enabled
|
Bright LED Electronics Corp.
|
BL-B4534-1-L |
LED GaAsP/GaP Hi-Eff Red Low current requirement. 18 Bit System Integrating A/D Processor w/ Voltage Reference 20ppm, 20L PDIP, EPAD Enabled, Industrial Temp
|
Bright LED Electronics Corp.
|
TMP8700CH TMP8700CS TMP8700CK TMP8700CP TMPA8700CS |
High Speed And High Performance CMOS 8-bit Microcontroller,Integrating ROM、RAM,8-Bit A/D Converter,Remote Control Singnal Processor(高速、高性能、CMOS 8位微控制器(芯片集成6K字节ROMK字节位RAM,8位A/D转换器,远程控制信号处理器)) High Speed And High Performance CMOS 8-bit Microcontroller,Integrating ROM、RAM,8-Bit A/D Converter,Remote Control Singnal Processor(高速、高性能、CMOS 8位微控制器(芯片集成0K字节ROMK字节位RAM,8位A/D转换器,远程控制信号处理器)) High Speed And High Performance CMOS 8-bit Microcontroller,Integrating ROM、RAM,8-Bit A/D Converter,Remote Control Singnal Processor(高速、高性能、CMOS 8位微控制器(芯片集成4K字节ROMK字节位RAM,8位A/D转换器,远程控制信号处理器)) High Speed And High Performance CMOS 8-bit Microcontroller,Integrating ROM、RAM,8-Bit A/D Converter,Remote Control Singnal Processor(高速、高性能CMOS 8位微控制器(芯片集成8K字节ROMK字节位RAM,8位A/D转换器,远程控制信号处理器)) High Speed And High Performance CMOS 8-bit Microcontroller,Integrating ROM??AM,8-Bit A/D Converter,Remote Control Singnal Processor(楂??????ц???MOS 8浣?井?у??????????浜?2K瀛??ROM锛?K瀛??浣?AM,8浣?/D杞?????杩???у?淇″?澶?????)
|
Toshiba Corporation
|
ALD500ASWC ALD500ASC ALD500PC |
PRECISION INTEGRATING ANALOG PROCESSOR (17 bit) PRECISION INTEGRATING ANALOG PROCESSOR (16 bit)
|
Advanced Linear Devices
|
C9404MC |
Integrating optical system, image sensor and circuit
|
Hamamatsu Photonics
|
TMP47C415 TMP47C215 |
High Speed And High Performance 4-bit CMOS Single Chip Microcontroller,Integrating ROM, RAM,High Current Output Port And 4-Bit A/D Conversion Input(高速、高性能4位单片微控制器(芯片集成4096 x 8位ROM56 x 4位RAM、大电流输出端口4位A/D转换输入 High Speed And High Performance 4-bit CMOS Single Chip Microcontroller,Integrating ROM, RAM,High Current Output Port And 4-Bit A/D Conversion Input(高速、高性能4位单片微控制器(芯片集成048 x 8位ROM28 x 4位RAM、大电流输出端口4位A/D转换输入
|
Toshiba Corporation
|
TMP47C416 TMP47C216 |
High Speed And High Performance 4-bit CMOS Single Chip Microcontroller,Integrating ROM, RAM,High Current Output Port And 4-Bit A/D Conversion Input(高速、高性能4位单片微控制器(芯片集成4096 x 8位ROM56 x 4位RAM、大电流输出端口4位A/D转换输入 High Speed And High Performance 4-bit CMOS Single Chip Microcontroller,Integrating ROM, RAM,High Current Output Port And 4-Bit A/D Conversion Input(高速、高性能4位单片微控制器(芯片集成048 x 8位ROM28 x 4位RAM、大电流输出端口4位A/D转换输入
|
Toshiba Corporation
|
|