PART |
Description |
Maker |
AME8834BEEV200Z AME8834BEEV200Y AME8834BEEV200L AM |
High PSRR 150mA CMOS LDO High PSRR, 150mA CMOS LDO
|
AME[Analog Microelectronics]
|
YB1200SC70R120 YB1200SC70R360 YB1200SC70R130 |
150mA High PSRR with Auto-Discharge LDO Regulator
|
YOBON TECHNOLOGIES, INC.
|
YB1200SC82R120 YB1200SC70R130 YB1200SC70R120 YB120 |
150mA High PSRR with Auto-Discharge LDO Regulator
|
YOBON TECHNOLOGIES,INC.
|
ISL9016IRUJCZ-T ISL9016IRUFBZ-T ISL9016IRUFCZ-T |
150mA Dual LDO with Low Noise, High PSRR, and Low IQ
|
Renesas Electronics Corporation
|
P4SMA8.0 P4SMA9.0A P4SMA9.0C P4SMA9.0CA P4SMA9.0 P |
Reverse stand-off voltage: 110.00V surface mount transient voltage suppressor Single Output LDO, 200mA, Fixed(3.0V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(3.0V), Low Noise, High PSRR 5-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 200mA, Fixed(1.8V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Adj.(1.2 to 5.5V), Low Noise, High PSRR 6-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 250mA, Fixed(2.5V), High PSRR, Low Noise 6-SOT-223 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(4.7V), High PSRR, Low Noise 5-SOT-23 -40 to 125 IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,200.0 V; IC(max) @ 25°: 40.0 A; IC(max) @ 100°: 20.0 A Single Output LDO, 200mA, Fixed(2.85V), High PSRR, Low Noise 5-SOT-23 -40 to 85 Single Output LDO, 250mA, Fixed(1.8V), High PSRR, Low Noise 6-SOT-223 -40 to 85
|
ON Semiconductor Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics] http://
|
AME8852-AIT090 AME8852-AIT110K AME8852-AEV180 AME8 |
High PSRR, Low Noise, 150mA CMOS Regulator High PSRR, Low Noise, 150mA CMOS Regulator
|
Analog Microelectronics
|
AAT3215IGV-2.8-T1 AAT3215IGV-2.6-T1 AAT3215IGV-2.9 |
150mA CMOS High Performance LDO 150mA的LDO稳压器的CMOS高性能
|
Advanced Analog Technology,lnc. Advanced Analog Technology, Inc.
|
TC2054 TC2055 TC2186 TC2055-2.85VCTTR TC2055-2.7VC |
1.8 V FIXED POSITIVE LDO REGULATOR, 0.14 V DROPOUT, PDSO5 3.3 V FIXED POSITIVE LDO REGULATOR, 0.07 V DROPOUT, PDSO5 50mA / 100mA / and 150mA CMOS LDOs with Shutdown and Error Output 50mA, 100mA, and 150mA CMOS LDOs with Shutdown and Error Output The TC2054, TC2055, and TC2186 are high accuracy (typically ±0.4%) CMOS upgrades for older (bipolar) low dropout regulators. ... 2.8 V FIXED POSITIVE LDO REGULATOR, 0.14 V DROPOUT, PDSO5
|
MICROCHIP[Microchip Technology]
|
ILC7280AR2530X ILC7280AR2828X ILC7280AR2830X ILC72 |
Dual 0.15A Low Dropout Voltage Regulator Micropower Dual 150mA CMOS RF LDO Regulators Micropower Dual 150mA CMOS RF LDO-TM Regulators
|
FAIRCHILD[Fairchild Semiconductor]
|
B4151CK5 B4151 B4151CK5-4.5 B4151CK5-5.7 B4151CK5- |
5.8V 150mA CMOS low dropout LDO 2.7V 150mA CMOS low dropout LDO 3.3V 150mA CMOS low dropout LDO 3.4V 150mA CMOS low dropout LDO 2.3V 150mA CMOS low dropout LDO 5.7V 150mA CMOS low dropout LDO 150 mA CMOS Low Dropout LDO 4.5V 150mA CMOS low dropout LDO 2.2V 150mA CMOS low dropout LDO 2.8V 150mA CMOS low dropout LDO 3.5V 150mA CMOS low dropout LDO 3.1V 150mA CMOS low dropout LDO 2.1V 150mA CMOS low dropout LDO
|
Electronic Theatre Controls, Inc. ETC[ETC] BayLinear
|
AAT3218IJS-1.25-T1 |
150mA MicroPowerHigh Performance LDO 150mA的微功耗高性能的LDO 150mA MicroPower??High Performance LDO
|
Advanced Analog Technology,lnc. Advanced Analog Technology, Inc.
|