PART |
Description |
Maker |
ADP1148-3.3 ADP1148-5 ADP1148AN-3.3 ADP1148AR-3.3 |
InputV: 0.3-20V; 50mA; high efficiency synchronous step-down switching regulator. For notebook and palmtop computers, portable instrumnets, battery operated digital devices 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C High Efficiency Synchronous Step-Down Switching Regulators(高效率同步步降开关稳压器)
|
Analog Devices, Inc.
|
MAX649 MAX649CPA MAX649CSA MAX649EPA MAX649ESA MAX |
5V/3.3V/3V or Adjustable, High-Efficiency, 5V/3.3V/3V或可调,高效率, 5V/3.3V/3V or Adjustable / High-Efficiency / 5V/3.3V/3V or Adjustable High-Efficiency 5V/3.3V/3V or Adjustable, High-Efficiency, Low-I
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
TBA40-11EGWA TBA40-12EGWA TC40-11YWA TA40-11EWA TA |
The High Efficiency Red Source color Devices 5X7 DOT MATRIX DISPLAY, HIGH EFFICIENCY RED/GREEN, 101.6 mm
|
Kingbright, Corp. Kingbright Corporation. KINGBRIGHT[Kingbright Corporation] Kingbright Electronic
|
LTC1697 LTC1697EMS LTC1697EMSPBF |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS High Efficiency Low Power 1W CCFL Switching Regulator
|
LINEAR TECHNOLOGY CORP
|
LTC1929CG LTC1929IG LTC1929 LTC1929-PG |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 2-Phase, High Efficiency,Synchronous Step-Down Switching Regulators 2-Phase, High Efficiency,Synchronous Step-DownSwitching Regulators
|
Linear Technology Corporation
|
MUR360 MUR340 |
From old datasheet system Plastic High-Efficiency Rectifiers (Reverse Voltage 400 to 600V Forward Current 3.0A) (MUR340 / MUR360) Plastic High-Efficiency Rectifiers
|
List of Unclassifed Manufacturers ETC[ETC] SIYU Electronic Theatre Controls, Inc.
|
LTC1142-ADJ LTC1142HV-ADJ LTC1142HVCG-ADJ LTC1142L |
Dual High Efficiency Synchronous Step-Down Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS OCTAL BUS TRANSCEIVER O.C. 20-SO 0 to 70
|
Linear Technology Corporation
|
HER301 HER305 HER302 HER303 HER304 |
HIGH EFFICIENCY RECTIFIERS(3.0A,50-400V) HIGH EFFICIENCY RECTIFIERS(3.0A/50-400V) 28000 GATE 3.3 VOLT LOGIC CELL ARRAY - NOT RECOMMENDED for NEW DESIGN
|
MOSPEC[Mospec Semiconductor] MOSPEC SEMICONDUCTOR CORP.
|
LTC1911-1.8 LTC1911-1.5 LTC1911EMS8-1.5PBF LTC1911 |
Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C SWITCHED CAPACITOR REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO8 250mA Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
FDMQ8403 |
100V N-Channel PowerTrenchMOSFET GreenBridgeSeries of High-Efficiency Bridge Rectifiers GreenBridgeTM Series of High-Efficiency Bridge Rectifiers N-Channel PowerTrench? MOSFET
|
Fairchild Semiconductor
|
UF1A-UF1M HS1A-HS1M UF1J |
SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) GLASS PASSIVATED RECTIFIERS Glass High Efficiency Rectifiers Glass Ultrafast Recovery Rectifiers
|
HY ELECTRONIC CORP.
|
AIC1578 AIC1578CN AIC1578CS |
High-Efficiency, Step-Down DC/DC Converter 高效率,降压DC / DC转换 High-Efficiency/ Step-Down DC/DC Converter
|
Analog Integrations, Corp. AIC[Analog Intergrations Corporation] Analog Integrations Corporation
|