PART |
Description |
Maker |
ADP1148-3.3 ADP1148-5 ADP1148AN-3.3 ADP1148AR-3.3 |
InputV: 0.3-20V; 50mA; high efficiency synchronous step-down switching regulator. For notebook and palmtop computers, portable instrumnets, battery operated digital devices 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C High Efficiency Synchronous Step-Down Switching Regulators(高效率同步步降开关稳压器)
|
Analog Devices, Inc.
|
41PCT170T4-R/G/G/G |
T-1 DUAL COLOR LED ARRAY, HIGH EFFICIENCY RED/HIGH EFFICIENCY GREEN, 3 mm
|
LEDTRONICS INC
|
MAX649 MAX649CPA MAX649CSA MAX649EPA MAX649ESA MAX |
5V/3.3V/3V or Adjustable, High-Efficiency, 5V/3.3V/3V或可调,高效率, 5V/3.3V/3V or Adjustable / High-Efficiency / 5V/3.3V/3V or Adjustable High-Efficiency 5V/3.3V/3V or Adjustable, High-Efficiency, Low-I
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
LTC1929CG LTC1929IG LTC1929 LTC1929-PG |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 2-Phase, High Efficiency,Synchronous Step-Down Switching Regulators 2-Phase, High Efficiency,Synchronous Step-DownSwitching Regulators
|
Linear Technology Corporation
|
CS3972YTVA5 CS3972YTHA5 CS3972 CS3972YDW16 CS3972Y |
1.25A High Efficiency Switching Regulator 5V/ 750mA Linear Regulator with RESET RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS
|
CHERRY[Cherry Semiconductor Corporation] ZF Electronics Corporation
|
HER301 HER305 HER302 HER303 HER304 |
HIGH EFFICIENCY RECTIFIERS(3.0A,50-400V) HIGH EFFICIENCY RECTIFIERS(3.0A/50-400V) 28000 GATE 3.3 VOLT LOGIC CELL ARRAY - NOT RECOMMENDED for NEW DESIGN
|
MOSPEC[Mospec Semiconductor] MOSPEC SEMICONDUCTOR CORP.
|
LTC1911-1.8 LTC1911-1.5 LTC1911EMS8-1.5PBF LTC1911 |
Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C SWITCHED CAPACITOR REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO8 250mA Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
FAN5307SX FAN5307 FAN5307MP15X FAN5307MP18X FAN530 |
High-efficiency step-down DC/DC converter 0.7 A SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, PDSO5 High-Efficiency Step-Down DC-DC Converter
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
LTC3639IMSEPBF LTC3639EMSEPBF LTC3639MPMSEPBF |
High Efficiency, 150V High Efficiency, 150V Step-Down Regulator
|
Linear Technology
|
AIC1578 AIC1578CN AIC1578CS |
High-Efficiency, Step-Down DC/DC Converter 高效率,降压DC / DC转换 High-Efficiency/ Step-Down DC/DC Converter
|
Analog Integrations, Corp. AIC[Analog Intergrations Corporation] Analog Integrations Corporation
|
STTH802C 8723 STTH802CB STTH802CB-TR STTH802CFP ST |
HIGH EFFICIENCY ULTRAFAST DIODE 高效超快二极 From old datasheet system HIGH EFFICIENCY ULTRAFAST DIODE
|
STMicroelectronics N.V. ST Microelectronics
|