PART |
Description |
Maker |
CAT93C46 CAT93C56U-1.8TE13 CAT93C46J-1.8TE13 CAT93 |
8K x 8 Magnetic Nonvolatile CMOS RAM 微型导线串行EEPROM FLEx36™ 3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM 微型导线串行EEPROM Microwire Serial EEPROM 微型导线串行EEPROM Spread Aware, Eight Output Zero Delay Buffer SL811HS Embedded USB Host/Slave Controller 3.3V, 160-MHz, 1:12 Clock Distribution Buffer 1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM Microwire Serial EEPROM
|
Diodes, Inc. BCD Semiconductor Manufacturing, Ltd. CATALYST
|
93LC76-/P 93LC76-I/P 93LC76-I/SN 93LC76-/SN 93LC86 |
1K X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 8K/16K 2.5V Microwire Serial EEPROM
|
http:// Microchip Technology
|
93C76T-I/P 93C86T-I/P 93C86-/SN 93C86-/P 93C76-/SN |
8K/16K 5.0V Microwire Serial EEPROM
|
Microchip Technology Inc. http://
|
93LC86-P |
8K/16K 2.5V Microwire Serial EEPROM
|
Microchip Technology
|
93LC76-IP |
8K/16K 2.5V Microwire Serial EEPROM
|
Microchip
|
93AA76 21130D |
8K/16K 1.8V Microwire ? Serial EEPROM From old datasheet system
|
Microchip
|
93C86T-I_SN 93C76-_P 93C76-_SN 93C76_04 93C76-E_P |
Note:This product is not recommended for new designs. Please consider 93C86C instead. 8K/16K 5.0V Microwire Serial EEPROM
|
MICROCHIP[Microchip Technology]
|
CAT93C66 CAT93C66U-TE13 CAT93C57YA-TE13 CAT93C66K- |
64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 64 X 16 MICROWIRE BUS SERIAL EEPROM, DSO8 128 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 256 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 4-kb, 1 MHz @ 4.5 V, 500 kHz @ 2.5 V, 250 kHz @ 1.8 V
|
ON SEMICONDUCTOR Catalyst Semiconductor
|
93LC46AB 93LC46B 93LC46B-ST 93LC46A 93LC46A-IP 93L |
64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 Microwire Serial EEPROM 微型导线串行EEPROM 1K 2.5V Microwire Serial EEPROM
|
Microchip Technology, Inc. MICROCHIP[Microchip Technology] http://
|
IS93C76A IS93C86A-3ZLI IS93C76A-2GRI IS93C76A-2GRL |
8K-BIT/16K-BIT SERIAL ELECTRICALLY ERASABLE PROM 1K X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 8K-BIT/16K-BIT SERIAL ELECTRICALLY ERASABLE PROM 512 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 Rectangular Industrial Connector Housing; Series:C-146; No. of Contacts:10; Gender:Female; Body Material:Aluminum Alloy; Connecting Termination:Screw; Features:Spring Cover; For Use With:C146 Rectangular Circular Connectors RoHS Compliant: Yes Rectangular Industrial Connector Housing; Series:C-146; No. of Contacts:10; Gender:Female; Body Material:Aluminum Alloy; Connecting Termination:Screw; For Use With:C146 Rectangular Circular Connectors; Operating Voltage:400V RoHS Compliant: Yes
|
Integrated Silicon Solution, Inc. ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution Inc
|
93C66AIMS 93C66AIMSG 93C66AIOT 93C66AIOTG 93C66AIP |
From old datasheet system 4K Microwire Compatible Serial EEPROM 93AA66A/B/C, 93LC66A/B/C, and 93C66A/B/C 4K Microwire-Compatible Serial EEPROM
|
MICROCHIP[Microchip Technology]
|