PART |
Description |
Maker |
74LCX162374 74LCX162374GX 74LCX162374MEA 74LCX1623 |
Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs and 26з Series Resistors LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 16-Bit D-Type Flip-Flop LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs and 26 Series Resistors From old datasheet system Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs and 26-Ohm Series Resistors Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs and 26 Ohm Series Resistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74LCX16374MTD 74LCX16374 74LCX16374G 74LCX16374MEA |
Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs 低电6位D类触发器V容限输入和输出拖 Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs; Package: TSSOP; No of Pins: 48; Container: Tape & Reel LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74LVX16373 74LVX16373TTR |
LOW VOLTAGE CMOS 16-BIT D-TYPE LATCH (3-STATE) WITH 5V TOLERANT INPUT LOW VOLTAGE CMOS 16-BIT D-TYPE LATCH (3-STATE) WITH 5V TOLERANT INPUTS From old datasheet system
|
ST Microelectronics STMicroelectronics
|
74VCXH162374 74VCXH162374MTD 74VCXH162374MTX |
Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26 Ohm Series Resistors in Outputs Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26-Ohm Series Resistors in Outputs Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26ヘ Series Resistors in Outputs Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26 Series Resistors in Outputs Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26Ω Series Resistors in Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74LCX162373 74LCX162373GX 74LCX162373MEA 74LCX1623 |
8-Bit D-Type Latch LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26з Series Resistor Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26 Series Resistor From old datasheet system Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26-Ohm Series Resistor Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26 Ohm Series Resistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74ALVC16374 74ALVC16374GX 74ALVC16374MTD 74ALVC163 |
16-Bit D-Type Flip-Flop 16D型触发器 From old datasheet system Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs
|
ON Semiconductor Fairchild Semiconductor
|
74LCXH16373 74LCXH16373MTD 74LCXH16373GX 74LCXH163 |
Low Voltage 16-Bit Transparent Latch with Bushold From old datasheet system 8-Bit D-Type Latch LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
28C17A-25/P 28C17A-25/L 28C17A-25I/L 28C17A-25I/P |
5V, Low-Power, Parallel-Input, Voltage-Output, 12-Bit DAC 128Kx8 EEPROM 12-Bit DACs with 32-Channel Sample-and-Hold Outputs Evaluation Kit/Evaluation System for the MAX5417_, MAX5418_, MAX5419_ Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface 5V, Low-Power, Voltage-Output, Serial 12-Bit DACs 10-Bit Voltage-Output DACs in 8-Pin µMAX Single-Supply 3V/5V, Voltage-Output, Dual, Precision 10-Bit DACs x8的EEPROM
|
Microchip Technology, Inc.
|
74VCXH16374DTR |
Low-Voltage 1.8/2.5/3.3V 16-Bit D-Type Flip-Flop
|
ON Semiconductor
|
MC74LCX16240DTR2 MC74LCX16244DTG MC74LCX16244DTR2 |
Low?Voltage CMOS 16?Bit Buffer With 5 V?Tolerant Inputs and Outputs (3?State, Inverting) Low?Voltage CMOS 16?Bit Buffer With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low?Voltage CMOS 16?Bit Transceiver With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low?Voltage CMOS 16?Bit Transparent Latch With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low−Voltage CMOS 16−Bit D−Type Flip−Flop With 5 V−Tolerant Inputs and Outputs (3−State, Non−Inverting) Low?Voltage CMOS 16?Bit D?Type Flip?Flop With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting)
|
ONSEMI[ON Semiconductor]
|
74VCXH16374MTD 74VCXH16374 74VCXH16374GX |
Low Voltage 16-Bit D-Type Flip-Flop with Bushold
|
FAIRCHILD[Fairchild Semiconductor]
|
TC74VCX162841FT |
LOW VOLTAGE 20-BIT D-TYPE LATCH WITH 3.6V TOLERANT INPUTS AND OUTPUTS
|
TOSHIBA[Toshiba Semiconductor]
|