PART |
Description |
Maker |
28C17A-25/K 28C17A-25I/K 28C17AF-25/K 28C17A-20/K |
5V, Low-Power, Parallel-Input, Voltage-Output, 12-Bit DAC 12-Bit DACs with 32-Channel Sample-and-Hold Outputs Evaluation Kit/Evaluation System for the MAX5417_, MAX5418_, MAX5419_ 128Kx8 EEPROM 5V, Low-Power, Voltage-Output, Serial 12-Bit DACs 10-Bit Voltage-Output DACs in 8-Pin µMAX Single-Supply 3V/5V, Voltage-Output, Dual, Precision 12-Bit DACs x8的EEPROM
|
STMicroelectronics N.V.
|
AD7718 AD7718BR AD7718BRU AD7708BR AD7708BRU EVAL- |
24-Bit, 8/10-Channel, Low Voltage, Low Power, Sigma Delta ADC; Package: SOIC - Wide; No of Pins: 28; Temperature Range: Industrial 10-CH 24-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO28 16-Bit 8/10-Channel, Low Voltage, Low Power, Sigma Delta ADC; Package: SOIC - Wide; No of Pins: 28; Temperature Range: Industrial 10-CH 16-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO28 8-/10-Channel, Low Voltage, Low Power, ADCs 10-CH 24-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO28 8-/10-Channel, Low Voltage, Low Power, ADCs 10-CH 16-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO28 8-/10-Channel, Low Voltage, Low Power, ADCs 8-/10-Channel,低电压,低功耗,ADC 8-/10-Channel, Low Voltage, Low Power, ADCs 8-/10-Channel/ Low Voltage/ Low Power/ ADCs
|
Analog Devices, Inc.
|
AD551603 EVAL-AD5516-3EB AD5516-15 |
16-Channel, 12-Bit Voltage-Output DAC with 14-Bit Increment Mode
|
Analog Devices
|
AD5382BST-3-REEL AD5384BBC-5 AD5382BST-5 AD5383BST |
CONNECTOR ACCESSORY 32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC SERIAL INPUT LOADING, 8 us SETTLING TIME, 14-BIT DAC, PBGA100
|
Analog Devices, Inc.
|
AD5392BCP-5 AD5391BST-3-REEL AD5390BCP-3-REEL AD53 |
Quad 12-bit 125MSPS ADC with serialized LVDS output 64-VQFN -40 to 85 8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs SERIAL INPUT LOADING, 8 us SETTLING TIME, 14-BIT DAC, QCC64
|
Analog Devices, Inc. ANALOG DEVICES INC
|
CA308T_S_AT_AS CA308T/S/AT/AS CA108S/AT/AS CA208S/ |
5V range 8-bit MCU with 8 to 32K Flash, 10-bit ADC, 4 timers, SPI, SCI interface Triple 2-channel analog multiplexer/demultiplexer 12 A Snubberless", logic level and standard triacs Voltage-FeedbackOperationalAmplifier
|
|
ST63P56 ST6356 ST6357 ST6327 ST6326 ST63PXX ST6306 |
MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-20V; Continuous Drain Current, Id:-3.8A; On-Resistance, Rds(on):0.062ohm; Rds(on) Test Voltage, Vgs:-4.5V; Package/Case:8-1206; Leaded Process Compatible:No 8位微控制器HCMOS背驮式电视应 (ST63Pxx) 8 Bit HCMOS Piggyback MCUs for TV Applications 8-BIT HCMOS PIGGYBACK MCUs FOR TV APPLICATIONS
|
STMicroelectronics N.V. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
MAX5732AETN MAX5732ACTN MAX5734CCTN MAX5734BETN MA |
32-Channel, 16-Bit, Voltage-Output DACs with Serial Interface 32-Channel 16-Bit Voltage-Output DACs with Serial Interface
|
MAXIM[Maxim Integrated Products]
|
AD5380BST-3 AD5380BST-3-REEL AD5380BST-5-REEL |
40-Channel 14-Bit 3 V/5 V Single-Supply Voltage-Output DAC
|
Analog Devices
|
AD5360BCPZ-REEL71 AD5360BSTZ1 AD536008 AD5360BSTZ- |
16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
|
Analog Devices
|
|