PART |
Description |
Maker |
PA0229NL |
SMT Power Inductors Power Beads - Volta 1 & 2 series
|
Pulse A Technitrol Company
|
MAX5250 MAX5250ACAP MAX5250ACPP MAX5250AEAP MAX525 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?碌F Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?掳C to 85?掳C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C SERIAL INPUT LOADING, 10 us SETTLING TIME, 10-BIT DAC, PDIP20 Low-Power / Quad / 10-Bit Voltage-Output DAC with Serial Interface Low-Power, Quad, 10-Bit Voltage-Output DAC with Serial Interface Low-Power Quad 10-Bit Voltage-Output DAC with Serial Interface From old datasheet system
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
TC3403 TC3403VPE |
The TC3403 is a low cost, low power analog-to-digital converter based on Microchip’s Sigma-Delta technology. It will perform 16-bit conversions (15-bit plus sign) at up to eight per second. The TC3403 is optimized for use as a microc 1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor and Microprocessor Reset Circuit
|
Microchip Microchip Technology Inc.
|
5962-8961603VX 5962-8961604VX 5962-8961601VX |
2.7V to 5.25V Low-Power 8-Channel Serial 10-Bit ADCs Analog-to-Digital Converter8-Bit ±15kV ESD-Protected, Quad, Low-Power RS-232 Line Receiver 模拟到数字转换器
|
TE Connectivity, Ltd.
|
LTC1456 LTC1456IS8 LTC1456C LTC1456CN8 LTC1456CS8 |
Low-Power LinCMOS(TM) Quad Comparator with Totem Pole Output 14-CDIP -55 to 125 SERIAL INPUT LOADING, 14 us SETTLING TIME, 12-BIT DAC, PDSO8 Low-Power LinCMOS(TM) Quad Comparator with Totem Pole Output 20-LCCC -55 to 125 Low-Power LinCMOS(TM) Quad Comparator with Totem Pole Output 14-SOIC -55 to 125 12-Bit Rail-to-Rail Micropower DAC with Clear Input
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
MAX3093E MAX3093ECPE MAX3093ECSE MAX3093ECUE MAX30 |
±15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers Replaced by TMS320C6455 : Multimedia Video Processor 305-CPGA ??5kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers Floating-Point Digital Signal Processor 256-BGA QUAD LINE RECEIVER, PDSO16 15kV ESD-Protected / 10Mbps / 3V/5V / Low-Power Quad RS-422/RS-485 Receivers " ?à15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers" 15kV ESD-Protected 10Mbps 3V/5V Low-Power Quad RS-422/RS-485 Receivers 【15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers ±15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers
|
MAXIM - Dallas Semiconductor MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
OP400EY OP400HP OP400FY OP400GP OP400GS OP400HS OP |
Quad Low-Offset, Low-Power Operational Amplifier QUAD OP-AMP, 220 uV OFFSET-MAX, 0.5 MHz BAND WIDTH, CDIP14 CAP CERAMIC 22PF 25V 0603 RF SMD Quad Low-Offset / Low-Power Operational Amplifier
|
Analog Devices, Inc.
|
LTC1418ACN LTC1418AIN LTC1418C LTC1418I LTC1418IN |
Low Power, 14-Bit, 200ksps ADC with Serial and Parallel I/O 低功耗,14位,高达200ksps的串行和并行I ADC的输输出 Quad, Low Voltage, LinCMOS(TM) Differential Comparator 14-SOIC 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PDIP28 Quad, Low Voltage, LinCMOS(TM) Differential Comparator 14-TSSOP 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PDIP28 Low Power/ 14-Bit/ 200ksps ADC with Serial and Parallel I/O
|
Linear Technology, Corp.
|
7405PC 7406PC 7410DC 7403PC 7409PC 7403DC 74107PC |
21-Bit Deserializers with Programmable Spread Spectrum and DC Balance Ultra-Low-Power, Single/Dual Supply Comparator with 1% Precision Reference Quad 2-input AND Gate Quad 2-input NAND Gate 4-Bit Buffer/Driver Hot-Swappable, 21-Bit, DC-Balanced LVDS Deserializers Monostable Multivibrator CERAMIC CHIP/MIL-PRF-55681 陶瓷芯片/mil-prf-55681
|
Rochester Electronics, LLC
|
LTC2170CUKG-12PBF LTC2170CUKG-12TRPBF LTC2170IUKG- |
12-Bit, 65Msps/40Msps/ 25Msps Low Power Quad ADCs
|
Linear Technology
|
ICM7620T ICM7610 ICM7610T ICM7610TG ICM7600 ICM760 |
12/10/8-Bit Low Power Voltage Output Quad DACs With Parallel Interface
|
IC MICROSYSTEMS
|