PART |
Description |
Maker |
RIF-1-RSC-LDP-24DC |
Pre-assembled relay module with screw connection, consisting of: relay base, relay retaining bracket, and power contact relay with test button, integrated status LED, and freewheeling diode.
|
PHOENIX CONTACT
|
RIF-2-RSC-LV-120AC |
Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, plug-in display/interference suppression module, and retaining bracket.
|
PHOENIX CONTACT
|
RIF-2-RSC-LDP-24DC |
Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, and retaining bracket. Contact type: 4 changeover contacts. Input voltage: 24 V DC
|
PHOENIX CONTACT
|
RIF-0-RPT-12DC |
Pre-assembled relay module with push-in connection, consisting of: relay base with ejector and multi-layer gold contact relay. Contact type: 1 N/O contact. Input voltage: 12 V DC
|
PHOENIX CONTACT
|
ARE13A03Z |
2.6GHz Relay, 1 Form C, 0.5A 30VDC Relay, 75ohms, SMD RF RELAY, SPDT, MOMENTARY, 0.067A (COIL), 3VDC (COIL), 200mW (COIL), 0.01A (CONTACT), 24VDC (CONTACT), 2600MHz, SURFACE MOUNT-STRAIGHT
|
Panasonic, Corp.
|
PVD13 |
Photovoltaic Relay Microelectronic Power IC Relay Single-Pole, 500mA, 0-100V DC
|
International Rectifier
|
G5LA-1-DC5 G5LA-14DC5 |
A Cubic, Single-pole 10A Power Relay PCB Relay
|
Omron Electronics LLC
|
2W10 2W01 |
Solid-State Panel Mount Relay; RELAY SSR 25A 120VAC AC-INZERO-X
|
Bytes
|
CPC1981Y |
Power SIP Relay TRANSISTOR OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
Clare, Inc.
|
ST4P2LC4 ST4P3LB2 ST4P3LC4 ST4P3SM5 ST4P3TP0 ST3P2 |
Relay package consisting of DIN-rail socket and relay
|
Tyco Electronics
|
G2RK-1A G2R-1A-E G2R-1A-H G2R-1 G2R-1-E G2R-1-H G2 |
PCB Relay A Power Relay for a Variety of Purposes with Various Models
|
Omron Electronics LLC
|
EBS26UC6APS-80 EBS26UC6APS EBS26UC6APS-75 EBS26UC6 |
RELAY,SOLID,STATE,SPST 32M X 64 SYNCHRONOUS DRAM MODULE, 5.4 ns, DMA144 RELAY OPTO 120MA W/SURGE 8-DIP RELAY OPTOMOS 250MA 6-SMD AC Solid State Switch using optical coupling with dual power SCR outputs Dual Pole Normally Open: 2-Form-A 256MB SDRAM S.O.DIMM
|
ELPIDA MEMORY INC Elpida Memory, Inc. ELPIDA[Elpida Memory]
|
|