PART |
Description |
Maker |
RIF-4-RPT-LV-230AC |
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, plug-in display/suppressor module, and retaining bracket.
|
PHOENIX CONTACT
|
FDJ1028N |
Plug-In Relay; Contacts:DPDT; Contact Carry Current:12A; Coil Voltage AC Max:12V; Relay Mounting:Plug-In; Relay Terminals:8-Pin Octal; Relay Options:Hermetically Sealed; Coil Resistance:72ohm; Contact Carrying Power:1.2W RoHS Compliant: Yes N-Channel 2.5 Vgs Specified PowerTrench MOSFET
|
Fairchild Semiconductor Corporation
|
RIF-1-RSC-LV-120AC |
Pre-assembled relay module with screw connection, consisting of: relay base, multi-layer contact relay, plugin display/interference suppression module, and retaining bracket.
|
PHOENIX CONTACT
|
RIF-0-RPT-24DC |
Pre-assembled relay module with push-in connection, consisting of: relay base with ejector and multi-layer gold contact relay. Contact type: 1 N/O contact. Input voltage: 24 V DC
|
PHOENIX CONTACT
|
RIF-0-RPT-12DC |
Pre-assembled relay module with push-in connection, consisting of: relay base with ejector and multi-layer gold contact relay. Contact type: 1 N/O contact. Input voltage: 12 V DC
|
PHOENIX CONTACT
|
RIF-0-RSC-24DC |
Pre-assembled relay module with screw connection, consisting of: relay base with ejector and multi-layer gold contact relay. Contact type: 1 N/O contact. Input voltage: 24 V DC
|
PHOENIX CONTACT
|
FTR-K3LAB024W-PV FTR-K3L-PV FTR-K3LAB012W-PV |
POWER RELAY 1 POLE - 32A, 1.5mm contact gap latching relay
|
Fujitsu Component Limited.
|
PLC-BSC-48DC FBST500-PLCBU |
Solid-state relay module Universal PLC Interface with PDT Relay
|
PHOENIX CONTACT
|
FTR-K2WAK012W |
POWER RELAY 1 POLE - 30A DC Relay 2 x 3.2mm contact gap
|
Fujitsu Component Limited.
|
HG2-AC12V HG3-AC24V HG3-DC24V HG4-AC115V HG4-AC24V |
High Capacity Power Relay, 20A POWER/SIGNAL RELAY, DPDT, MOMENTARY, 3600mW (COIL), DIN-RAIL MOUNT High Capacity Power Relay, 20A POWER/SIGNAL RELAY, 3PDT, MOMENTARY, 5200mW (COIL), DIN-RAIL MOUNT High Capacity Power Relay, 20A POWER/SIGNAL RELAY, 3PDT, MOMENTARY, 0.066A (COIL), 24VDC (COIL), 1600mW (COIL), DIN-RAIL MOUNT High Capacity Power Relay, 20A POWER/SIGNAL RELAY, 4PDT, MOMENTARY, 7600mW (COIL), SOCKET MOUNT POWER/SIGNAL RELAY, 4PDT, MOMENTARY, 0.013A (COIL), 200VDC (COIL), 2100mW (COIL), SOCKET MOUNT 20 AMP POWER RELAY
|
Panasonic, Corp. PANASONIC CORP Panasonic Semiconductor
|
DSP1LDC9VRF DSP2ALDC9VRF DSP1DC9VRF DSP1ALDC9VRF D |
8 A MINIATURE POWER RELAY IN DS RELAY SERIES Latching types available
|
Panasonic Semiconductor
|